Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS1086CE2.5 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # GS1086CE2.5
Description  1.5A Low Dropout Positive Adjustable Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GS1086CE2.5 Datasheet(HTML) 3 Page - Vishay Siliconix

  GS1086CE2.5 Datasheet HTML 1Page - Vishay Siliconix GS1086CE2.5 Datasheet HTML 2Page - Vishay Siliconix GS1086CE2.5 Datasheet HTML 3Page - Vishay Siliconix GS1086CE2.5 Datasheet HTML 4Page - Vishay Siliconix GS1086CE2.5 Datasheet HTML 5Page - Vishay Siliconix GS1086CE2.5 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
GS1086
Vishay Semiconductors
formerly General Semiconductor
Document Number 74801
www.vishay.com
12-Mar-02
3
Electrical Characteristics(1) (con’t.) TJ = 25°C(2), VIN = 5V, Io = 10mA unless otherwise noted.
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Quiescent Current
IQ
0°C
≤ TJ ≤ 125°C10
14
mA
Fixed Voltage Version
RMS Output Noise
N
10HZ
≤ f ≤ 10 kHZ
0.003
%VO
Ripple Rejection Ratio
RR
f = 120 HZ, CO = 25
µF
60
68
dB
Cadj = 25
µF
Thermal Regulation
RTH
TA = 25°C, 30ms Pulse
0.02
0.05
%/W
Long Term Stability
TA = 125°C, 1000 Hrs
0.3
%VO
Notes:
(1) All parameters, except nominal output voltage are specified for the variable voltage version, allowing a wider Vin Range.
The specified limits also apply for the fixed voltage versions over the allowable input voltage range: GS1086-2.5 (3.9V - 7.0V), GS1086-2.85 (4.25V - 7.0V),
GS1086-3.3 (4.75V - 7.0V), GS1086-5 (6.4V - 7.0V).
(2) To maintain the specified junction temperatures, low duty cycle pulse testing is required for most parameters.
Notes:
VREF = VOUT – VADJ = 1.25V (typ.)
VOUT = VREF x (1+R2/R1) + IADJ x R2
IADJ = 55
µA (typ.)
(1) C1 needed if device is far away from filter capacitors
(2) C2 required for stability
Typical Application Circuit
VIN
5V
VOUT
3.3V
C1
10
µF
C2
10
µF
ADJ
VREF
1
32
R1
125
Ω
1%
R2
205
Ω
1%
GS1086
Adjustable Voltage Regulator
+
+
VIN
5V
VOUT
C1
10
µF
C2
10
µF
1
32
GS1086-2.5
GS1086-2.85
GS1086-3.3
GS1086-5
Fixed Voltage Regulator
+
+



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com