Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSF3605S Datasheet(PDF) 2 Page - GOOD-ARK Electronics

Part # SSF3605S
Description  30V P-Channel MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

SSF3605S Datasheet(HTML) 2 Page - GOOD-ARK Electronics

  SSF3605S Datasheet HTML 1Page - GOOD-ARK Electronics SSF3605S Datasheet HTML 2Page - GOOD-ARK Electronics SSF3605S Datasheet HTML 3Page - GOOD-ARK Electronics SSF3605S Datasheet HTML 4Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.goodark.com
Page 2 of 4
Rev.1.0
SSF3605S
30V P-Channel MOSFET
ELECTRICAL CHARACTERISTICS (TA=25℃unless otherwise noted)
Parameter
Symbol
Condition
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
VGS=0V ID=-250μA
-30
V
Zero Gate Voltage Drain Current
IDSS
VDS=-30V,VGS=0V
-1
μA
Gate-Body Leakage Current
IGSS
VGS=±20V,VDS=0V
±100
nA
ON CHARACTERISTICS (Note 3)
Gate Threshold Voltage
VGS(th)
VDS=VGS,ID=-250μA
-1.4
-1.9
-2.7
V
VGS=-10V, ID=-20A
6.3
7.4
mΩ
Drain-Source On-State Resistance
RDS(ON)
VGS=-20V, ID=-20A
5.1
7
mΩ
Forward Transconductance
gFS
VDS=-5V,ID=-20A
35
S
DYNAMIC CHARACTERISTICS (Note4)
Input Capacitance
Clss
4300
PF
Output Capacitance
Coss
1000
PF
Reverse Transfer Capacitance
Crss
VDS=-15V,VGS=0V,
F=1.0MHz
750
PF
SWITCHING CHARACTERISTICS (Note 4)
Turn-on Delay Time
td(on)
20
nS
Turn-on Rise Time
tr
30
nS
Turn-Off Delay Time
td(off)
50
nS
Turn-Off Fall Time
tf
VDS=-15V,VGS=-10V,RGEN=3Ω
ID=1A
35
nS
Total Gate Charge
Qg
95
nC
Gate-Source Charge
Qgs
20
nC
Gate-Drain Charge
Qgd
VDS=-15V,ID=-15A,VGS=-10V
30
nC
Body Diode Reverse Recovery Time
Trr
40
nS
Body Diode Reverse Recovery Charge
Qrr
IF=-15A, dI/dt=100A/µs
30
nC
DRAIN-SOURCE DIODE CHARACTERISTICS
Diode Forward Voltage (Note 3)
VSD
VGS=0V,IS=-1A
-0.72
-1
V
NOTES:
1. Repetitive Rating: Pulse width limited by maximum junction temperature.
2. Surface Mounted on 1in
2 FR4 Board, t ≤ 10 sec.
3. Pulse Test: Pulse Width ≤ 300μs, Duty Cycle ≤ 2%.
4. Guaranteed by design, not subject to production testing.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com