Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LL700 Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # LL700
Description  SURFACE MOUNT FAST SWITCHING DIODE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

LL700 Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  LL700 Datasheet HTML 1Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Low forward rise voltage (VF
Extremely low reverse current IR
Parameter
Symbol
Rating
Unit
Reverse Voltage (DC)
LL700A
VR
30
V
LL700
15
Peak Reverse Voltage
LL700A
VRM
30
V
Forward Current (DC)
IF
30
mA
Peak Forward Current
IFM
150
mA
Junction Temperature
Tj
125
OC
Storage Temperature Range
TS
-55 to +125
OC
Characteristics at Ta = 25
oC
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
VF1
IF = 1mA
-
-
0.4
Forward Voltage (DC)
VF2
IF = 30mA
-
-
1
V
LL700
VR = 15V
-
-
100
Reverse
Current (DC)
LL700A
IR
VR = 30V
-
-
150
nA
Terminal Capacitance
Ct
VR = 1V, f = 1MHz
-
1.3
-
pF
Reverse Recovery Time*
trr
IF = IR = 10mA
Irr = 1mA, RL = 100Ω
-
1
-
ns
Detection Efficiency
η
Vin = 3V(peak), f = 30MHz
RL = 3.9kΩ, CL = 10pF
-
60
-
%
Note: (1) Schottky barrier diode is sensitive to electric shock (static electricity, etc.). Due attention must be paid on
Note: (1) the charge of a human body and the leakage of current from the operating equipment.
Note: (2) Rated input / output frequency: 2,000MHz.
Note: (3) *: trr measuring instrument
LL700 - LL700A
Features
Maximum Ratings @ TA = 25°C unless otherwise specified
detection efficiency
Small temperature coefficient of
forward characteristic
) and satisfactory
wave
!
!
!
!
Case: SOD-80/LL34, Glass
Terminals: Solderable per MIL-STD-202,
Method 208
Polarity: Cathode Band
Weight: 0.05 grams (approx.)
Mechanical Data
!
!
!
!
LL34/ SOD-80
A
C
B
Dim
Min
Max
A
3.30
3.70
B
1.30
1.60
C
0.28
0.50
All Dimensions in mm
LL700
15
SURFACE MOUNT FAST SWITCHING DIODE


Similar Part No. - LL700

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
LL700 SEMTECH_ELEC-LL700 Datasheet
153Kb / 1P
SILICON EXPITAXIAL PLANAR TYPE SCHOTTKY BARRIER DIODES
logo
Gaomi Xinghe Electronic...
LL700 GXELECTRONICS-LL700 Datasheet
453Kb / 3P
SMALL SINGAL SCHOTTKY DIODES
logo
Jinan Jing Heng Electro...
LL700 JINGHENG-LL700 Datasheet
46Kb / 2P
SMALL SIGNAL SCHOTTKY DIODES
logo
SEMTECH ELECTRONICS LTD...
LL700A SEMTECH_ELEC-LL700A Datasheet
153Kb / 1P
SILICON EXPITAXIAL PLANAR TYPE SCHOTTKY BARRIER DIODES
logo
Gaomi Xinghe Electronic...
LL700A GXELECTRONICS-LL700A Datasheet
453Kb / 3P
SMALL SINGAL SCHOTTKY DIODES
More results

Similar Description - LL700

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
BAS19W TRSYS-BAS19W Datasheet
115Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE
logo
Won-Top Electronics
BAV70 WTE-BAV70 Datasheet
44Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
logo
Diodes Incorporated
1N4448W DIODES-1N4448W Datasheet
73Kb / 3P
FAST SWITCHING SURFACE MOUNT DIODE
DS12002 Rev. 9 - 2
BAS19 DIODES-BAS19 Datasheet
71Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE
DS12004 Rev. 12 - 2
BAS19W DIODES-BAS19W Datasheet
64Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
DS30118 Rev. 6 - 2
MMBD4448HT DIODES-MMBD4448HT Datasheet
167Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE
DS30263 Rev. 5 - 2
logo
Won-Top Electronics
1N4150W WTE-1N4150W_06 Datasheet
40Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE
1N4448W WTE-1N4448W_06 Datasheet
36Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE
BAV19W WTE-BAV19W_06 Datasheet
49Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE
BAW56 WTE-BAW56_06 Datasheet
50Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com