Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT95A400 Datasheet(PDF) 24 Page - Holtek Semiconductor Inc

Part # HT95A400
Description  I/O Type Phone 8-Bit MCU
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT95A400 Datasheet(HTML) 24 Page - Holtek Semiconductor Inc

Back Button HT95A400 Datasheet HTML 20Page - Holtek Semiconductor Inc HT95A400 Datasheet HTML 21Page - Holtek Semiconductor Inc HT95A400 Datasheet HTML 22Page - Holtek Semiconductor Inc HT95A400 Datasheet HTML 23Page - Holtek Semiconductor Inc HT95A400 Datasheet HTML 24Page - Holtek Semiconductor Inc HT95A400 Datasheet HTML 25Page - Holtek Semiconductor Inc HT95A400 Datasheet HTML 26Page - Holtek Semiconductor Inc HT95A400 Datasheet HTML 27Page - Holtek Semiconductor Inc HT95A400 Datasheet HTML 28Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 48 page
background image
HT95AXXX
Rev. 1.20
24
May 26, 2004
Line Control Function (Supported for HT95A400/40P, HT95A300/30P, HT95A200/20P)
Register
Label
Bits
R/W
Function
LINE
(22H)
¾
6~0
RO
Unused bit, read as
²0²
LINEC
7
RW
1: Enable the line control function
0: Disable the line control function
The line control function is enabled by the flag LINEC
Conditions
Source to Enable
Line Control Function
LINEC
Operation Mode
1
Normal or Green mode
RTC time out interrupt
1
Sleep mode
Port A wake-up
RTC time out interrupt
1
Idle mode
Port A wake-up
When the line control source is activated, the PO pin will be set to high signal. Clearing LINEC to 0 will terminate the line
control function and drive PO pin outputs low signal.
RTC Function
Register
Label
Bits
R/W
Function
RTCC
(24H)
¾
6, 4~0
RO
Unused bit, read as
²0²
RTCEN
5
RW
1: Enable RTC function
0: Disable RTC function
RTCTO
7
RW
1: RTC time-out occurs
0: RTC time-out not occurs
The real time clock (RTC) is used to supply a regular internal interrupt. Its time-out period is 1000ms. If the RTC
time-out occurs, the interrupt request flag RTCF and the RTCTO flag will be set to 1. The interrupt vector for the RTC is
14H. When the interrupt subroutine is serviced, the interrupt request flag (RTCF) will be cleared to 0, but the flag
RTCTO remain in its original value. If the RTCTO flag is not cleared, next RTC time-out interrupt will occur.
PFD Generator (Supported for HT95A400/40P, HT95A300/30P, HT95A200/20P)
Register
Label
Bits
R/W
Function
PFDC
(2EH)
¾
3~0
RO
Unused bit, read as
²0²
PFDEN
4
RW
1: Enable PFD output
0: Disable PFD output, the MUSIC pin output low level.
PRES0
PRES1
5
6
RW
Bit6, 5=00: Prescaler output= PFD frequency source/1
Bit6, 5=01: Prescaler output= PFD frequency source/2
Bit6, 5=10: Prescaler output= PFD frequency source/4
Bit6, 5=11: Prescaler output= PFD frequency source/8
FPFD
7
RW
1: The PFD frequency source is 3.58MHz/4
0: The PFD frequency source is 32768Hz
PFDD
(2FH)
¾
7~0
RW
PFD data register
L i n e C o n t r o l
C i r c u i t
R T C I n t e r r u p t
P o r t A W a k e - u p F u n c t i o n
L I N E C = 1
P O = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com