Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APGA1602SEC/E/KA Datasheet(PDF) 1 Page - Kingbright Corporation

Part # APGA1602SEC/E/KA
Description  1.6x0.2mm RIGHT ANGLE SMD CHIP LED LAMP
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

APGA1602SEC/E/KA Datasheet(HTML) 1 Page - Kingbright Corporation

  APGA1602SEC/E/KA Datasheet HTML 1Page - Kingbright Corporation APGA1602SEC/E/KA Datasheet HTML 2Page - Kingbright Corporation APGA1602SEC/E/KA Datasheet HTML 3Page - Kingbright Corporation APGA1602SEC/E/KA Datasheet HTML 4Page - Kingbright Corporation APGA1602SEC/E/KA Datasheet HTML 5Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SPEC NO: DSAN2008
REV NO: V.2A
DATE: APR/22/2015
PAGE: 1 OF 5
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: Q.M.Chen
ERP: 1203013775
1.6x0.2mm RIGHT ANGLE SMD CHIP LED
LAMP
Part Number: APGA1602SEC/E/KA
Hyper Red
Description
The Hyper Red source color devices are made with Al-
GaInP on GaAs substrate Light Emitting Diode.
Package Dimensions
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.1(0.004") unless otherwise noted.
3. The specifications, characteristics and technical data described in the datasheet are subject to change without prior notice.
4. The device has a single mounting surface. The device must be mounted according to the specifications.
Features
1.6mmx0.2mm right angle SMT LED,0.2mm thickness.
Low power consumption.
Wide viewing angle.
Ideal for backlight and indicator.
Moisture sensitivity level : level 3.
Package :2000pcs / reel.
Tinned pads for improved solderability.
RoHS compliant.


Similar Part No. - APGA1602SEC/E/KA

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
APGA1602SEC KINGBRIGHT-APGA1602SEC Datasheet
229Kb / 5P
Ideal for backlight and indicator
More results

Similar Description - APGA1602SEC/E/KA

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
AA2810ASYSK KINGBRIGHT-AA2810ASYSK Datasheet
235Kb / 6P
2.8X0.8mm RIGHT ANGLE SMD CHIP LED LAMP
APA1606QBC-D KINGBRIGHT-APA1606QBC-D Datasheet
272Kb / 5P
1.6x0.6mm RIGHT ANGLE SMD CHIP LED LAMP
APA1606VBC-D KINGBRIGHT-APA1606VBC-D Datasheet
251Kb / 5P
1.6x0.6mm RIGHT ANGLE SMD CHIP LED LAMP
APA3010SYCK-GX KINGBRIGHT-APA3010SYCK-GX Datasheet
243Kb / 5P
3.0mmx1.0mm RIGHT ANGLE SMD CHIP LED LAMP
APBA3010EYC-GX KINGBRIGHT-APBA3010EYC-GX Datasheet
274Kb / 6P
3.0mmx1.0mm RIGHT ANGLE SMD CHIP LED LAMP
APGA1602CGC-KA KINGBRIGHT-APGA1602CGC-KA Datasheet
233Kb / 5P
1.6x0.2mm RIGHT ANGLE SMD CHIP LED LAMP
APGA1602QBC-KA-5MAV KINGBRIGHT-APGA1602QBC-KA-5MAV Datasheet
234Kb / 5P
1.6x0.2mm RIGHT ANGLE SMD CHIP LED LAMP
APGA1602SYC-KA KINGBRIGHT-APGA1602SYC-KA Datasheet
229Kb / 5P
1.6x0.2mm RIGHT ANGLE SMD CHIP LED LAMP
APPA3010ZGCK KINGBRIGHT-APPA3010ZGCK Datasheet
312Kb / 5P
3.0mmx1.0mm RIGHT ANGLE SMD CHIP LED LAMP
logo
SunLED Corporation
XZCBDDGME56W SUNLED-XZCBDDGME56W Datasheet
314Kb / 4P
3.0x1.0mm RIGHT ANGLE SMD CHIP LED LAMP
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com