Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APGA1602SYC/KA Datasheet(PDF) 2 Page - Kingbright Corporation

Part # APGA1602SYC/KA
Description  1.6x0.2mm RIGHT ANGLE SMD CHIP LED LAMP
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

APGA1602SYC/KA Datasheet(HTML) 2 Page - Kingbright Corporation

  APGA1602SYC/KA Datasheet HTML 1Page - Kingbright Corporation APGA1602SYC/KA Datasheet HTML 2Page - Kingbright Corporation APGA1602SYC/KA Datasheet HTML 3Page - Kingbright Corporation APGA1602SYC/KA Datasheet HTML 4Page - Kingbright Corporation APGA1602SYC/KA Datasheet HTML 5Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SPEC NO: DSAN2009
REV NO: V.2B
DATE: APR/22/2015
PAGE: 2 OF 5
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: Q.M.Chen
ERP: 1203013772
Selection Guide
Absolute Maximum Ratings at TA=25°C
Electrical / Optical Characteristics at TA=25°C
Notes:
1.Wavelength: +/-1nm.
2. Forward Voltage: +/-0.1V.
3. Wavelength value is traceable to the CIE127-2007 compliant national standards.
Note:
1. 1/10 Duty Cycle, 0.1ms Pulse Width.
Part No.
Dice
Lens Type
Iv (mcd) [2]
@ 20mA
Viewing
Angle [1]
Min.
Typ.
2θ1/2
APGA1602SYC/KA
Super Bright Yellow (AlGaInP) Water Clear
40
75
160
°(H)
120
°(V)
Symbol
Parameter
Device
Typ.
Max.
Units
Test Conditions
λpeak
Peak Wavelength
Super Bright Yellow
591
nm
IF=20mA
λD [1]
Dominant Wavelength
Super Bright Yellow
589
nm
IF=20mA
Δλ1/2
Spectral Line Half-width
Super Bright Yellow
15
nm
IF=20mA
VF [2]
Forward Voltage
Super Bright Yellow
2.05
2.4
V
IF=20mA
IR
Reverse Current
Super Bright Yellow
10
uA
VR=5V
Parameter
Super Bright Yellow
Units
Power dissipation
48
mW
DC Forward Current
20
mA
Peak Forward Current [1]
100
mA
Reverse Voltage
5
V
Operating Temperature
-40°C To +85°C
Storage Temperature
-40°C To +100°C
Notes:
1. θ1/2 is the angle from optical centerline where the luminous intensity is 1/2 of the optical peak value.
2. Luminous intensity/ luminous Flux: +/-15%.
3. Luminous intensity value is traceable to the CIE127-2007 compliant national standards.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com