| Electronic Components Datasheet Search |
|
CD2015FC Datasheet(PDF) 1 Page - RHOPOINT COMPONENTS |
|
|
|||||||||||||||||||||||||||||
CD2015FC Datasheet(HTML) 1 Page - RHOPOINT COMPONENTS |
|
1 / 2 page ![]() Sales and Corporate Office 1717 Chicago Avenue Riverside, California 92507-2364 Phone: (951) 788-1700 Fax: (951) 369-1151 Applications Engineering 17271 North Umpqua Hwy. Roseburg, Oregon 97470-9422 Phone: (541) 496-0700 Fax: (541) 496-0408 e-mail: caddock@caddock.com • web: www.caddock.com For Caddock Distributors listed by country see caddock.com/contact/dist.html © 2004 Caddock Electronics, Inc. CAD K DOC Type MG Precision High Voltage Resistors Specifications: Resistance Tolerance: Resistance Range Tolerance � 1% � 1%, �0.5%, �0.25%, �0.1% Standard St'd with "-15" rating Extended Range � 1% Resistance Range Overload/Overvoltage, �R N/A 0.5% max. Standard St'd with "-15" rating Extended Range 0.8% max. Models with low inductance construction are in shaded areas. Models with Caddock's Non-Inductive Resistance Pattern are in non-shaded areas. Standard and St'd with "-15" rating � 80 ppm/�C from +25�C to +105�C, -200 ppm/�C to +50 ppm/�C from -15�C to +25�C. Resistance Range � 80 ppm/�C from -15�C to +105�C, referenced to +25�C. TC Specifications Extended Range Resistance Range Load Life, �R 0.8% max. 0.5% max. Standard St'd with "-15" rating Extended Range 0.8% max. Dielect. Strength Max. Continuous Oper. Volt. Watt- age Model No. A B C Dimensions in inches and (millimeters) Resistance Standard Max. Extended Max. Min. MG650 .313 �.020 (7.95 �.51) .094 �.015 (2.39 �.38) .025 �.002 (.64 �.05) MG655 .313 �.030 (7.95 �.76) .109 �.025 (2.77 �.64) .025 �.002 (.64 �.05) MG660 .500 �.030 (12.70 �.76) .094 �.015 (2.39 �.38) .025 �.002 (.64 �.05) MG680 .750 �.030 (19.05 �.76) .094 �.015 (2.39 �.38) .025 �.002 (.64 �.05) MG710 1.000 �.040 (25.40 �1.02) .094 �.015 (2.39 �.38) .025 �.002 (.64 �.05) MG712 .400 �.060 (10.16 �.152) .140 �.030 (3.56 �.76) .025 �.002 (.64 �.05) MG714 .562 �.060 (14.27 �1.52) .150 �.030 (3.81 �.76) .032 �.002 (.81 �.05) MG715 .750 �.060 (19.05 �1.52) .140 �.030 (3.56 �.76) .025 �.002 (.64 �.05) MG716 1.000 �.060 (25.40 �1.52) .140 �.030 (3.56 �.76) .025 �.002 (.64 �.05) MG717 .710 �.050 (18.03 �1.27) .240 �.030 (6.10 �.76) .040 �.002 (1.02 �.05) MG720 1.500 �.080 (38.10 �2.03) .140 �.030 (3.56 �.76) .025 �.002 (.64 �.05) MG721 1.000 �.050 (25.40 �1.27) .240 �.030 (6.10 �.76) .040 �.002 (1.02 �.05) MG725 2.000 �.080 (50.80 �2.03) .140 �.030 (3.56 �.76) .025 �.002 (.64 �.05) MG730 1.500 �.080 (38.10 �2.03) .240 �.030 (6.10 �.76) .040 �.002 (1.02 �.05) MG731 1.000 �.060 (25.40 �1.52) .315 � .030 (8.00 �.76) .040 �.002 (1.02 �.05) MG735 2.000 �.080 (50.80 �2.03) .240 �.030 (6.10 �.76) .040 �.002 (1.02 �.05) MG740 1.500 �.060 (38.10 �1.52) .315 �.030 (8.00 �.76) .040 �.002 (1.02 �.05) MG745 3.000 �.100 (76.20 �2.54) .240 �.030 (6.10 �.76) .040 �.002 (1.02 �.05) MG750 2.125 �.060 (53.98 �1.52) .315 �.030 (8.00 �.76) .040 �.002 (1.02 �.05) MG780 3.125 �.060 (79.38 �1.52) .315 �.030 (8.00 �.76) .040 �.002 (1.02 �.05) MG785 4.000 �.120 (101.60 �3.05) .315 �.030 (8.00 �.76) .040 �.002 (1.02 �.05) MG810 5.000 �.120 (127.00 �3.05) .315 �.030 (8.00 �.76) .040 �.002 (1.02 �.05) MG815 6.000 �.120 (152.40 �3.05) .350 �.040 (8.89 �1.02) .040 �.002 (1.02 �.05) 0.5 0.5 0.6 0.8 1.0 0.6 1.0 1.0 1.5 1.5 2.0 2.0 2.5 3.0 2.6 3.6 3.6 5.0 5.0 7.5 8.0 10.0 15.0 600 600 1,000 2,000 4,000 1,000 1,000 2,000 4,000 2,000 6,000 4,000 10,000 6,000 4,000 10,000 6,000 15,000 10,000 15,000 20,000 25,000 30,000 750 750 750 750 750 750 750 750 750 750 750 750 750 1,000 1,000 1,000 1,000 1,000 1,000 1,000 1,000 1,000 1,000 200 � 200 � 400 � 600 � 800 � 800 � 200 � 400 � 600 � 600 � 1 K 200 � 1.5 K 500 � 200 � 750 � 300 � 1 K 400 � 600 � 800 � 1 K 1 K 5 Meg 8 Meg 10 Meg 20 Meg 50 Meg 20 Meg 20 Meg 50 Meg 75 Meg 75 Meg 150 Meg 100 Meg 200 Meg 250 Meg 150 Meg 300 Meg 300 Meg 500 Meg 500 Meg 750 Meg 1,000 Meg 1,250 Meg 2,000 Meg N/A N/A N/A N/A N/A N/A N/A N/A N/A 225 M N/A 300 M N/A 750 M 750 M 1,000 M 1,500 M 1,500 M 2,500 M 3,750 M 5,000 M 6,250 M 10,000 M -15 Min. 6.5 Meg N/A N/A N/A N/A N/A N/A 26 Meg 70 Meg 17 Meg N/A 51 Meg N/A 77 Meg 40 Meg 178 Meg 64 Meg 288 Meg 128 Meg 192 Meg 320 Meg 400 Meg 384 Meg Overload Rating Type 1 Type 1 Type 1 Type 1 Type 1 Type 2 Type 2 Type 2 Type 2 Type 2 Type 2 Type 2 Type 2 Type 2 Type 2 Type 2 Type 2 Type 2 Type 2 Type 2 Type 2 Type 2 Type 2 Now with Extended Resistance Range to 10,000 Megohms and Additional Models Temperature Coefficient as tight as 80 ppm/°C, Combined with Excellent Long-Term Stability and Precision Tolerances. Caddock's Micronox® resistance films are the source of the Type MG Precision High Voltage Resistors' outstanding combination of performance features: • Single-resistor values as high as 10,000 Megohms. • Maximum continuous operating voltages as high as 48,000 volts ("-15" ratings). • Overvoltage capabilities of 150% of standard working voltages for all models and values, (except "-15" ratings). • Resistance Tolerances from ±1.0% to ±0.1%. • Temperature Coefficient, for standard resistance range, of 80 ppm/°C in combination with resistance tolerances as tight as ±0.1%. • Type MG resistors have demonstrated stability of 0.01% per 1,000 hours in extended load life testing of standard resistance range values. This exceptional performance has been proven through many years of use in equipment that demands the highest reliability and stability, including TWT amplifiers, X-ray systems, geophysical instruments, and medical electronics. Preconditioning for Power and Voltage Ratings All power ratings and maximum operating voltage ratings are for continuous duty. These ratings are based on pre- stress voltage levels applied during the manufacturing process to provide for stable resistor performance even under momentary overload conditions. Maximum operating voltages 60% higher than the values listed in the table may be specified by adding "-15" to the model number (Example: MG750-15). Note that overload and overvoltage ratings do not apply to the "-15" resistors. Resistance ranges for "-15" resistors shown in the table are from "-15 Min." to "Standard Max." Non-Inductive Performance Most models are manufactured with Caddock's Non-Inductive Design which uses a serpentine resistive pattern that provides for neighboring lines to carry current in opposite directions, thereby achieving maximum cancellation of flux fields over the entire length of the resistor. This efficient non-inductive construction is accomplished without derating of any performance advantages. Insulation Resistance: 10,000 Megohms, min. Overload/Overvoltage: 5 times rated power with applied voltage not to exceed 1.5 times max- imum continuous operating voltage for 5 seconds . Type 1: DC Voltage Type 2: DC Voltage or VrmsAC Thermal Shock: Mil-Std-202, Method 107, Cond. C, ΔR 0.25% max. Moisture Resistance: Mil-Std-202, Method 106, Δ R 0.4% max. Load Life: 1,000 hours at +125°C at rated voltage, not to exceed rated power. Solderable Leads Encapsulation: High Temperature Silicone Conformal. Temperature Coefficient: Page 1 of 2 28_IL110.1004 Sales and Corporate Office 1717 Chicago Avenue Riverside, California 92507-2364 Phone: (951) 788-1700 Fax: (951) 369-1151 Applications Engineering 17271 North Umpqua Hwy. Roseburg, Oregon 97470-9422 Phone: (541) 496-0700 Fax: (541) 496-0408 e-mail: caddock@caddock.com • web: www.caddock.com For Caddock Distributors listed by country see caddock.com/contact/dist.html © 2004 Caddock Electronics, Inc. CAD K DOC Type MG Precision High Voltage Resistors Specifications: Resistance Tolerance: Resistance Range Tolerance � 1% � 1%, �0.5%, �0.25%, �0.1% Standard St'd with "-15" rating Extended Range � 1% Resistance Range Overload/Overvoltage, �R N/A 0.5% max. Standard St'd with "-15" rating Extended Range 0.8% max. Models with low inductance construction are in shaded areas. Models with Caddock's Non-Inductive Resistance Pattern are in non-shaded areas. Standard and St'd with "-15" rating � 80 ppm/�C from +25�C to +105�C, -200 ppm/�C to +50 ppm/�C from -15�C to +25�C. Resistance Range � 80 ppm/�C from -15�C to +105�C, referenced to +25�C. TC Specifications Extended Range Resistance Range Load Life, �R 0.8% max. 0.5% max. Standard St'd with "-15" rating Extended Range 0.8% max. Dielect. Strength Max. Continuous Oper. Volt. Watt- age Model No. A B C Dimensions in inches and (millimeters) Resistance Standard Max. Extended Max. Min. MG650 .313 �.020 (7.95 �.51) .094 �.015 (2.39 �.38) .025 �.002 (.64 �.05) MG655 .313 �.030 (7.95 �.76) .109 �.025 (2.77 �.64) .025 �.002 (.64 �.05) MG660 .500 �.030 (12.70 �.76) .094 �.015 (2.39 �.38) .025 �.002 (.64 �.05) MG680 .750 �.030 (19.05 �.76) .094 �.015 (2.39 �.38) .025 �.002 (.64 �.05) MG710 1.000 �.040 (25.40 �1.02) .094 �.015 (2.39 �.38) .025 �.002 (.64 �.05) MG712 .400 �.060 (10.16 �.152) .140 �.030 (3.56 �.76) .025 �.002 (.64 �.05) MG714 .562 �.060 (14.27 �1.52) .150 �.030 (3.81 �.76) .032 �.002 (.81 �.05) MG715 .750 �.060 (19.05 �1.52) .140 �.030 (3.56 �.76) .025 �.002 (.64 �.05) MG716 1.000 �.060 (25.40 �1.52) .140 �.030 (3.56 �.76) .025 �.002 (.64 �.05) MG717 .710 �.050 (18.03 �1.27) .240 �.030 (6.10 �.76) .040 �.002 (1.02 �.05) MG720 1.500 �.080 (38.10 �2.03) .140 �.030 (3.56 �.76) .025 �.002 (.64 �.05) MG721 1.000 �.050 (25.40 �1.27) .240 �.030 (6.10 �.76) .040 �.002 (1.02 �.05) MG725 2.000 �.080 (50.80 �2.03) .140 �.030 (3.56 �.76) .025 �.002 (.64 �.05) MG730 1.500 �.080 (38.10 �2.03) .240 �.030 (6.10 �.76) .040 �.002 (1.02 �.05) MG731 1.000 �.060 (25.40 �1.52) .315 � .030 (8.00 �.76) .040 �.002 (1.02 �.05) MG735 2.000 �.080 (50.80 �2.03) .240 �.030 (6.10 �.76) .040 �.002 (1.02 �.05) MG740 1.500 �.060 (38.10 �1.52) .315 �.030 (8.00 �.76) .040 �.002 (1.02 �.05) MG745 3.000 �.100 (76.20 �2.54) .240 �.030 (6.10 �.76) .040 �.002 (1.02 �.05) MG750 2.125 �.060 (53.98 �1.52) .315 �.030 (8.00 �.76) .040 �.002 (1.02 �.05) MG780 3.125 �.060 (79.38 �1.52) .315 �.030 (8.00 �.76) .040 �.002 (1.02 �.05) MG785 4.000 �.120 (101.60 �3.05) .315 �.030 (8.00 �.76) .040 �.002 (1.02 �.05) MG810 5.000 �.120 (127.00 �3.05) .315 �.030 (8.00 �.76) .040 �.002 (1.02 �.05) MG815 6.000 �.120 (152.40 �3.05) .350 �.040 (8.89 �1.02) .040 �.002 (1.02 �.05) 0.5 0.5 0.6 0.8 1.0 0.6 1.0 1.0 1.5 1.5 2.0 2.0 2.5 3.0 2.6 3.6 3.6 5.0 5.0 7.5 8.0 10.0 15.0 600 600 1,000 2,000 4,000 1,000 1,000 2,000 4,000 2,000 6,000 4,000 10,000 6,000 4,000 10,000 6,000 15,000 10,000 15,000 20,000 25,000 30,000 750 750 750 750 750 750 750 750 750 750 750 750 750 1,000 1,000 1,000 1,000 1,000 1,000 1,000 1,000 1,000 1,000 200 � 200 � 400 � 600 � 800 � 800 � 200 � 400 � 600 � 600 � 1 K 200 � 1.5 K 500 � 200 � 750 � 300 � 1 K 400 � 600 � 800 � 1 K 1 K 5 Meg 8 Meg 10 Meg 20 Meg 50 Meg 20 Meg 20 Meg 50 Meg 75 Meg 75 Meg 150 Meg 100 Meg 200 Meg 250 Meg 150 Meg 300 Meg 300 Meg 500 Meg 500 Meg 750 Meg 1,000 Meg 1,250 Meg 2,000 Meg N/A N/A N/A N/A N/A N/A N/A N/A N/A 225 M N/A 300 M N/A 750 M 750 M 1,000 M 1,500 M 1,500 M 2,500 M 3,750 M 5,000 M 6,250 M 10,000 M -15 Min. 6.5 Meg N/A N/A N/A N/A N/A N/A 26 Meg 70 Meg 17 Meg N/A 51 Meg N/A 77 Meg 40 Meg 178 Meg 64 Meg 288 Meg 128 Meg 192 Meg 320 Meg 400 Meg 384 Meg Overload Rating Type 1 Type 1 Type 1 Type 1 Type 1 Type 2 Type 2 Type 2 Type 2 Type 2 Type 2 Type 2 Type 2 Type 2 Type 2 Type 2 Type 2 Type 2 Type 2 Type 2 Type 2 Type 2 Type 2 Now with Extended Resistance Range to 10,000 Megohms and Additional Models Temperature Coefficient as tight as 80 ppm/°C, Combined with Excellent Long-Term Stability and Precision Tolerances. Caddock's Micronox® resistance films are the source of the Type MG Precision High Voltage Resistors' outstanding combination of performance features: • Single-resistor values as high as 10,000 Megohms. • Maximum continuous operating voltages as high as 48,000 volts ("-15" ratings). • Overvoltage capabilities of 150% of standard working voltages for all models and values, (except "-15" ratings). • Resistance Tolerances from ±1.0% to ±0.1%. • Temperature Coefficient, for standard resistance range, of 80 ppm/°C in combination with resistance tolerances as tight as ±0.1%. • Type MG resistors have demonstrated stability of 0.01% per 1,000 hours in extended load life testing of standard resistance range values. This exceptional performance has been proven through many years of use in equipment that demands the highest reliability and stability, including TWT amplifiers, X-ray systems, geophysical instruments, and medical electronics. Preconditioning for Power and Voltage Ratings All power ratings and maximum operating voltage ratings are for continuous duty. These ratings are based on pre- stress voltage levels applied during the manufacturing process to provide for stable resistor performance even under momentary overload conditions. Maximum operating voltages 60% higher than the values listed in the table may be specified by adding "-15" to the model number (Example: MG750-15). Note that overload and overvoltage ratings do not apply to the "-15" resistors. Resistance ranges for "-15" resistors shown in the table are from "-15 Min." to "Standard Max." Non-Inductive Performance Most models are manufactured with Caddock's Non-Inductive Design which uses a serpentine resistive pattern that provides for neighboring lines to carry current in opposite directions, thereby achieving maximum cancellation of flux fields over the entire length of the resistor. This efficient non-inductive construction is accomplished without derating of any performance advantages. Insulation Resistance: 10,000 Megohms, min. Overload/Overvoltage: 5 times rated power with applied voltage not to exceed 1.5 times max- imum continuous operating voltage for 5 seconds . Type 1: DC Voltage Type 2: DC Voltage or VrmsAC Thermal Shock: Mil-Std-202, Method 107, Cond. C, ΔR 0.25% max. Moisture Resistance: Mil-Std-202, Method 106, Δ R 0.4% max. Load Life: 1,000 hours at +125°C at rated voltage, not to exceed rated power. Solderable Leads Encapsulation: High Temperature Silicone Conformal. Temperature Coefficient: Page 1 of 2 28_IL110.1004 Sales and Corporate Office 1717 Chicago Avenue Riverside, California 92507-2364 Phone: (951) 788-1700 Fax: (951) 369-1151 Applications Engineering 17271 North Umpqua Hwy. Roseburg, Oregon 97470-9422 Phone: (541) 496-0700 Fax: (541) 496-0408 e-mail: caddock@caddock.com • web: www.caddock.com For Caddock Distributors listed by country see caddock.com/contact/dist.html © 2004 Caddock Electronics, Inc. CAD K DOC Type MG Precision High Voltage Resistors Specifications: Resistance Tolerance: Resistance Range Tolerance � 1% � 1%, �0.5%, �0.25%, �0.1% Standard St'd with "-15" rating Extended Range � 1% Resistance Range Overload/Overvoltage, �R N/A 0.5% max. Standard St'd with "-15" rating Extended Range 0.8% max. Models with low inductance construction are in shaded areas. Models with Caddock's Non-Inductive Resistance Pattern are in non-shaded areas. Standard and St'd with "-15" rating � 80 ppm/�C from +25�C to +105�C, -200 ppm/�C to +50 ppm/�C from -15�C to +25�C. Resistance Range � 80 ppm/�C from -15�C to +105�C, referenced to +25�C. TC Specifications Extended Range Resistance Range Load Life, �R 0.8% max. 0.5% max. Standard St'd with "-15" rating Extended Range 0.8% max. Dielect. Strength Max. Continuous Oper. Volt. Watt- age Model No. A B C Dimensions in inches and (millimeters) Resistance Standard Max. Extended Max. Min. MG650 .313 �.020 (7.95 �.51) .094 �.015 (2.39 �.38) .025 �.002 (.64 �.05) MG655 .313 �.030 (7.95 �.76) .109 �.025 (2.77 �.64) .025 �.002 (.64 �.05) MG660 .500 �.030 (12.70 �.76) .094 �.015 (2.39 �.38) .025 �.002 (.64 �.05) MG680 .750 �.030 (19.05 �.76) .094 �.015 (2.39 �.38) .025 �.002 (.64 �.05) MG710 1.000 �.040 (25.40 �1.02) .094 �.015 (2.39 �.38) .025 �.002 (.64 �.05) MG712 .400 �.060 (10.16 �.152) .140 �.030 (3.56 �.76) .025 �.002 (.64 �.05) MG714 .562 �.060 (14.27 �1.52) .150 �.030 (3.81 �.76) .032 �.002 (.81 �.05) MG715 .750 �.060 (19.05 �1.52) .140 �.030 (3.56 �.76) .025 �.002 (.64 �.05) MG716 1.000 �.060 (25.40 �1.52) .140 �.030 (3.56 �.76) .025 �.002 (.64 �.05) MG717 .710 �.050 (18.03 �1.27) .240 �.030 (6.10 �.76) .040 �.002 (1.02 �.05) MG720 1.500 �.080 (38.10 �2.03) .140 �.030 (3.56 �.76) .025 �.002 (.64 �.05) MG721 1.000 �.050 (25.40 �1.27) .240 �.030 (6.10 �.76) .040 �.002 (1.02 �.05) MG725 2.000 �.080 (50.80 �2.03) .140 �.030 (3.56 �.76) .025 �.002 (.64 �.05) MG730 1.500 �.080 (38.10 �2.03) .240 �.030 (6.10 �.76) .040 �.002 (1.02 �.05) MG731 1.000 �.060 (25.40 �1.52) .315 � .030 (8.00 �.76) .040 �.002 (1.02 �.05) MG735 2.000 �.080 (50.80 �2.03) .240 �.030 (6.10 �.76) .040 �.002 (1.02 �.05) MG740 1.500 �.060 (38.10 �1.52) .315 �.030 (8.00 �.76) .040 �.002 (1.02 �.05) MG745 3.000 �.100 (76.20 �2.54) .240 �.030 (6.10 �.76) .040 �.002 (1.02 �.05) MG750 2.125 �.060 (53.98 �1.52) .315 �.030 (8.00 �.76) .040 �.002 (1.02 �.05) MG780 3.125 �.060 (79.38 �1.52) .315 �.030 (8.00 �.76) .040 �.002 (1.02 �.05) MG785 4.000 �.120 (101.60 �3.05) .315 �.030 (8.00 �.76) .040 �.002 (1.02 �.05) MG810 5.000 �.120 (127.00 �3.05) .315 �.030 (8.00 �.76) .040 �.002 (1.02 �.05) MG815 6.000 �.120 (152.40 �3.05) .350 �.040 (8.89 �1.02) .040 �.002 (1.02 �.05) 0.5 0.5 0.6 0.8 1.0 0.6 1.0 1.0 1.5 1.5 2.0 2.0 2.5 3.0 2.6 3.6 3.6 5.0 5.0 7.5 8.0 10.0 15.0 600 600 1,000 2,000 4,000 1,000 1,000 2,000 4,000 2,000 6,000 4,000 10,000 6,000 4,000 10,000 6,000 15,000 10,000 15,000 20,000 25,000 30,000 750 750 750 750 750 750 750 750 750 750 750 750 750 1,000 1,000 1,000 1,000 1,000 1,000 1,000 1,000 1,000 1,000 200 � 200 � 400 � 600 � 800 � 800 � 200 � 400 � 600 � 600 � 1 K 200 � 1.5 K 500 � 200 � 750 � 300 � 1 K 400 � 600 � 800 � 1 K 1 K 5 Meg 8 Meg 10 Meg 20 Meg 50 Meg 20 Meg 20 Meg 50 Meg 75 Meg 75 Meg 150 Meg 100 Meg 200 Meg 250 Meg 150 Meg 300 Meg 300 Meg 500 Meg 500 Meg 750 Meg 1,000 Meg 1,250 Meg 2,000 Meg N/A N/A N/A N/A N/A N/A N/A N/A N/A 225 M N/A 300 M N/A 750 M 750 M 1,000 M 1,500 M 1,500 M 2,500 M 3,750 M 5,000 M 6,250 M 10,000 M -15 Min. 6.5 Meg N/A N/A N/A N/A N/A N/A 26 Meg 70 Meg 17 Meg N/A 51 Meg N/A 77 Meg 40 Meg 178 Meg 64 Meg 288 Meg 128 Meg 192 Meg 320 Meg 400 Meg 384 Meg Overload Rating Type 1 Type 1 Type 1 Type 1 Type 1 Type 2 Type 2 Type 2 Type 2 Type 2 Type 2 Type 2 Type 2 Type 2 Type 2 Type 2 Type 2 Type 2 Type 2 Type 2 Type 2 Type 2 Type 2 Now with Extended Resistance Range to 10,000 Megohms and Additional Models Temperature Coefficient as tight as 80 ppm/°C, Combined with Excellent Long-Term Stability and Precision Tolerances. Caddock's Micronox® resistance films are the source of the Type MG Precision High Voltage Resistors' outstanding combination of performance features: • Single-resistor values as high as 10,000 Megohms. • Maximum continuous operating voltages as high as 48,000 volts ("-15" ratings). • Overvoltage capabilities of 150% of standard working voltages for all models and values, (except "-15" ratings). • Resistance Tolerances from ±1.0% to ±0.1%. • Temperature Coefficient, for standard resistance range, of 80 ppm/°C in combination with resistance tolerances as tight as ±0.1%. • Type MG resistors have demonstrated stability of 0.01% per 1,000 hours in extended load life testing of standard resistance range values. This exceptional performance has been proven through many years of use in equipment that demands the highest reliability and stability, including TWT amplifiers, X-ray systems, geophysical instruments, and medical electronics. Preconditioning for Power and Voltage Ratings All power ratings and maximum operating voltage ratings are for continuous duty. These ratings are based on pre- stress voltage levels applied during the manufacturing process to provide for stable resistor performance even under momentary overload conditions. Maximum operating voltages 60% higher than the values listed in the table may be specified by adding "-15" to the model number (Example: MG750-15). Note that overload and overvoltage ratings do not apply to the "-15" resistors. Resistance ranges for "-15" resistors shown in the table are from "-15 Min." to "Standard Max." Non-Inductive Performance Most models are manufactured with Caddock's Non-Inductive Design which uses a serpentine resistive pattern that provides for neighboring lines to carry current in opposite directions, thereby achieving maximum cancellation of flux fields over the entire length of the resistor. This efficient non-inductive construction is accomplished without derating of any performance advantages. Insulation Resistance: 10,000 Megohms, min. Overload/Overvoltage: 5 times rated power with applied voltage not to exceed 1.5 times max- imum continuous operating voltage for 5 seconds . Type 1: DC Voltage Type 2: DC Voltage or VrmsAC Thermal Shock: Mil-Std-202, Method 107, Cond. C, ΔR 0.25% max. Moisture Resistance: Mil-Std-202, Method 106, Δ R 0.4% max. Load Life: 1,000 hours at +125°C at rated voltage, not to exceed rated power. Solderable Leads Encapsulation: High Temperature Silicone Conformal. Temperature Coefficient: Page 1 of 2 28_IL110.1004 UK & Ireland Distributors Hurst Green • Surrey • RH8 9AX • UK Email • sales@rhopointcomponents.com Web • www.rhopointcomponents.com Tel: +44 (0) 870 608 1188 Sales and Corporate Office 1717 Chicago Avenue Riverside, California 92507-2364 Phone: (951) 788-1700 Fax: (951) 369-1151 Applications Engineering 17271 North Umpqua Hwy. Roseburg, Oregon 97470-9422 Phone: (541) 496-0700 Fax: (541) 496-0408 e-mail: caddock@caddock.com • web: www.caddock.com For Caddock Distributors listed by country see caddock.com/contact/dist.html © 2004 Caddock Electronics, Inc. CAD K DOC Type MG Precision High Voltage Resistors Specifications: Resistance Tolerance: Resistance Range Tolerance � 1% � 1%, �0.5%, �0.25%, �0.1% Standard St'd with "-15" rating Extended Range � 1% Resistance Range Overload/Overvoltage, �R N/A 0.5% max. Standard St'd with "-15" rating Extended Range 0.8% max. Models with low inductance construction are in shaded areas. Models with Caddock's Non-Inductive Resistance Pattern are in non-shaded areas. Standard and St'd with "-15" rating � 80 ppm/�C from +25�C to +105�C, -200 ppm/�C to +50 ppm/�C from -15�C to +25�C. Resistance Range � 80 ppm/�C from -15�C to +105�C, referenced to +25�C. TC Specifications Extended Range Resistance Range Load Life, �R 0.8% max. 0.5% max. Standard St'd with "-15" rating Extended Range 0.8% max. Dielect. Strength Max. Continuous Oper. Volt. Watt- age Model No. A B C Dimensions in inches and (millimeters) Resistance Standard Max. Extended Max. Min. MG650 .313 �.020 (7.95 �.51) .094 �.015 (2.39 �.38) .025 �.002 (.64 �.05) MG655 .313 �.030 (7.95 �.76) .109 �.025 (2.77 �.64) .025 �.002 (.64 �.05) MG660 .500 �.030 (12.70 �.76) .094 �.015 (2.39 �.38) .025 �.002 (.64 �.05) MG680 .750 �.030 (19.05 �.76) .094 �.015 (2.39 �.38) .025 �.002 (.64 �.05) MG710 1.000 �.040 (25.40 �1.02) .094 �.015 (2.39 �.38) .025 �.002 (.64 �.05) MG712 .400 �.060 (10.16 �.152) .140 �.030 (3.56 �.76) .025 �.002 (.64 �.05) MG714 .562 �.060 (14.27 �1.52) .150 �.030 (3.81 �.76) .032 �.002 (.81 �.05) MG715 .750 �.060 (19.05 �1.52) .140 �.030 (3.56 �.76) .025 �.002 (.64 �.05) MG716 1.000 �.060 (25.40 �1.52) .140 �.030 (3.56 �.76) .025 �.002 (.64 �.05) MG717 .710 �.050 (18.03 �1.27) .240 �.030 (6.10 �.76) .040 �.002 (1.02 �.05) MG720 1.500 �.080 (38.10 �2.03) .140 �.030 (3.56 �.76) .025 �.002 (.64 �.05) MG721 1.000 �.050 (25.40 �1.27) .240 �.030 (6.10 �.76) .040 �.002 (1.02 �.05) MG725 2.000 �.080 (50.80 �2.03) .140 �.030 (3.56 �.76) .025 �.002 (.64 �.05) MG730 1.500 �.080 (38.10 �2.03) .240 �.030 (6.10 �.76) .040 �.002 (1.02 �.05) MG731 1.000 �.060 (25.40 �1.52) .315 � .030 (8.00 �.76) .040 �.002 (1.02 �.05) MG735 2.000 �.080 (50.80 �2.03) .240 �.030 (6.10 �.76) .040 �.002 (1.02 �.05) MG740 1.500 �.060 (38.10 �1.52) .315 �.030 (8.00 �.76) .040 �.002 (1.02 �.05) MG745 3.000 �.100 (76.20 �2.54) .240 �.030 (6.10 �.76) .040 �.002 (1.02 �.05) MG750 2.125 �.060 (53.98 �1.52) .315 �.030 (8.00 �.76) .040 �.002 (1.02 �.05) MG780 3.125 �.060 (79.38 �1.52) .315 �.030 (8.00 �.76) .040 �.002 (1.02 �.05) MG785 4.000 �.120 (101.60 �3.05) .315 �.030 (8.00 �.76) .040 �.002 (1.02 �.05) MG810 5.000 �.120 (127.00 �3.05) .315 �.030 (8.00 �.76) .040 �.002 (1.02 �.05) MG815 6.000 �.120 (152.40 �3.05) .350 �.040 (8.89 �1.02) .040 �.002 (1.02 �.05) 0.5 0.5 0.6 0.8 1.0 0.6 1.0 1.0 1.5 1.5 2.0 2.0 2.5 3.0 2.6 3.6 3.6 5.0 5.0 7.5 8.0 10.0 15.0 600 600 1,000 2,000 4,000 1,000 1,000 2,000 4,000 2,000 6,000 4,000 10,000 6,000 4,000 10,000 6,000 15,000 10,000 15,000 20,000 25,000 30,000 750 750 750 750 750 750 750 750 750 750 750 750 750 1,000 1,000 1,000 1,000 1,000 1,000 1,000 1,000 1,000 1,000 200 � 200 � 400 � 600 � 800 � 800 � 200 � 400 � 600 � 600 � 1 K 200 � 1.5 K 500 � 200 � 750 � 300 � 1 K 400 � 600 � 800 � 1 K 1 K 5 Meg 8 Meg 10 Meg 20 Meg 50 Meg 20 Meg 20 Meg 50 Meg 75 Meg 75 Meg 150 Meg 100 Meg 200 Meg 250 Meg 150 Meg 300 Meg 300 Meg 500 Meg 500 Meg 750 Meg 1,000 Meg 1,250 Meg 2,000 Meg N/A N/A N/A N/A N/A N/A N/A N/A N/A 225 M N/A 300 M N/A 750 M 750 M 1,000 M 1,500 M 1,500 M 2,500 M 3,750 M 5,000 M 6,250 M 10,000 M -15 Min. 6.5 Meg N/A N/A N/A N/A N/A N/A 26 Meg 70 Meg 17 Meg N/A 51 Meg N/A 77 Meg 40 Meg 178 Meg 64 Meg 288 Meg 128 Meg 192 Meg 320 Meg 400 Meg 384 Meg Overload Rating Type 1 Type 1 Type 1 Type 1 Type 1 Type 2 Type 2 Type 2 Type 2 Type 2 Type 2 Type 2 Type 2 Type 2 Type 2 Type 2 Type 2 Type 2 Type 2 Type 2 Type 2 Type 2 Type 2 Now with Extended Resistance Range to 10,000 Megohms and Additional Models Temperature Coefficient as tight as 80 ppm/°C, Combined with Excellent Long-Term Stability and Precision Tolerances. Caddock's Micronox® resistance films are the source of the Type MG Precision High Voltage Resistors' outstanding combination of performance features: • Single-resistor values as high as 10,000 Megohms. • Maximum continuous operating voltages as high as 48,000 volts ("-15" ratings). • Overvoltage capabilities of 150% of standard working voltages for all models and values, (except "-15" ratings). • Resistance Tolerances from ±1.0% to ±0.1%. • Temperature Coefficient, for standard resistance range, of 80 ppm/°C in combination with resistance tolerances as tight as ±0.1%. • Type MG resistors have demonstrated stability of 0.01% per 1,000 hours in extended load life testing of standard resistance range values. This exceptional performance has been proven through many years of use in equipment that demands the highest reliability and stability, including TWT amplifiers, X-ray systems, geophysical instruments, and medical electronics. Preconditioning for Power and Voltage Ratings All power ratings and maximum operating voltage ratings are for continuous duty. These ratings are based on pre- stress voltage levels applied during the manufacturing process to provide for stable resistor performance even under momentary overload conditions. Maximum operating voltages 60% higher than the values listed in the table may be specified by adding "-15" to the model number (Example: MG750-15). Note that overload and overvoltage ratings do not apply to the "-15" resistors. Resistance ranges for "-15" resistors shown in the table are from "-15 Min." to "Standard Max." Non-Inductive Performance Most models are manufactured with Caddock's Non-Inductive Design which uses a serpentine resistive pattern that provides for neighboring lines to carry current in opposite directions, thereby achieving maximum cancellation of flux fields over the entire length of the resistor. This efficient non-inductive construction is accomplished without derating of any performance advantages. Insulation Resistance: 10,000 Megohms, min. Overload/Overvoltage: 5 times rated power with applied voltage not to exceed 1.5 times max- imum continuous operating voltage for 5 seconds . Type 1: DC Voltage Type 2: DC Voltage or VrmsAC Thermal Shock: Mil-Std-202, Method 107, Cond. C, ΔR 0.25% max. Moisture Resistance: Mil-Std-202, Method 106, Δ R 0.4% max. Load Life: 1,000 hours at +125°C at rated voltage, not to exceed rated power. Solderable Leads Encapsulation: High Temperature Silicone Conformal. Temperature Coefficient: Page 1 of 2 28_IL110.1004 RHOPOINT COMPONENTS LTD. Holland Road Hurst Green Oxted, Surrey, RH8 9AX Tel: +44 (0)1883 717988 Fax: +44 (0)1883 712938 e-mail: sales@rhopointcomponents.com web: www.rhopointcomponents.com RHOPOINT COMPONENTS LTD. IL-110.019 C B A 1.500 ± .125 (38.10 ± 3.18) RATED POWER OR RATED VOLTAGE, % AMBIENT TEMPERATURE, °C 100 80 60 40 20 0 25 75 125 175 225 275 For immediate engineering assistance in developing Low Ratio TC matched high voltage resistor sets, call or write our Applications Engineering and we will be pleased to offer the best solution from our high voltage resistor product capabilities. Derating Curve: DIMENSIONS IN INCHES AND (MILLIMETERS) Design Assistance in Developing High Voltage Resistor Sets with Low TC Tracking. Ordering Information: MG750 -100M - 1% Model Number: Resistor Value: Tolerance MG680 MG712 MG714 MG715 MG725 MG720 MG660 MG716 MG721 MG745 MG810 MG815 MG735 MG730 MG717 MG785 MG731 MG740 Most models are available with Caddock's Non-inductive Serpentine Pattern MG650 MG710 MG750 MG780 Certain products shown in this catalog are covered by one or more patents, there are also patents pending. N Non-inductiveperformance with Caddock's exclusive design MG655 Type MG Precision High Voltage Resistors Page 2 of 2 RHOPOINT COMPONENTS LTD. Holland Road Hurst Green Oxted, Surrey, RH8 9AX Tel: +44 (0)1883 717988 Fax: +44 (0)1883 712938 e-mail: sales@rhopointcomponents.com web: www.rhopointcomponents.com RHOPOINT COMPONENTS LTD. IL-110.0201 Type MG Precision High Voltage Resistors Specifications: Resistance Tolerance: Temperature Coefficient: Insulation Resistance: 10,000 Megohms, min. Overload/Overvoltage: 5 times rated power with applied voltage not to exceed 1.5 times max- imum continuous operating voltage for 5 seconds . Thermal Shock: Mil-Std-202, Method 107, Cond. C, ∆R 0.25% max. Moisture Resistance: Mil-Std-202, Method 106, ∆R 0.4% max. Load Life: 1,000 hours at +125°C at rated voltage, not to exceed rated power. Solderable Leads Encapsulation: High Temperature Silicone Conformal. Resistance Range Tolerance ± 1% ± 1%, ±0.5%, ±0.25%, ±0.1% Standard St'd with "-15" rating Extended Range ± 1% Resistance Range Overload/Overvoltage, ∆R N/A 0.5% max. Standard St'd with "-15" rating Extended Range 0.8% max. Models with low inductance construction are in shaded areas. Models with Caddock's Non-Inductive Resistance Pattern are in non-shaded areas. Standard and St'd with "-15" rating ± 80 ppm/°C from +25°C to +105°C, -200 ppm/°C to +50 ppm/°C from -15°C to +25°C. Resistance Range ± 80 ppm/°C from -15°C to +105°C, referenced to +25°C. TC Specifications Extended Range Resistance Range Load Life, ∆R 0.8% max. 0.5% max. Standard St'd with "-15" rating Extended Range 0.8% max. Dielect. Strength Max. Continuous Oper. Volt. Watt- age Model No. A B C Dimensions in inches and (millimeters) Resistance Standard Max. Extended Max. Min. MG650 .313 ±.020 (7.95 ±.51) .094 ±.015 (2.39 ±.38) .025 ±.002 (.64 ±.05) MG655 .313 ±.030 (7.95 ±.76) .109 ±.025 (2.77 ±.64) .025 ±.002 (.64 ±.05) MG660 .500 ±.030 (12.70 ±.76) .094 ±.015 (2.39 ±.38) .025 ±.002 (.64 ±.05) MG680 .750 ±.030 (19.05 ±.76) .094 ±.015 (2.39 ±.38) .025 ±.002 (.64 ±.05) MG710 1.000 ±.040 (25.40 ±1.02) .094 ±.015 (2.39 ±.38) .025 ±.002 (.64 ±.05) MG712 .400 ±.060 (10.16 ±.152) .140 ±.030 (3.56 ±.76) .025 ±.002 (.64 ±.05) MG714 .562 ±.060 (14.27 ±1.52) .150 ±.030 (3.81 ±.76) .032 ±.002 (.81 ±.05) MG715 .750 ±.060 (19.05 ±1.52) .140 ±.030 (3.56 ±.76) .025 ±.002 (.64 ±.05) MG716 1.000 ±.060 (25.40 ±1.52) .140 ±.030 (3.56 ±.76) .025 ±.002 (.64 ±.05) MG717 .710 ±.050 (18.03 ±1.27) .240 ±.030 (6.10 ±.76) .040 ±.002 (1.02 ±.05) MG720 1.500 ±.080 (38.10 ±2.03) .140 ±.030 (3.56 ±.76) .025 ±.002 (.64 ±.05) MG721 1.000 ±.050 (25.40 ±1.27) .240 ±.030 (6.10 ±.76) .040 ±.002 (1.02 ±.05) MG725 2.000 ±.080 (50.80 ±2.03) .140 ±.030 (3.56 ±.76) .025 ±.002 (.64 ±.05) MG730 1.500 ±.080 (38.10 ±2.03) .240 ±.030 (6.10 ±.76) .040 ±.002 (1.02 ±.05) MG731 1.000 ±.060 (25.40 ±1.52) .315 ±.030 (8.00 ±.76) .040 ±.002 (1.02 ±.05) MG735 2.000 ±.080 (50.80 ±2.03) .240 ±.030 (6.10 ±.76) .040 ±.002 (1.02 ±.05) MG740 1.500 ±.060 (38.10 ±1.52) .315 ±.030 (8.00 ±.76) .040 ±.002 (1.02 ±.05) MG745 3.000 ±.100 (76.20 ±2.54) .240 ±.030 (6.10 ±.76) .040 ±.002 (1.02 ±.05) MG750 2.125 ±.060 (53.98 ±1.52) .315 ±.030 (8.00 ±.76) .040 ±.002 (1.02 ±.05) MG780 3.125 ±.060 (79.38 ±1.52) .315 ±.030 (8.00 ±.76) .040 ±.002 (1.02 ±.05) MG785 4.000 ±.120 (101.60 ±3.05) .315 ±.030 (8.00 ±.76) .040 ±.002 (1.02 ±.05) MG810 5.000 ±.120 (127.00 ±3.05) .315 ±.030 (8.00 ±.76) .040 ±.002 (1.02 ±.05) MG815 6.000 ±.120 (152.40 ±3.05) .350 ±.040 (8.89 ±1.02) .040 ±.002 (1.02 ±.05) .5 .5 .6 .8 1.0 .6 1.0 1.0 1.5 1.5 2.0 2.0 2.5 3.0 2.6 3.6 3.6 5.0 5.0 7.5 8.0 10.0 15.0 600 600 1,000 2,000 4,000 1,000 1,000 2,000 4,000 2,000 6,000 4,000 10,000 6,000 4,000 10,000 6,000 15,000 10,000 15,000 20,000 25,000 30,000 750 750 750 750 750 750 750 750 750 750 750 750 750 1,000 1,000 1,000 1,000 1,000 1,000 1,000 1,000 1,000 1,000 200 Ω 200 Ω 400 Ω 600 Ω 800 Ω 800 Ω 200 Ω 400 Ω 600 Ω 600 Ω 1 K 200 Ω 1.5 K 500 Ω 200 Ω 750 Ω 300 Ω 1 K 400 Ω 600 Ω 800 Ω 1 K 1 K 5 Meg 8 Meg 10 Meg 20 Meg 50 Meg 20 Meg 20 Meg 50 Meg 75 Meg 75 Meg 150 Meg 100 Meg 200 Meg 250 Meg 150 Meg 300 Meg 300 Meg 500 Meg 500 Meg 750 Meg 1,000 Meg 1,250 Meg 2,000 Meg N/A N/A N/A N/A N/A N/A N/A N/A N/A 225 M N/A 300 M N/A 750 M 750 M 1,000 M 1,500 M 1,500 M 2,500 M 3,750 M 5,000 M 6,250 M 10,000 M -15 Min. 6.5 Meg N/A N/A N/A N/A N/A N/A 26 Meg 70 Meg 17 Meg N/A 51 Meg N/A 77 Meg 40 Meg 178 Meg 64 Meg 288 Meg 128 Meg 192 Meg 320 Meg 400 Meg 384 Meg Now with Extended Resistance Range to 10,000 Megohms and Additional Models Temperature Coefficient as tight as 80 ppm/°C, Combined with Excellent Long-Term Stability, and Precision Tolerances. Caddock's Micronox® resistance films are the source of the Type MG Precision High Voltage Resistors' outstanding combination of performance features: • Single-resistor values as high as 10,000 Megohms. • Maximum continuous operating voltages as high as 48,000 volts ("-15" Ratings). • Overvoltage capabilities of 150% of standard working voltages for all models and values, (except "-15" ratings). • Resistance Tolerances from ±1.0% to ±0.1%. • Temperature Coefficient, for standard resistance range, of 80 ppm/°C in combination with resistance tolerances as tight as ±0.1%. • Typical extended life stability of 0.02% per 1,000 hours for standard resistance range as demonstrated by reliability testing. This exceptional performance has been proven through many years of use in equipment that demands the highest reliability and stability, including TWT amplifiers, X-ray systems, geophysical instruments and medical electronics . Preconditioning for Power and Voltage Ratings All power ratings and maximum operating voltage ratings are for continuous duty. These ratings are based on pre-stress voltage levels applied during the manufacturing process to provide for stable resistor performance even under momentary overload conditions. Maximum operating voltages 60% higher than the values listed in the table may be specified by adding "-15" to the model number (Example: MG750-15). Note that overload and overvoltage ratings do not apply to the "-15" resistors. Resistance ranges for "-15" resistors shown in the table are from "-15 Min." to "Standard Max." Non-Inductive Performance Most models are manufactured with Caddock's Non- Inductive Design which uses a serpentine resistive pattern that provides for neighboring lines to carry current in opposite directions, thereby achieving maximum cancellation of flux fields over the entire length of the resistor. This efficient non-inductive construction is accomplished without derating of any performance advantages. Page 1 of 2 © 2002 Caddock Electronics, Inc. RHOPOINT COMPONENTS LTD web: www.rhopointcomponents.com e-mail: sales@rhopointcomponents.com RHOPOINT COMPONENTS LTD Holland Road, Hurst Green, Oxted, Surrey, RH8 9AX Phone: +44 (0) 1883 717988 Fax: +44 (0) 1883 712938 CD2015FC Standard Resistance Values: Tolerance CD2015FC ±1% Standard. CD2520FC Standard Resistance Values: 0.010 Ω 0.015 Ω 0.020 Ω 0.025 Ω Tolerance CD2520FC ±1% Standard. 0.030 Ω 0.033 Ω 0.040 Ω 0.050 Ω 0.075 Ω 0.10 Ω 0.20 Ω Custom resistance values and non-standard tolerances can be manufactured for high quantity applications. Please contact Caddock Applications Engineering. Recommended Circuit Board Layout (current and sense connections): Fig. 1A: Recommended Kelvin layout. 0.20 Ω 0.010 Ω Model Resistance Min. Max. Power Capability Information CD2015FC CD2520FC 0.20 Ω 0.010 Ω 150°C 1.0 Watt Max. Chip Temperature General Applications High Power Applications Thermal Resistance - RθJC Film (J) to Solder Pad (C) (see note 2) 12.0°C/Watt Power Rating at 70° C (see note 1) 9.0°C/Watt 150°C Dimensions in inches and (millimeters) .200 ±.012 (5.08 ±.30 A B D .150 ±.012 (3.81 ±.30) .062 min. (1.57 min.) C .063 ±.006 (1.60 ±.15) .250 ±.012 (6.35 ±.30) .200 ±.012 (5.08 ±.30) .078 min. (1.98 min.) .063 ±.006 (1.60 ±.15 Comments Solderable Pedestal Solderable Pedestal 1.5 Watts Type CD Low Resistance Precision Chip Resistors Style FC - Flip Chip Version is a surface mount version with solderable pedestal terminals for flip chip soldering. Note 1: General Applications - The power rating for general applications is based upon 0.5 sq. in. (300 mm2) of termination pad or trace area (2 oz. copper) connected to each end of the resistor. Maximum chip temperature is 150°C. Use Derating Curve to derate appropriately for the maximum ambient temperature and for the temperature limitations of the adjacent materials. Note 2: Thermal Resistance - In High Power Applications where the circuit board material provides high heat sinking benefits (such as IMS, Alumina, or other) the thermal resistance of the chip resistor is useful to establish the maximum power capability of the chip resistor in the application. The film temperature is measured at the center of the resistor element and solder pad temperature at the center of the solderable pedestal (point X in the recommended circuit layouts shown below). Maximum temperature of the chip resistor (at the center of chip) should not exceed 150°C through the temperature range of the application . Style FC Derating Curve For General Application AMBIENT TEMPERATURE, C o 100 80 60 40 20 0 25 100 150 70 C = Current connection S = Sense connection Note: Actual width of current trace is based on magnitudeofcurrent. Pointof connectionshould be in the area shown. Low Resistance Chip down to 0.010 Ω at ±1% with unique Pedestal Terminal Design for Current Sense in Hybrid and SMT Applications 0.010 Ω 0.015 Ω 0.020 Ω 0.025 Ω 0.030 Ω 0.033 Ω 0.040 Ω 0.050 Ω 0.075 Ω 0.10 Ω 0.20 Ω S S X X C C Type CD Low Resistance Precision Chip Resistors utilize the proven Caddock Micronox® resistance films to achieve the unique low resistance range in this family. The special performance features of the Type CD Low Resistance Precision Film Resistor include: • Style FC - Flip Chip version for surface mount applications. Style WB - Wire Bond version for hybrid applications with metallized back surface for solder down heat sinking of the chip, includes bondable terminatipedestals to receive aluminum wire bonds • Resistance as low as 0.010 ohm at ±1%. • Pedestal terminals in this design provide an ultra low resistance connection pad which maintains the precision 0.010Ω ±1% at the point of customer Kelvin connection to the resistor chip. The pedestal terminal with its copper core also provides heat spreading which enhances the high power handling capability. • Thermal resistance is provided to optimize high power designs when utilizing higher thermal conductivity circuit board substrates such as IMS or Alumina. • High pulse handling and overload capability. • Low inductance provides excellent high frequency and pulse response. Page 1 of 2 27.1 IL107.0802 Sales and Corporate Office 1717 Chicago Avenue Riverside, California 92507-2364 Phone: (951) 788-1700 Fax: (951) 369-1151 Applications Engineering 17271 North Umpqua Hwy. Roseburg, Oregon 97470-9422 Phone: (541) 496-0700 Fax: (541) 496-0408 e-mail: caddock@caddock.com • web: www.caddock.com For Caddock Distributors listed by country see caddock.com/contact/dist.html © 2004 Caddock Electronics, Inc. CAD K DOC Type MG Precision High Voltage Resistors Specifications: Resistance Tolerance: Resistance Range Tolerance � 1% � 1%, �0.5%, �0.25%, �0.1% Standard St'd with "-15" rating Extended Range � 1% Resistance Range Overload/Overvoltage, �R N/A 0.5% max. Standard St'd with "-15" rating Extended Range 0.8% max. Models with low inductance construction are in shaded areas. Models with Caddock's Non-Inductive Resistance Pattern are in non-shaded areas. Standard and St'd with "-15" rating � 80 ppm/�C from +25�C to +105�C, -200 ppm/�C to +50 ppm/�C from -15�C to +25�C. Resistance Range � 80 ppm/�C from -15�C to +105�C, referenced to +25�C. TC Specifications Extended Range Resistance Range Load Life, �R 0.8% max. 0.5% max. Standard St'd with "-15" rating Extended Range 0.8% max. Dielect. Strength Max. Continuous Oper. Volt. Watt- age Model No. A B C Dimensions in inches and (millimeters) Resistance Standard Max. Extended Max. Min. MG650 .313 �.020 (7.95 �.51) .094 �.015 (2.39 �.38) .025 �.002 (.64 �.05) MG655 .313 �.030 (7.95 �.76) .109 �.025 (2.77 �.64) .025 �.002 (.64 �.05) MG660 .500 �.030 (12.70 �.76) .094 �.015 (2.39 �.38) .025 �.002 (.64 �.05) MG680 .750 �.030 (19.05 �.76) .094 �.015 (2.39 �.38) .025 �.002 (.64 �.05) MG710 1.000 �.040 (25.40 �1.02) .094 �.015 (2.39 �.38) .025 �.002 (.64 �.05) MG712 .400 �.060 (10.16 �.152) .140 �.030 (3.56 �.76) .025 �.002 (.64 �.05) MG714 .562 �.060 (14.27 �1.52) .150 �.030 (3.81 �.76) .032 �.002 (.81 �.05) MG715 .750 �.060 (19.05 �1.52) .140 �.030 (3.56 �.76) .025 �.002 (.64 �.05) MG716 1.000 �.060 (25.40 �1.52) .140 �.030 (3.56 �.76) .025 �.002 (.64 �.05) MG717 .710 �.050 (18.03 �1.27) .240 �.030 (6.10 �.76) .040 �.002 (1.02 �.05) MG720 1.500 �.080 (38.10 �2.03) .140 �.030 (3.56 �.76) .025 �.002 (.64 �.05) MG721 1.000 �.050 (25.40 �1.27) .240 �.030 (6.10 �.76) .040 �.002 (1.02 �.05) MG725 2.000 �.080 (50.80 �2.03) .140 �.030 (3.56 �.76) .025 �.002 (.64 �.05) MG730 1.500 �.080 (38.10 �2.03) .240 �.030 (6.10 �.76) .040 �.002 (1.02 �.05) MG731 1.000 �.060 (25.40 �1.52) .315 � .030 (8.00 �.76) .040 �.002 (1.02 �.05) MG735 2.000 �.080 (50.80 �2.03) .240 �.030 (6.10 �.76) .040 �.002 (1.02 �.05) MG740 1.500 �.060 (38.10 �1.52) .315 �.030 (8.00 �.76) .040 �.002 (1.02 �.05) MG745 3.000 �.100 (76.20 �2.54) .240 �.030 (6.10 �.76) .040 �.002 (1.02 �.05) MG750 2.125 �.060 (53.98 �1.52) .315 �.030 (8.00 �.76) .040 �.002 (1.02 �.05) MG780 3.125 �.060 (79.38 �1.52) .315 �.030 (8.00 �.76) .040 �.002 (1.02 �.05) MG785 4.000 �.120 (101.60 �3.05) .315 �.030 (8.00 �.76) .040 �.002 (1.02 �.05) MG810 5.000 �.120 (127.00 �3.05) .315 �.030 (8.00 �.76) .040 �.002 (1.02 �.05) MG815 6.000 �.120 (152.40 �3.05) .350 �.040 (8.89 �1.02) .040 �.002 (1.02 �.05) 0.5 0.5 0.6 0.8 1.0 0.6 1.0 1.0 1.5 1.5 2.0 2.0 2.5 3.0 2.6 3.6 3.6 5.0 5.0 7.5 8.0 10.0 15.0 600 600 1,000 2,000 4,000 1,000 1,000 2,000 4,000 2,000 6,000 4,000 10,000 6,000 4,000 10,000 6,000 15,000 10,000 15,000 20,000 25,000 30,000 750 750 750 750 750 750 750 750 750 750 750 750 750 1,000 1,000 1,000 1,000 1,000 1,000 1,000 1,000 1,000 1,000 200 � 200 � 400 � 600 � 800 � 800 � 200 � 400 � 600 � 600 � 1 K 200 � 1.5 K 500 � 200 � 750 � 300 � 1 K 400 � 600 � 800 � 1 K 1 K 5 Meg 8 Meg 10 Meg 20 Meg 50 Meg 20 Meg 20 Meg 50 Meg 75 Meg 75 Meg 150 Meg 100 Meg 200 Meg 250 Meg 150 Meg 300 Meg 300 Meg 500 Meg 500 Meg 750 Meg 1,000 Meg 1,250 Meg 2,000 Meg N/A N/A N/A N/A N/A N/A N/A N/A N/A 225 M N/A 300 M N/A 750 M 750 M 1,000 M 1,500 M 1,500 M 2,500 M 3,750 M 5,000 M 6,250 M 10,000 M -15 Min. 6.5 Meg N/A N/A N/A N/A N/A N/A 26 Meg 70 Meg 17 Meg N/A 51 Meg N/A 77 Meg 40 Meg 178 Meg 64 Meg 288 Meg 128 Meg 192 Meg 320 Meg 400 Meg 384 Meg Overload Rating Type 1 Type 1 Type 1 Type 1 Type 1 Type 2 Type 2 Type 2 Type 2 Type 2 Type 2 Type 2 Type 2 Type 2 Type 2 Type 2 Type 2 Type 2 Type 2 Type 2 Type 2 Type 2 Type 2 Now with Extended Resistance Range to 10,000 Megohms and Additional Models Temperature Coefficient as tight as 80 ppm/°C, Combined with Excellent Long-Term Stability and Precision Tolerances. Caddock's Micronox® resistance films are the source of the Type MG Precision High Voltage Resistors' outstanding combination of performance features: • Single-resistor values as high as 10,000 Megohms. • Maximum continuous operating voltages as high as 48,000 volts ("-15" ratings). • Overvoltage capabilities of 150% of standard working voltages for all models and values, (except "-15" ratings). • Resistance Tolerances from ±1.0% to ±0.1%. • Temperature Coefficient, for standard resistance range, of 80 ppm/°C in combination with resistance tolerances as tight as ±0.1%. • Type MG resistors have demonstrated stability of 0.01% per 1,000 hours in extended load life testing of standard resistance range values. This exceptional performance has been proven through many years of use in equipment that demands the highest reliability and stability, including TWT amplifiers, X-ray systems, geophysical instruments, and medical electronics. Preconditioning for Power and Voltage Ratings All power ratings and maximum operating voltage ratings are for continuous duty. These ratings are based on pre- stress voltage levels applied during the manufacturing process to provide for stable resistor performance even under momentary overload conditions. Maximum operating voltages 60% higher than the values listed in the table may be specified by adding "-15" to the model number (Example: MG750-15). Note that overload and overvoltage ratings do not apply to the "-15" resistors. Resistance ranges for "-15" resistors shown in the table are from "-15 Min." to "Standard Max." Non-Inductive Performance Most models are manufactured with Caddock's Non-Inductive Design which uses a serpentine resistive pattern that provides for neighboring lines to carry current in opposite directions, thereby achieving maximum cancellation of flux fields over the entire length of the resistor. This efficient non-inductive construction is accomplished without derating of any performance advantages. Insulation Resistance: 10,000 Megohms, min. Overload/Overvoltage: 5 times rated power with applied voltage not to exceed 1.5 times max- imum continuous operating voltage for 5 seconds . Type 1: DC Voltage Type 2: DC Voltage or VrmsAC Thermal Shock: Mil-Std-202, Method 107, Cond. C, ΔR 0.25% max. Moisture Resistance: Mil-Std-202, Method 106, Δ R 0.4% max. Load Life: 1,000 hours at +125°C at rated voltage, not to exceed rated power. Solderable Leads Encapsulation: High Temperature Silicone Conformal. Temperature Coefficient: Page 1 of 2 28_IL110.1004 © 2002 Caddock Electronics, Inc. RHOPOINT COMPONENTS LTD web: www.rhopointcomponents.com e-mail: sales@rhopointcomponents.com RHOPOINT COMPONENTS LTD Holland Road, Hurst Green, Oxted, Surrey, RH8 9AX Phone: +44 (0) 1883 717988 Fax: +44 (0) 1883 712938 CD2015FC Standard Resistance Values: Tolerance CD2015FC ±1% Standard. CD2520FC Standard Resistance Values: 0.010 Ω 0.015 Ω 0.020 Ω 0.025 Ω Tolerance CD2520FC ±1% Standard. 0.030 Ω 0.033 Ω 0.040 Ω 0.050 Ω 0.075 Ω 0.10 Ω 0.20 Ω Custom resistance values and non-standard tolerances can be manufactured for high quantity applications. Please contact Caddock Applications Engineering. Recommended Circuit Board Layout (current and sense connections): Fig. 1A: Recommended Kelvin layout. 0.20 Ω 0.010 Ω Model Resistance Min. Max. Power Capability Information CD2015FC CD2520FC 0.20 Ω 0.010 Ω 150°C 1.0 Watt Max. Chip Temperature General Applications High Power Applications Thermal Resistance - RθJC Film (J) to Solder Pad (C) (see note 2) 12.0°C/Watt Power Rating at 70° C (see note 1) 9.0°C/Watt 150°C Dimensions in inches and (millimeters) .200 ±.012 (5.08 ±.30 A B D .150 ±.012 (3.81 ±.30) .062 min. (1.57 min.) C .063 ±.006 (1.60 ±.15) .250 ±.012 (6.35 ±.30) .200 ±.012 (5.08 ±.30) .078 min. (1.98 min.) .063 ±.006 (1.60 ±.15 Comments Solderable Pedestal Solderable Pedestal 1.5 Watts Type CD Low Resistance Precision Chip Resistors Style FC - Flip Chip Version is a surface mount version with solderable pedestal terminals for flip chip soldering. Note 1: General Applications - The power rating for general applications is based upon 0.5 sq. in. (300 mm2) of termination pad or trace area (2 oz. copper) connected to each end of the resistor. Maximum chip temperature is 150°C. Use Derating Curve to derate appropriately for the maximum ambient temperature and for the temperature limitations of the adjacent materials. Note 2: Thermal Resistance - In High Power Applications where the circuit board material provides high heat sinking benefits (such as IMS, Alumina, or other) the thermal resistance of the chip resistor is useful to establish the maximum power capability of the chip resistor in the application. The film temperature is measured at the center of the resistor element and solder pad temperature at the center of the solderable pedestal (point X in the recommended circuit layouts shown below). Maximum temperature of the chip resistor (at the center of chip) should not exceed 150°C through the temperature range of the application . Style FC Derating Curve For General Application AMBIENT TEMPERATURE, C o 100 80 60 40 20 0 25 100 150 70 C = Current connection S = Sense connection Note: Actual width of current trace is based on magnitudeofcurrent. Pointof connectionshould be in the area shown. Low Resistance Chip down to 0.010 Ω at ±1% with unique Pedestal Terminal Design for Current Sense in Hybrid and SMT Applications 0.010 Ω 0.015 Ω 0.020 Ω 0.025 Ω 0.030 Ω 0.033 Ω 0.040 Ω 0.050 Ω 0.075 Ω 0.10 Ω 0.20 Ω S S X X C C Type CD Low Resistance Precision Chip Resistors utilize the proven Caddock Micronox® resistance films to achieve the unique low resistance range in this family. The special performance features of the Type CD Low Resistance Precision Film Resistor include: • Style FC - Flip Chip version for surface mount applications. Style WB - Wire Bond version for hybrid applications with metallized back surface for solder down heat sinking of the chip, includes bondable terminatipedestals to receive aluminum wire bonds • Resistance as low as 0.010 ohm at ±1%. • Pedestal terminals in this design provide an ultra low resistance connection pad which maintains the precision 0.010Ω ±1% at the point of customer Kelvin connection to the resistor chip. The pedestal terminal with its copper core also provides heat spreading which enhances the high power handling capability. • Thermal resistance is provided to optimize high power designs when utilizing higher thermal conductivity circuit board substrates such as IMS or Alumina. • High pulse handling and overload capability. • Low inductance provides excellent high frequency and pulse response. Page 1 of 2 27.1 IL107.0802 © 2002 Caddock Electronics, Inc. RHOPOINT COMPONENTS LTD web: www.rhopointcomponents.com e-mail: sales@rhopointcomponents.com RHOPOINT COMPONENTS LTD Holland Road, Hurst Green, Oxted, Surrey, RH8 9AX Phone: +44 (0) 1883 717988 Fax: +44 (0) 1883 712938 CD2015FC Standard Resistance Values: Tolerance CD2015FC ±1% Standard. CD2520FC Standard Resistance Values: 0.010 Ω 0.015 Ω 0.020 Ω 0.025 Ω Tolerance CD2520FC ±1% Standard. 0.030 Ω 0.033 Ω 0.040 Ω 0.050 Ω 0.075 Ω 0.10 Ω 0.20 Ω Custom resistance values and non-standard tolerances can be manufactured for high quantity applications. Please contact Caddock Applications Engineering. Recommended Circuit Board Layout (current and sense connections): Fig. 1A: Recommended Kelvin layout. 0.20 Ω 0.010 Ω Model Resistance Min. Max. Power Capability Information CD2015FC CD2520FC 0.20 Ω 0.010 Ω 150°C 1.0 Watt Max. Chip Temperature General Applications High Power Applications Thermal Resistance - RθJC Film (J) to Solder Pad (C) (see note 2) 12.0°C/Watt Power Rating at 70° C (see note 1) 9.0°C/Watt 150°C Dimensions in inches and (millimeters) .200 ±.012 (5.08 ±.30 A B D .150 ±.012 (3.81 ±.30) .062 min. (1.57 min.) C .063 ±.006 (1.60 ±.15) .250 ±.012 (6.35 ±.30) .200 ±.012 (5.08 ±.30) .078 min. (1.98 min.) .063 ±.006 (1.60 ±.15 Comments Solderable Pedestal Solderable Pedestal 1.5 Watts Type CD Low Resistance Precision Chip Resistors Style FC - Flip Chip Version is a surface mount version with solderable pedestal terminals for flip chip soldering. Note 1: General Applications - The power rating for general applications is based upon 0.5 sq. in. (300 mm2) of termination pad or trace area (2 oz. copper) connected to each end of the resistor. Maximum chip temperature is 150°C. Use Derating Curve to derate appropriately for the maximum ambient temperature and for the temperature limitations of the adjacent materials. Note 2: Thermal Resistance - In High Power Applications where the circuit board material provides high heat sinking benefits (such as IMS, Alumina, or other) the thermal resistance of the chip resistor is useful to establish the maximum power capability of the chip resistor in the application. The film temperature is measured at the center of the resistor element and solder pad temperature at the center of the solderable pedestal (point X in the recommended circuit layouts shown below). Maximum temperature of the chip resistor (at the center of chip) should not exceed 150°C through the temperature range of the application . Style FC Derating Curve For General Application AMBIENT TEMPERATURE, C o 100 80 60 40 20 0 25 100 150 70 C = Current connection S = Sense connection Note: Actual width of current trace is based on magnitudeofcurrent. Pointof connectionshould be in the area shown. Low Resistance Chip down to 0.010 Ω at ±1% with unique Pedestal Terminal Design for Current Sense in Hybrid and SMT Applications 0.010 Ω 0.015 Ω 0.020 Ω 0.025 Ω 0.030 Ω 0.033 Ω 0.040 Ω 0.050 Ω 0.075 Ω 0.10 Ω 0.20 Ω S S X X C C Type CD Low Resistance Precision Chip Resistors utilize the proven Caddock Micronox® resistance films to achieve the unique low resistance range in this family. The special performance features of the Type CD Low Resistance Precision Film Resistor include: • Style FC - Flip Chip version for surface mount applications. Style WB - Wire Bond version for hybrid applications with metallized back surface for solder down heat sinking of the chip, includes bondable terminatipedestals to receive aluminum wire bonds • Resistance as low as 0.010 ohm at ±1%. • Pedestal terminals in this design provide an ultra low resistance connection pad which maintains the precision 0.010Ω ±1% at the point of customer Kelvin connection to the resistor chip. The pedestal terminal with its copper core also provides heat spreading which enhances the high power handling capability. • Thermal resistance is provided to optimize high power designs when utilizing higher thermal conductivity circuit board substrates such as IMS or Alumina. • High pulse handling and overload capability. • Low inductance provides excellent high frequency and pulse response. Page 1 of 2 27.1 IL107.0802 © 2002 Caddock Electronics, Inc. RHOPOINT COMPONENTS LTD web: www.rhopointcomponents.com e-mail: sales@rhopointcomponents.com RHOPOINT COMPONENTS LTD Holland Road, Hurst Green, Oxted, Surrey, RH8 9AX Phone: +44 (0) 1883 717988 Fax: +44 (0) 1883 712938 CD2015FC Standard Resistance Values: Tolerance CD2015FC ±1% Standard. CD2520FC Standard Resistance Values: 0.010 Ω 0.015 Ω 0.020 Ω 0.025 Ω Tolerance CD2520FC ±1% Standard. 0.030 Ω 0.033 Ω 0.040 Ω 0.050 Ω 0.075 Ω 0.10 Ω 0.20 Ω Custom resistance values and non-standard tolerances can be manufactured for high quantity applications. Please contact Caddock Applications Engineering. Recommended Circuit Board Layout (current and sense connections): Fig. 1A: Recommended Kelvin layout. 0.20 Ω 0.010 Ω Model Resistance Min. Max. Power Capability Information CD2015FC CD2520FC 0.20 Ω 0.010 Ω 150°C 1.0 Watt Max. Chip Temperature General Applications High Power Applications Thermal Resistance - RθJC Film (J) to Solder Pad (C) (see note 2) 12.0°C/Watt Power Rating at 70° C (see note 1) 9.0°C/Watt 150°C Dimensions in inches and (millimeters) .200 ±.012 (5.08 ±.30 A B D .150 ±.012 (3.81 ±.30) .062 min. (1.57 min.) C .063 ±.006 (1.60 ±.15) .250 ±.012 (6.35 ±.30) .200 ±.012 (5.08 ±.30) .078 min. (1.98 min.) .063 ±.006 (1.60 ±.15 Comments Solderable Pedestal Solderable Pedestal 1.5 Watts Type CD Low Resistance Precision Chip Resistors Style FC - Flip Chip Version is a surface mount version with solderable pedestal terminals for flip chip soldering. Note 1: General Applications - The power rating for general applications is based upon 0.5 sq. in. (300 mm2) of termination pad or trace area (2 oz. copper) connected to each end of the resistor. Maximum chip temperature is 150°C. Use Derating Curve to derate appropriately for the maximum ambient temperature and for the temperature limitations of the adjacent materials. Note 2: Thermal Resistance - In High Power Applications where the circuit board material provides high heat sinking benefits (such as IMS, Alumina, or other) the thermal resistance of the chip resistor is useful to establish the maximum power capability of the chip resistor in the application. The film temperature is measured at the center of the resistor element and solder pad temperature at the center of the solderable pedestal (point X in the recommended circuit layouts shown below). Maximum temperature of the chip resistor (at the center of chip) should not exceed 150°C through the temperature range of the application . Style FC Derating Curve For General Application AMBIENT TEMPERATURE, C o 100 80 60 40 20 0 25 100 150 70 C = Current connection S = Sense connection Note: Actual width of current trace is based on magnitudeofcurrent. Pointof connectionshould be in the area shown. Low Resistance Chip down to 0.010 Ω at ±1% with unique Pedestal Terminal Design for Current Sense in Hybrid and SMT Applications 0.010 Ω 0.015 Ω 0.020 Ω 0.025 Ω 0.030 Ω 0.033 Ω 0.040 Ω 0.050 Ω 0.075 Ω 0.10 Ω 0.20 Ω S S X X C C Type CD Low Resistance Precision Chip Resistors utilize the proven Caddock Micronox® resistance films to achieve the unique low resistance range in this family. The special performance features of the Type CD Low Resistance Precision Film Resistor include: • Style FC - Flip Chip version for surface mount applications. Style WB - Wire Bond version for hybrid applications with metallized back surface for solder down heat sinking of the chip, includes bondable terminatipedestals to receive aluminum wire bonds • Resistance as low as 0.010 ohm at ±1%. • Pedestal terminals in this design provide an ultra low resistance connection pad which maintains the precision 0.010Ω ±1% at the point of customer Kelvin connection to the resistor chip. The pedestal terminal with its copper core also provides heat spreading which enhances the high power handling capability. • Thermal resistance is provided to optimize high power designs when utilizing higher thermal conductivity circuit board substrates such as IMS or Alumina. • High pulse handling and overload capability. • Low inductance provides excellent high frequency and pulse response. Page 1 of 2 27.1 IL107.0802 |
Similar Part No. - CD2015FC |
|
Similar Description - CD2015FC |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |