Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RI-46C Datasheet(PDF) 2 Page - RHOPOINT COMPONENTS

Part # RI-46C
Description  SPST
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RHOPOINT [RHOPOINT COMPONENTS]
Direct Link  http://www.rhopointcomponents.com
Logo RHOPOINT - RHOPOINT COMPONENTS

RI-46C Datasheet(HTML) 2 Page - RHOPOINT COMPONENTS

  RI-46C Datasheet HTML 1Page - RHOPOINT COMPONENTS RI-46C Datasheet HTML 2Page - RHOPOINT COMPONENTS  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Rhopoint Components Ltd Fax: +44 (0) 1883 712938 Phone: +44 (0) 1883 717988 web: www.rhopointcomponents.com e-mail: sales@rhopointcomponents.com
RI-46 Series
Switching different loads involves different life expectancy
and reliability data. Further information is available on
request.
M
M
M
M
MECHANICAL
ECHANICAL
ECHANICAL
ECHANICAL
ECHANICAL
D
D
D
D
DA
A
A
A
AT
T
T
T
TA
A
A
A
A
Contact arrangement is normally open; lead finish is tinned;
net mass is approximately 0.28 g; and can be mounted in
any position.
S
S
S
S
SHOCK
HOCK
HOCK
HOCK
HOCK
The switches are tested in accordance with “IEC 68-2-27”,
test Ea (peak acceleration 500 G, half sinewave; duration
11 ms). Such a shock will not cause an open switch (no
magnetic field present) to close, nor a switch kept closed by
an 80 AT coil to open.
V
V
V
V
VIBRA
IBRA
IBRA
IBRA
IBRATION
TION
TION
TION
TION
The switches are tested in accordance with “IEC 68-2-6”,
test Fc (acceleration 10 G; below cross-over frequency 57
to 62 Hz; amplitude 0.75 mm; frequency range 10 to 2000
Hz, duration 90 minutes). Such a vibration will not cause
an open switch (no magnetic field present) to close, nor a
switch kept closed by an 80 AT coil to open.
M
M
M
M
MECHANICAL
ECHANICAL
ECHANICAL
ECHANICAL
ECHANICAL
S
S
S
S
STRENGTH
TRENGTH
TRENGTH
TRENGTH
TRENGTH
The robustness of the terminations is tested in accordance
with “IEC 68-2-21”, test Ua
1 (load 40 N).
O
O
O
O
OPERA
PERA
PERA
PERA
PERATING
TING
TING
TING
TING AND
AND
AND
AND
AND
S
S
S
S
STTTTTORA
ORA
ORA
ORA
ORAGE
GE
GE
GE
GE
T
T
T
T
TEMPERA
EMPERA
EMPERA
EMPERA
EMPERATURE
TURE
TURE
TURE
TURE
Operating ambient temperature; min: -55
°C; max: +125°C.
Storage temperature; min: -55
°C; max: +125°C.
Note:
Note:
Note:
Note:
Note: Temperature excursions up to 150
°C may be permis-
sible. For more information contact your nearest Coto
Technology sales office.
S
S
S
S
SOLDERING
OLDERING
OLDERING
OLDERING
OLDERING
The switch can withstand soldering heat in accordance with
“IEC 68-2-20”, test Tb, method 1B: solder bath at 350
±10°C for 3.5 ±0.5 s. Solderability is tested in accordance
with “IEC 68-2-20”, test Ta, method 3: solder globule
temperature 235
°C; ageing 1b: 4 hours steam.
W
W
W
W
WELDING
ELDING
ELDING
ELDING
ELDING
The leads can be welded.
M
M
M
M
MOUNTING
OUNTING
OUNTING
OUNTING
OUNTING
The leads should not be bent closer than 1 mm to the glass-
to-metal seals. Stress on the seals should be avoided. Care
must be taken to prevent stray magnetic fields from influ-
encing the operating and measuring conditions.
Note 1: Switching higher currents is possible depending on signature of the load.
Model Number
RI-46AA
RI-46A
RI-46B
RI-46C
Parameters
Test Conditions
Units
Operating Characteristics
Operate Range
AT
10.5-19
15-28
24-51
46-70
Release Range
AT
4-12
5-16
8-20.5
12-22.5
Operate Time - including bounce (typ.)
(energization)
ms
0.35 (24 AT)
0.35 (35 AT)
0.35 (64 AT)
0.35 (87.5 AT)
Bounce Time (typ.)
(energization)
ms
0.15 (24 AT)
0.15 (35 AT)
0.15 (64 AT)
0.15 (87.5 AT)
Release Time (max)
(energization)
µs
30 (24 AT)
30 (35 AT)
30 (64 AT)
30 (87.5 AT)
Resonant Frequency (typ.)
Hz
3200
3200
3200
3200
Electrical Characteristics
Switched Power (max)
W
30
30
40
40
Switched Voltage DC (max)
V
200
200
200
200
Switched Voltage AC, RMS value (max)
V
250
250
250
250
Switched Current DC (max)
note 1
mA
750
1000
1000
1000
Switched Current AC, RMS value (max)
note 1
mA
750
1000
1000
1000
Carry Current DC; AC, RMS value (max)
A
2
2.5
3
3
Breakdown Voltage (min)
V
300
400
580
780
Contact Resistance (initial max)
(energization)
m
Ω
90 (27 AT)
90 (27 AT)
90 (36AT)
90 (36 AT)
Contact Resistance (initial typ.)
(energization)
m
Ω
60 (27 AT)
60 (27 AT)
60 (36 AT)
60 (36 AT)
Contact Capacitance (max)
without test coil
pF
0.2
0.2
0.2
0.2
Insulation Resistance (min)
RH
≤ 45%
M
Ω
10
6
10
6
10
6
10
6



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com