Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LH1503AB Datasheet(PDF) 2 Page - Vishay Siliconix

Part # LH1503AB
Description  2 Form A Solid State Relay
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LH1503AB Datasheet(HTML) 2 Page - Vishay Siliconix

  LH1503AB Datasheet HTML 1Page - Vishay Siliconix LH1503AB Datasheet HTML 2Page - Vishay Siliconix LH1503AB Datasheet HTML 3Page - Vishay Siliconix LH1503AB Datasheet HTML 4Page - Vishay Siliconix LH1503AB Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Document Number: 83807
www.vishay.com
Revision 06-March-02
3–47
Absolute Maximum Ratings, TA=25°C
Stresses in excess of the Absolute Maximum Ratings can cause permanent
damage to the device. These are absolute stress ratings only. Functional opera-
tion of the device is not implied at these or any other conditions in excess of
those given in the operational sections of the data sheet. Exposure to maximum
rating conditions for extended periods can adversely affect device reliability.
Ambient Temperature Range (TA) ....................................–40 to +85°C
Storage Temperature Range (Tstg).................................–40 to +150°C
Pin Soldering Temperature (t=10 s max) (TS) ............................. 260°C
Input/Output Isolation Voltage (VISO) .................................. 5300 VRMS
Pole-to-Pole Isolation Voltage (S1 to S2)...................................... 500 V
LED Continuous Forward Current (IF) .........................................50 mA
LED Reverse Voltage (IR≤10 µA) (VR)...........................................8.0 V
DC or Peak AC Load Voltage (IL≤50 µA) (VL)..............................200 V
Continuous DC Load Current (IL)
One Pole Operating.................................................................150 mA
Two Poles Operating ...............................................................110 mA
Peak Load Current (t=100 ms) (single shot) (IP) ................................ †
Output Power Dissipation (continuous) (PDISS)........................600 mW
† Refer to Current Limit Performance Application Note for a discussion on
relay operation during transient currents.
Recommended Operating Conditions
100
80
60
40
20
0
-40
-20
0
20
40
60
80
Ambient Temperature (°C)
IFon = 3 to 10 mA
IFon = 2 mA
Electrical Characteristics, TA=25°C
Minimum and maximum values are testing requirements. Typical values are characteristics of the device and are the result of
engineering evaluations. Typical values are for information only and are not part of the testing requirements.
Parameter
Sym.
Min.
Typ.
Max.
Units
Test Conditions
Input
LED Forward Current, Switch Turn-on
IFon
—
2.0
3.0
mA
IL=100 mA, t=10 ms
LED Forward Current, Switch Turn-off
IFoff
0.2
0.8
—
mA
VL±300 V
LED Forward Voltage
VF
1.15
1.26
1.45
V
IF=10 mA
Output
ON-resistance
RON
12
20
25
Ω
IF=5.0 mA, IL=50 mA
Pole-to-Pole ON-resistance Matching (S1 to S2)
—
—
0.2
2.0
∆Ω
IF=5.0 mA, IL=50 mA
OFF-resistance
ROFF
0.5
5000
—
GΩ
IF=0 mA, VL=±100 V
Current Limit
ILMT
230
270
370
mA
IF=5.0 mA, t=5.0 ms
VL±6.0 V
Off-state Leakage Current
—
—
0.02
200
nA
IF=0 mA, VL=±100 V
——
1.0
µA
IF=0 mA, VL=±350 V
Output Capacitance
—
—55
—
pF
IF=0 mA, VL=1.0 V
—10
—
IF=0 mA, VL=50 V
Pole-to-Pole Capacitance (S1 to S2)
—
—
3.0
—
pF
IF=0 mA
—
4.0
—
IF=5.0 mA
Switch Offset
—
—
0.15
—
V
IF=5.0 mA
Transfer
Input/Output Capacitance
CISO
—
1.1
—
pF
VISO=1.0 V
Turn-on Time
ton
—
1.6
2.5
ms
IF=10.0 mA, IL=50 mA
Turn-off Time
toff
—
0.65
2.5
ms
IF=10.0 mA, IL=50 mA



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com