Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2459 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2459
Description  Monolithic Single Channel 15 MHz DTV CRT Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2459 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM2459 Datasheet HTML 1Page - National Semiconductor (TI) LM2459 Datasheet HTML 2Page - National Semiconductor (TI) LM2459 Datasheet HTML 3Page - National Semiconductor (TI) LM2459 Datasheet HTML 4Page - National Semiconductor (TI) LM2459 Datasheet HTML 5Page - National Semiconductor (TI) LM2459 Datasheet HTML 6Page - National Semiconductor (TI) LM2459 Datasheet HTML 7Page - National Semiconductor (TI) LM2459 Datasheet HTML 8Page - National Semiconductor (TI) LM2459 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
LM2459
Monolithic Single Channel 15 MHz DTV CRT Driver
General Description
The LM2459 is a single channel high voltage CRT driver
circuit designed for use in DTV applications. The IC contains
a high input impedance, wide band amplifier which directly
drives the cathode of a CRT. The amplifier has its gain
internally set to −51 and can drive CRT capacitive loads as
well as resistive loads present in other applications, limited
only by the package’s power dissipation.
The IC is packaged in a staggered 7-lead TO-220 molded
plastic power package designed specifically to meet high
voltage spacing requirements. See Thermal Considerations
section.
Features
n
15MHz bandwith at 130V
PP output swing
n
0V to 4V input range
n
Greater than 130V
PP output swing capability
n
Stable with 0–20 pF capacitive loads and inductive
peaking networks
n
Transient response improvement option via pin 6 (EM)
Applications
n
AC coupled DTV applications using the 480p format as
well as standard NTSC and PAL formats.
Connection Diagram
Schematic Diagram
20067802
Note: Tab is at GND
Top View
Order Number LM2459TE
FIGURE 1. Simplified Connection and Pinout Diagram
20067801
FIGURE 2. Simplified Schematic Diagram
May 2004
© 2004 National Semiconductor Corporation
DS200678
www.national.com


Similar Part No. - LM2459

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2459 TI1-LM2459 Datasheet
2Mb / 14P
Monolithic Single Channel 15 MHz DTV CRT Driver
More results

Similar Description - LM2459

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2423 NSC-LM2423 Datasheet
733Kb / 11P
220V Monolithic Triple Channel 15 MHz CRT DTV Driver
LM2425 NSC-LM2425 Datasheet
1Mb / 11P
220V Monolithic Triple Channel 10 MHz CRT DTV Driver
LM2429 NSC-LM2429 Datasheet
723Kb / 12P
Monolithic Triple Channel 15 MHz DTV Driver
LM2422 NSC-LM2422 Datasheet
603Kb / 8P
220V Monolithic Triple Channel 30 MHz CRT DTV Driver
LM2423 NSC-LM2423_06 Datasheet
1Mb / 11P
220V Monolithic Triple Channel 15 MHz CRT DTV Driver
LM2422_0505 NSC-LM2422_0505 Datasheet
602Kb / 8P
220V Monolithic Triple Channel 30 MHz CRT DTV Driver
LM2422TE NSC-LM2422TE Datasheet
1Mb / 13P
220V Monolithic Triple Channel 30 MHz CRT DTV Driver
logo
Texas Instruments
LM2422TE TI1-LM2422TE Datasheet
846Kb / 15P
Monolithic Triple Channel 30 MHz CRT DTV Driver
LM2429 TI1-LM2429 Datasheet
901Kb / 15P
Monolithic Triple Channel 15 MHz DTV Driver
LM2459 TI1-LM2459 Datasheet
2Mb / 14P
Monolithic Single Channel 15 MHz DTV CRT Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com