Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM99CIMM Datasheet(PDF) 19 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM99CIMM
Description  짹1C Accurate, High Temperature, Remote Diode Temperature Sensor with Two-Wire Interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM99CIMM Datasheet(HTML) 19 Page - National Semiconductor (TI)

Back Button LM99CIMM Datasheet HTML 12Page - National Semiconductor (TI) LM99CIMM Datasheet HTML 13Page - National Semiconductor (TI) LM99CIMM Datasheet HTML 14Page - National Semiconductor (TI) LM99CIMM Datasheet HTML 15Page - National Semiconductor (TI) LM99CIMM Datasheet HTML 16Page - National Semiconductor (TI) LM99CIMM Datasheet HTML 17Page - National Semiconductor (TI) LM99CIMM Datasheet HTML 18Page - National Semiconductor (TI) LM99CIMM Datasheet HTML 19Page - National Semiconductor (TI) LM99CIMM Datasheet HTML 20Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
3.0 Application Hints (Continued)
3.2 PCB LAYOUT FOR MINIMIZING NOISE
In a noisy environment, such as a processor mother board,
layout considerations are very critical. Noise induced on
traces running between the remote temperature diode sen-
sor and the LM99 can cause temperature conversion errors.
Keep in mind that the signal level the LM99 is trying to
measure is in microvolts. The following guidelines should be
followed:
1.
Place a 0.1 µF power supply bypass capacitor as close
as possible to the V
DD pin and the recommended 2.2 nF
capacitor as close as possible to the LM99’s D+ and D−
pins. Make sure the traces to the 2.2 nF capacitor are
matched.
2.
Ideally, the LM99 should be placed within 10 cm of the
Processor diode pins with the traces being as straight,
short and identical as possible. Trace resistance of 1
Ω
can cause as much as 1˚C of error. This error can be
compensated by using the Remote Temperature Offset
Registers, since the value placed in these registers will
automatically be subtracted from or added to the remote
temperature reading.
3.
Diode traces should be surrounded by a GND guard ring
to either side, above and below if possible. This GND
guard should not be between the D+ and D− lines. In the
event that noise does couple to the diode lines it would
be ideal if it is coupled common mode. That is equally to
the D+ and D− lines.
4.
Avoid routing diode traces in close proximity to power
supply switching or filtering inductors.
5.
Avoid running diode traces close to or parallel to high
speed digital and bus lines. Diode traces should be kept
at least 2 cm apart from the high speed digital traces.
6.
If it is necessary to cross high speed digital traces, the
diode traces and the high speed digital traces should
cross at a 90 degree angle.
7.
The ideal place to connect the LM99’s GND pin is as
close as possible to the Processors GND associated
with the sense diode.
8.
Leakage current between D+ and GND should be kept
to a minimum. One nano-ampere of leakage can cause
as much as 1˚C of error in the diode temperature read-
ing. Keeping the printed circuit board as clean as pos-
sible will minimize leakage current.
Noise coupling into the digital lines greater than 400 mVp-p
(typical hysteresis) and undershoot less than 500 mV below
GND, may prevent successful SMBus communication with
the LM99. SMBus no acknowledge is the most common
symptom, causing unnecessary traffic on the bus. Although
the SMBus maximum frequency of communication is rather
low (100 kHz max), care still needs to be taken to ensure
proper termination within a system with multiple parts on the
bus and long printed circuit board traces. An RC lowpass
filter witha3dB corner frequency of about 40 MHz is
included on the LM99’s SMBCLK input. Additional resistance
can be added in series with the SMBData and SMBCLK lines
to further help filter noise and ringing. Minimize noise cou-
pling by keeping digital traces out of switching power supply
areas as well as ensuring that digital lines containing high
speed data communications cross at right angles to the
SMBData and SMBCLK lines.
20053817
FIGURE 11. Ideal Diode Trace Layout
www.national.com
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com