Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NPIM_A Datasheet(PDF) 11 Page - NIC-Components Corp.

Part # NPIM_A
Description  NPIM Shielded Power Inductors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NPIM_A Datasheet(HTML) 11 Page - NIC-Components Corp.

Back Button NPIM_A Datasheet HTML 4Page - NIC-Components Corp. NPIM_A Datasheet HTML 5Page - NIC-Components Corp. NPIM_A Datasheet HTML 6Page - NIC-Components Corp. NPIM_A Datasheet HTML 7Page - NIC-Components Corp. NPIM_A Datasheet HTML 8Page - NIC-Components Corp. NPIM_A Datasheet HTML 9Page - NIC-Components Corp. NPIM_A Datasheet HTML 10Page - NIC-Components Corp. NPIM_A Datasheet HTML 11Page - NIC-Components Corp. NPIM_A Datasheet HTML 12Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
SPECIFICATIONS SUBJECT TO CHANGE
NPIM__A Series
NPIM Shielded Power Inductors
Series
Part
Thickness
Ao
Bo
Co
Po
Ko
t
W
NPIM63A
3.0
7.1
6.6
7.5
12.0
3.3
0.4
16.0
NPIM64A
4.5
7.1
6.6
5.0
NPIM75A
5.4
8.1
7.6
6.0
NPIM84A
5.0
9.1
8.6
NPIM85A
5.4
9.1
8.6
NPIM104A
5.0
10.7
11.9
11.5
16.0
6.3
0.5
24.0
NPIM105A
5.4
10.7
11.9
NPIM104A...L
5.0
10.7
11.9
CARRIER TAPE DIMENSIONS (mm)
W
Co
Ao
Po
Ko
Bo
1.50mm ± 0.05
4.0mm
±0.1
1.75mm ±0.1
t
COMPONENT ORIENTATION (NPIM104A, 105A and 104AL)
FEED DIRECTION
W
Co
Ao
Po
Ko
Bo
1.50mm ± 0.05
4.0mm
±0.1
1.75mm ±0.1
t
COMPONENT ORIENTATION (NPIM63A, 64A, 75A, 84A and 85A)
FEED DIRECTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com