Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4667 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4667
Description  Filterless High Efficiency 1.3W Switching Audio Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4667 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LM4667 Datasheet HTML 8Page - National Semiconductor (TI) LM4667 Datasheet HTML 9Page - National Semiconductor (TI) LM4667 Datasheet HTML 10Page - National Semiconductor (TI) LM4667 Datasheet HTML 11Page - National Semiconductor (TI) LM4667 Datasheet HTML 12Page - National Semiconductor (TI) LM4667 Datasheet HTML 13Page - National Semiconductor (TI) LM4667 Datasheet HTML 14Page - National Semiconductor (TI) LM4667 Datasheet HTML 15Page - National Semiconductor (TI) LM4667 Datasheet HTML 16Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
Application Information (Continued)
REFERENCE DESIGN BOARD SCHEMATIC
In addition to the minimal parts required for the application
circuit, a measurement filter is provided on the evaluation
circuit board so that conventional audio measurements can
be conveniently made without additional equipment. This is a
balanced input / grounded differential output low pass filter
with a 3dB frequency of approximately 35kHz and an on
board termination resistor of 300
Ω (see schematic). Note
that the capacitive load elements are returned to ground.
This is not optimal for common mode rejection purposes, but
due to the independent pulse format at each output there is
a significant amount of high frequency common mode com-
ponent on the outputs. The grounded capacitive filter ele-
ments attenuate this component at the board to reduce the
high frequency CMRR requirement placed on the analysis
instruments.
Even with the grounded filter the audio signal is still differ-
ential, necessitating a differential input on any analysis in-
strument connected to it. Most lab instruments that feature
BNC connectors on their inputs are NOT differential re-
sponding because the ring of the BNC is usually grounded.
The commonly used Audio Precision analyzer is differential,
but its ability to accurately reject fast pulses of 160nS width
is questionable necessitating the on board measurement
filter. When in doubt or when the signal needs to be single-
ended, use an audio signal transformer to convert the differ-
ential output to a single ended output. Depending on the
audio transformer’s characteristics, there may be some at-
tenuation of the audio signal which needs to be taken into
account for correct measurement of performance.
Measurements made at the output of the measurement filter
suffer attenuation relative to the primary, unfiltered outputs
even at audio frequencies. This is due to the resistance of
the inductors interacting with the termination resistor (300
Ω)
and is typically about -0.35dB (4%). In other words, the
voltage levels (and corresponding power levels) indicated
through the measurement filter are slightly lower than those
that actually occur at the load placed on the unfiltered out-
puts. This small loss in the filter for measurement gives a
lower output power reading than what is really occurring on
the unfiltered outputs and its load.
200405C7
FIGURE 4.
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com