Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCLS Datasheet(PDF) 5 Page - NIC-Components Corp.

Part # NCLS
Description  Metal Foil Current Sensing Chip Resistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NCLS Datasheet(HTML) 5 Page - NIC-Components Corp.

  NCLS Datasheet HTML 1Page - NIC-Components Corp. NCLS Datasheet HTML 2Page - NIC-Components Corp. NCLS Datasheet HTML 3Page - NIC-Components Corp. NCLS Datasheet HTML 4Page - NIC-Components Corp. NCLS Datasheet HTML 5Page - NIC-Components Corp. NCLS Datasheet HTML 6Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com www.RFpassives.com www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
NCLS Series
Case Size
A
B
C
0603
5mW & 20mW
0.60
1.10
1.0
6mW ~ 19.5mW
0.85
0.975
0805
6mW ~ 9.5mW
0.80
1.20
1.4
10mW ~ 30mW
1.20
1.00
1206
6mW ~ 9.5mW
1.20
1.75
1.8
10mW ~ 19.5mW
1.80
1.45
20mW ~ 40mW
2.20
1.05
RECOMMENDED LAND PATTERN DIM. (mm)
B
A
C
B
Sensing
Trace
RECOMMENDED REFLOW
SOLDERING TEMPERATURE PROFILE
200
300
250
50
150
100
0
150°C ~ 180°C
120 Sec.
10 sec.
Peak Temperature 260°C
230°C, 40 sec. max.
Case
Size
A
B
K
P
P
1
E
F
D
0
W
Quantity
per Reel
0603 1.10 ± 0.15 1.90 ± 0.2 0.85 ± 0.1
4.0 ± 0.1
2.0 ± 0.1
1.75 ± 0.1 3.5 ± 0.05 1.55 ± 0.1 8.0 ± 0.2
5,000
0805 1.60 ± 0.15 2.40 ± 0.2
1.05 ± 0.1
4.0 ± 0.1
4,000
1206 2.00 ± 0.15 3.60 ± 0.2
PAPER TAPE DIMENSIONS (mm)
D
0
P
1
K
A
P
Bottom
Tape
Top
Tape
Metal Foil Current Sensing Chip Resistors



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com