Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH6533 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMH6533
Description  Four - Channel Laser Diode Driver with Dual Output, LVDS Interface and HFM Oscillator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6533 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LMH6533 Datasheet HTML 1Page - National Semiconductor (TI) LMH6533 Datasheet HTML 2Page - National Semiconductor (TI) LMH6533 Datasheet HTML 3Page - National Semiconductor (TI) LMH6533 Datasheet HTML 4Page - National Semiconductor (TI) LMH6533 Datasheet HTML 5Page - National Semiconductor (TI) LMH6533 Datasheet HTML 6Page - National Semiconductor (TI) LMH6533 Datasheet HTML 7Page - National Semiconductor (TI) LMH6533 Datasheet HTML 8Page - National Semiconductor (TI) LMH6533 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
LMH6533
Four –Channel Laser Diode Driver with Dual Output,
LVDS Interface and HFM Oscillator
General Description
The LMH™ 6533 is a laser diode driver for use in combina-
tion DVD/CD recordable and rewritable systems. The part
contains two high-current outputs for reading and writing the
DVD (650 nm) and CD (780 nm) lasers. Functionality in-
cludes read, write and erase through four separate switched
current channels. The channel currents are summed to-
gether at the selected output to generate multilevel wave-
forms for reading, writing and erasing of optical discs. The
LVDS interface delivers DVD write speeds of 12x and higher
while minimizing noise and crosstalk. The LMH6533 is opti-
mized for both speed and power consumption to meet the
demands of next generation systems. The part features a
150 mA read channel plus one 300 mA and two 150 mA write
channels, which can be summed to allow a total output
current of 500 mA or greater. The channel currents are set
through four independent current inputs.
The part is manufactured in National Semiconductor’s
VIP10™ process, which features bonded wafer technology
and trench isolation for very high switching speeds at low
power levels. An on-board High-Frequency Modulator (HFM)
oscillator helps reduce low-frequency noise of the laser and
is enabled with the ENOSC pin. The fully differential oscilla-
tor circuit minimizes supply line noise, easing FCC approval
of the overall system. The SELB pin (active HIGH) selects
the output channel and oscillator settings. External resistors
determine oscillator frequency and amplitude for each set-
ting. The write and erase channels can be switched on and
off through dedicated LVDS interface pins.
Features
n
Fast switching: Rise and fall times <0.8 ns
n
Low voltage differential signaling (LVDS) channels
enable interface for the fast switching lines
n
Low output current noise: <0.5nA/
n
Dual output: Selectable by SELB pin (active HIGH)
n
Four independent current channels
— Gain of 300, 300 mA write channel
— Gain of 150, 150 mA low-noise read channel
— Two gain of 150, 150 mA write channels
— 500 mA minimum combined output current
n
Integrated AC Coupled HFM Oscillator
— Selectable frequency and amplitude setting by
external resistors
— 200 MHz to 600 MHz frequency range
— Amplitude to 100 mA peak-to-peak modulation
n
Complete shutdown by ENABLE pin
n
5V single-supply operation
n
Logic inputs TTL and CMOS compatible
n
Space saving Leadless Leadframe Package LLP®-28
Applications
n
Combination DVD/CD recordable and rewritable drives
n
DVD camcorders
n
DVD video recorders
Block Diagram
20027701
LMH™ is a trademark of National Semiconductor Corporation.
VIP10™ is a trademark of National Semiconductor Corporation.
LLP® is a registered trademark of National Semiconductor.
May 2004
© 2004 National Semiconductor Corporation
DS200277
www.national.com


Similar Part No. - LMH6533

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6502 NSC-LMH6502 Datasheet
941Kb / 19P
Wideband, Low Power, Linear-in-dB Variable Gain Amplifier
logo
Texas Instruments
LMH6502 TI2-LMH6502 Datasheet
1Mb / 34P
LMH6502 Wideband, Low Power, Linear-in-dB Variable Gain Amplifier
REVISED MARCH 2013
logo
National Semiconductor ...
LMH6502MA NSC-LMH6502MA Datasheet
941Kb / 19P
Wideband, Low Power, Linear-in-dB Variable Gain Amplifier
logo
Texas Instruments
LMH6502MA TI-LMH6502MA Datasheet
1Mb / 29P
LMH6502 Wideband, Low Power, Linear-in-dB Variable Gain Amplifier
LMH6502MA/NOPB TI-LMH6502MA/NOPB Datasheet
1Mb / 29P
LMH6502 Wideband, Low Power, Linear-in-dB Variable Gain Amplifier
More results

Similar Description - LMH6533

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9664 AD-AD9664 Datasheet
89Kb / 2P
4-Channel LVDS Dual-Output Laser Diode Driver with Oscillator
logo
Intersil Corporation
EL6839 INTERSIL-EL6839 Datasheet
102Kb / 2P
Dual 4-Channel Driver with Oscillator and LVDS
July 15, 2004
logo
Analog Devices
AD9662 AD-AD9662 Datasheet
65Kb / 2P
3-Channel Laser Diode Driver with Oscillator
logo
Intersil Corporation
EL6119 INTERSIL-EL6119 Datasheet
23Kb / 2P
Dual 4-Channel Laser Diode Driver Oscillator
June 15, 2004
logo
ATMEL Corporation
ATR0809 ATMEL-ATR0809 Datasheet
222Kb / 8P
FOUR CHANNEL LASER DRIVER WITH RF OSCILLATOR AND TWO OUTPUTS
logo
National Semiconductor ...
LMH6525 NSC-LMH6525 Datasheet
905Kb / 15P
Four-hannel Laser Diode Driver with Dual Output
logo
Analog Devices
AD9665ACPZ-REEL7 AD-AD9665ACPZ-REEL7 Datasheet
447Kb / 17P
4-Channel, LVDS, Dual-Output, Laser Diode Driver with Oscillator
Rev. E
AD9662ARQZ AD-AD9662ARQZ Datasheet
265Kb / 16P
3-Channel Laser Diode Driver with Oscillator
REV. C
AD9662 AD-AD9662_15 Datasheet
265Kb / 16P
3-Channel Laser Diode Driver with Oscillator
REV. C
logo
Texas Instruments
LMH6525 TI1-LMH6525 Datasheet
1Mb / 25P
LMH6525/LMH6526 Four?밅hannel Laser Diode Driver with Dual Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com