Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMP2011MA Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMP2011MA
Description  High Precision, Rail-to-Rail Output Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMP2011MA Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LMP2011MA Datasheet HTML 8Page - National Semiconductor (TI) LMP2011MA Datasheet HTML 9Page - National Semiconductor (TI) LMP2011MA Datasheet HTML 10Page - National Semiconductor (TI) LMP2011MA Datasheet HTML 11Page - National Semiconductor (TI) LMP2011MA Datasheet HTML 12Page - National Semiconductor (TI) LMP2011MA Datasheet HTML 13Page - National Semiconductor (TI) LMP2011MA Datasheet HTML 14Page - National Semiconductor (TI) LMP2011MA Datasheet HTML 15Page - National Semiconductor (TI) LMP2011MA Datasheet HTML 16Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
Application Information (Continued)
TABLE 1. Composite Amplifier Measured Performance
AV
R1
R2
C2
pF
BW
MHz
SR
(V/µs)
en p-p
(mV
PP)
50
200
10k
8
3.3
178
37
100
100
10k
10
2.5
174
70
100
1k
100k
0.67
3.1
170
70
500
200
100k
1.75
1.4
96
250
1000
100
100k
2.2
0.98
64
400
In terms of the measured output peak-to-peak noise, the
following relationship holds between output noise voltage, e
n
p-p, for different closed-loop gain, A
V, settings, where −3 dB
Bandwidth is BW:
It should be kept in mind that in order to minimize the output
noise voltage for a given closed-loop gain setting, one could
minimize the overall bandwidth. As can be seen from Equa-
tion 1 above, the output noise has a square-root relationship
to the Bandwidth.
In the case of the inverting configuration, it is also possible to
increase the input impedance of the overall amplifier, by
raising the value of R1, without having to increase the feed-
back resistor, R2, to impractical values, by utilizing a "Tee"
network as feedback. See the LMC6442 data sheet (Appli-
cation Notes section) for more details on this.
20071519
FIGURE 5.
20071520
FIGURE 6.
20071521
FIGURE 7.
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com