Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV761MF Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMV761MF
Description  Low Voltage, Precision Comparator with Push-Pull Output
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV761MF Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LMV761MF Datasheet HTML 2Page - National Semiconductor (TI) LMV761MF Datasheet HTML 3Page - National Semiconductor (TI) LMV761MF Datasheet HTML 4Page - National Semiconductor (TI) LMV761MF Datasheet HTML 5Page - National Semiconductor (TI) LMV761MF Datasheet HTML 6Page - National Semiconductor (TI) LMV761MF Datasheet HTML 7Page - National Semiconductor (TI) LMV761MF Datasheet HTML 8Page - National Semiconductor (TI) LMV761MF Datasheet HTML 9Page - National Semiconductor (TI) LMV761MF Datasheet HTML 10Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Application Hints
Basic Comparator
A basic comparator circuit is used to convert analog input
signals to digital output signals. The comparator compares
an input voltage (V
IN) at the non-inverting input to the refer-
ence voltage (V
REF) at the inverting pin. If VIN is less than
V
REF the output (VO) is low (VOL). However, if VIN is greater
than V
REF, the output voltage (VO) is high (VOH).
Hysteresis
The basic comparator configuration may oscillate or produce
a noisy output if the applied differential input is near the
comparator’s input offset voltage. This tends to occur when
the voltage on one input is equal or very close to the other
input voltage. Adding hysteresis can prevent this problem.
Hysteresis creates two switching thresholds (one for the
rising input voltage and the other for the falling input volt-
age). Hysteresis is the voltage difference between the two
switching thresholds. When both inputs are nearly equal,
hysteresis causes one input to effectively move quickly past
the other. Thus, moving the input out of the region in which
oscillation may occur.
Hysteresis can easily be added to a comparator in a non-
inverting configuration with two resistors and positive feed-
back Figure 2. The output will switch from low to high when
V
IN rises up to VIN1, where VIN1 is calculated by
V
IN1 =(VREF(R1+R2))/R2
The output will switch from high to low when V
IN falls to VIN2,
where V
IN2 is calculated by
V
IN2 =(VREF(R1+R2)– VCC R1)/R2
The Hysteresis is the difference between V
IN1 and VIN2.
∆V
IN =VIN1 -VIN2
= ((V
REF(R1+R2))/R2)-((VREF(R1+R2))-(VCC R1))/R2)
=V
CC R1/R2
Input
The LMV761/762 have near zero input bias current. This
allows very high resistance circuits to be used without any
concern for matching input resistances. This also allows the
use of very small capacitors in R-C type timing circuits. This
reduces the cost of the capacitors and amount of board
space used.
Shutdown Mode
The LMV761 features a low-power shutdown pin that is
activated by driving SD low. In shutdown mode, the output is
in a high impedance state, supply current is reduced to 20nA
and the comparator is disabled. Driving SD high will turn the
comparator on. The SD pin should not be left unconnected
due to the fact that it is a high impedance input. When left
unconnected, the output will be at an unknown voltage. Also
do not three-state the SD pin.
The maximum input voltage for SD is 5.5V, referred to
ground and is not limited by V
CC. This allows the use of 5V
logic to drive SD while V
CC operates at a lower voltage, such
as 3V. The logic threshold limits for SD are proportional to
V
CC.
Board Layout and Bypassing
The LMV761/762 is designed to be stable and oscillation
free, but it is still important to include the proper bypass
capacitors and ground pickups. Ceramic 0.1µF capacitors
should be placed at both supplies to provide clean switching.
Minimize the length of signal traces to reduce stray capaci-
tance.
20037028
20037031
FIGURE 1. Basic Comparator
20037026
20037027
FIGURE 2. Non-Inverting Comparator Configuration
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com