Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LOG102 Datasheet(PDF) 12 Page - Texas Instruments

Part # LOG102
Description  LOGARITHMIC AND LOG RATIO AMPLIFIER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LOG102 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LOG102 Datasheet HTML 5Page - Texas Instruments LOG102 Datasheet HTML 6Page - Texas Instruments LOG102 Datasheet HTML 7Page - Texas Instruments LOG102 Datasheet HTML 8Page - Texas Instruments LOG102 Datasheet HTML 9Page - Texas Instruments LOG102 Datasheet HTML 10Page - Texas Instruments LOG102 Datasheet HTML 11Page - Texas Instruments LOG102 Datasheet HTML 12Page - Texas Instruments LOG102 Datasheet HTML 13Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
www.ti.com
LOG102
12
SBOS211A
(10)
(11)
(12)
(13)
(14)
(15)
≈+
+
1 003
10
10
0 004
0 003
6
7
.
log
.
.
= 1.003 (1) + 0.004 + 0.0003
= 1.0073V
Since the ideal output is 1.000V, the error as a percent of
reading is
%
.
%.
%
error
=•
=
0 0073
1
100
0 73
For the case of voltage inputs, the actual transfer function is
VV
K
V
R
I
E
R
V
R
I
E
R
Nn
V
OUT
B
OS
B
OS
OS OUT
=
( ) ±
(
)
±
±
±±
11
2
1
1
1
1
1
2
2
2
2
2
∆ log
Where
E
R
and
E
R
OS
OS
1
1
2
2
are considered to be zero for large
values of resistance from external input current sources.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com