Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMX2433TMX Datasheet(PDF) 36 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX2433TMX
Description  PLLatinum Dual High Frequency Synthesizer for RF Personal Communications
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2433TMX Datasheet(HTML) 36 Page - National Semiconductor (TI)

Back Button LMX2433TMX Datasheet HTML 32Page - National Semiconductor (TI) LMX2433TMX Datasheet HTML 33Page - National Semiconductor (TI) LMX2433TMX Datasheet HTML 34Page - National Semiconductor (TI) LMX2433TMX Datasheet HTML 35Page - National Semiconductor (TI) LMX2433TMX Datasheet HTML 36Page - National Semiconductor (TI) LMX2433TMX Datasheet HTML 37Page - National Semiconductor (TI) LMX2433TMX Datasheet HTML 38Page - National Semiconductor (TI) LMX2433TMX Datasheet HTML 39Page - National Semiconductor (TI) LMX2433TMX Datasheet HTML 40Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 49 page
background image
1.0 Functional Description (Continued)
1.8.3 Digital Filtered Lock Detect Output
A digital filtered lock detect status generated from the phase
detector is also available on the Ftest/LD output pin if se-
lected. The lock detect digital filter compares the difference
bewteen the phases of the inputs to the PFD to an RC
generated delay of approximately 15 ns. If the phase error is
less than the 15 ns RC delay for 5 consecutive reference
cycles, the PLL enters a locked state (HIGH). Once in lock,
the RC delay is changed to approximately 30 ns. Once the
phase error becomes greater than the 30 ns RC delay, the
PLL falls out of lock (LOW). When the PLL is in powerdown
mode, the Ftest/LD output is forced LOW. A flow chart of the
digital filtered lock detect output is shown below.
20053503
Similarly, three separate digital filtered lock detect signals
are routed to the multiplexer. Two of these monitor the lock
status of the individual synthesizers. The third detects the
condition when both the RF and IF synthesizers are in a
locked state. External circuitry is not required when the
digital filtered lock detect option is selected. Refer to Section
2.10 for details on how to program the different digital filtered
lock detect options.
www.national.com
36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com