Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3460 Datasheet(PDF) 7 Page - Linear Technology

Part # LT3460
Description  1.3MHz Step-Up DC/DC Converter in SC70 and ThinSOT
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3460 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT3460 Datasheet HTML 3Page - Linear Technology LT3460 Datasheet HTML 4Page - Linear Technology LT3460 Datasheet HTML 5Page - Linear Technology LT3460 Datasheet HTML 6Page - Linear Technology LT3460 Datasheet HTML 7Page - Linear Technology LT3460 Datasheet HTML 8Page - Linear Technology LT3460 Datasheet HTML 9Page - Linear Technology LT3460 Datasheet HTML 10Page - Linear Technology LT3460 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
LT3460
7
3460f
Efficiency
SHDN
VIN
5V
L1
22
µH
D1
130k
15k
C2
1
µF
22pF
C1
4.7
µF
VOUT
12V
70mA
51
3
2
4
C1: TAIYO YUDEN X5R JMK212BJ475
C2: TAIYO YUDEN X5R EMK212BJ105
D1: CENTRAL SEMICONDUCTOR CMDSH2-3
L1: MURATA LQH32CN-220 OR EQUIVALENT
3460 TA01
VIN
SW
FB
SHDN
GND
LT3460
LOAD CURRENT (mA)
0
90
85
80
75
70
65
60
20
40
60
80
3460 TA01a
TYPICAL APPLICATIO S
5V to 12V Step-Up Converter
VOUT
100mV/DIV
58mA
34mA
100
µs/DIV
3460 TA01b
Load Step Response
ILOAD
5V to 12V with Soft-Start Circuit
VIN
5V
VOUT
12V
70mA
L1
22
µH
D1
130k
47k
CONTROL
SIGNAL
15k
C2
1
µF
16V
22pF
47nF
C1
4.7
µF
VIN
SW
FB
SHDN
GND
LT3460
3460 TA02
C1: TAIYO YUDEN X5R JMK212BJ475
C2: TAIYO YUDEN X5R EMK212BJ105
D1: CENTRAL SEMICONDUCTOR CMDSH2-3
L1: MURATA LQH32CN-220 OR EQUIVALENT
Input Current and Output Voltage
IIN
100mA/DIV
CONTROL
SIGNAL
2V/DIV
500
µs/DIV
3460 TA02b
VO
5V/DIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com