Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS9627 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS9627
Description  Dual Line Receiver
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS9627 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  DS9627 Datasheet HTML 1Page - National Semiconductor (TI) DS9627 Datasheet HTML 2Page - National Semiconductor (TI) DS9627 Datasheet HTML 3Page - National Semiconductor (TI) DS9627 Datasheet HTML 4Page - National Semiconductor (TI) DS9627 Datasheet HTML 5Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Electrical Characteristics
V
CC = ±12V for MIL-STD-188C and RS-232C, TA = 25˚C
Symbol
Characteristics
Conditions
Min
Max
Units
t
PLH
Propagation Delay to High Level
See
Figure 1
250
ns
t
PHL
Propagation Delay to Low Level
See
Figure 1
250
ns
DS009761-2
15 pF includes jig capacitance. All diodes are FD777 or equivalent.
DS009761-3
PRR = 10 kHz
PW = 50 µs
tr = tf = 5ns
FIGURE 1. Switching Time Test Circuit and Waveforms
www.national.com
3



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com