Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4091 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX4091
Description  Single/Dual/Quad, Micropower, Single-Supply, Rail-to-Rail Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4091 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX4091 Datasheet HTML 1Page - Maxim Integrated Products MAX4091 Datasheet HTML 2Page - Maxim Integrated Products MAX4091 Datasheet HTML 3Page - Maxim Integrated Products MAX4091 Datasheet HTML 4Page - Maxim Integrated Products MAX4091 Datasheet HTML 5Page - Maxim Integrated Products MAX4091 Datasheet HTML 6Page - Maxim Integrated Products MAX4091 Datasheet HTML 7Page - Maxim Integrated Products MAX4091 Datasheet HTML 8Page - Maxim Integrated Products MAX4091 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Single/Dual/Quad, Micropower, Single-Supply,
Rail-to-Rail Op Amps
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC = 2.7V to 6V, VEE = GND, VCM = 0, VOUT = VCC/2, TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Supply Voltage (VCC to VEE) ....................................................7V
Common-Mode Input Voltage..........(VCC + 0.3V) to (VEE - 0.3V)
Differential Input Voltage .........................................±(VCC - VEE)
Input Current (IN+, IN-) ....................................................±10mA
Output Short-Circuit Duration
OUT shorted to GND or VCC .................................Continuous
Continuous Power Dissipation (TA = +70°C)
5-Pin SOT23 (derate 7.1mW/°C above +70°C)...........571mW
8-Pin SO (derate 5.88mW/°C above +70°C)...............471mW
8-Pin µMAX (derate 4.1mW/°C above +70°C) ............330mW
14-Pin SO (derate 8.33mW/°C above +70°C).............667mW
14-Pin TSSOP (derate 9.1mW/°C above +70°C) ........727mW
Operating Temperature Range .........................-40°C to +125°C
Storage Temperature Range .............................-65°C to +150°C
Junction Temperature ......................................................+150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DC CHARACTERISTICS
Supply Voltage Range
VCC
Inferred from PSRR test
2.7
6.0
V
VCC = 2.7V
115
165
Supply Current
ICC
VCM = VCC/2
VCC = 5V
130
185
µA
Input Offset Voltage
VOS
VCM = VEE to VCC
0.03
1.4
mV
Input Bias Current
IB
VCM = VEE to VCC
20
180
nA
Input Offset Current
IOS
VCM = VEE to VCC
0.2
7
nA
Input Common-Mode RangeVCM
Inferred from CMRR test
VEE - 0.05
VCC + 0.05
V
Common-Mode Rejection
Ratio
CMRR
(VEE - 0.05V)
≤ VCM ≤ (VCC + 0.05V)
71
90
dB
Power-Supply Rejection
Ratio
PSRR
2.7V
≤ VCC ≤ 6V
86
100
dB
Sourcing
83
105
VCC = 2.7V, RL = 100k
Ω
0.25V
≤ VOUT ≤ 2.45V
Sinking
81
105
Sourcing
91
105
VCC = 2.7V, RL = 1k
Ω
0.5V
≤ VOUT ≤ 2.2V
Sinking
78
90
Sourcing
87
115
VCC = 5.0V, RL = 100k
Ω
0.25V
≤ VOUT ≤ 4.75V
Sinking
83
115
Sourcing
97
110
Large-Signal Voltage Gain
(Note 1)
AVOL
VCC = 5.0V, RL = 1k
Ω
0.5V
≤ VOUT ≤ 4.5V
Sinking
84
100
dB
RL = 100k
Ω
15
69
Output Voltage Swing High
(Note 1)
VOH
|VCC - VOUT|
RL = 1k
Ω
130
210
mV
RL = 100k
Ω
15
70
Output Voltage Swing Low
(Note 1)
VOL
|VOUT - VEE|
RL = 1k
Ω
80
220
mV
AC CHARACTERISTICS
Gain-Bandwidth Product
GBWP
RL = 100k
Ω, CL = 100pF
500
kHz
Phase Margin
φM
RL = 100k
Ω, CL = 100pF
60
degrees
Gain Margin
RL = 100k
Ω, CL = 100pF
10
dB
Slew Rate
SR
RL = 100k
Ω, CL = 15pF
0.20
V/µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com