Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4091ASA Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX4091ASA
Description  Single/Dual/Quad, Micropower, Single-Supply, Rail-to-Rail Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4091ASA Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX4091ASA Datasheet HTML 3Page - Maxim Integrated Products MAX4091ASA Datasheet HTML 4Page - Maxim Integrated Products MAX4091ASA Datasheet HTML 5Page - Maxim Integrated Products MAX4091ASA Datasheet HTML 6Page - Maxim Integrated Products MAX4091ASA Datasheet HTML 7Page - Maxim Integrated Products MAX4091ASA Datasheet HTML 8Page - Maxim Integrated Products MAX4091ASA Datasheet HTML 9Page - Maxim Integrated Products MAX4091ASA Datasheet HTML 10Page - Maxim Integrated Products MAX4091ASA Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Single/Dual/Quad, Micropower, Single-Supply,
Rail-to-Rail Op Amps
_______________________________________________________________________________________
7
Typical Operating Characteristics (continued)
(VCC = 5V, VEE = 0, TA = +25°C, unless otherwise noted.)
Pin Description
VIN
2V/div
LARGE-SIGNAL TRANSIENT RESPONSE
MAX4091 toc28
20
µs/div
VOUT
2V/div
VCC = 5V, AV = -1, RL = 10k
Ω
SINK CURRENT vs.
OUTPUT VOLTAGE
OUTPUT VOLTAGE (V)
2.5
2.0
1.5
1.0
0.5
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
-20
0
3.0
VCC = 2.7V
VCC = 6V
VDIFF = 100mV
SOURCE CURRENT vs.
SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
5.0
4.0
3.0
2.0
5
10
15
20
25
30
0
1.0
6.0
VDIFF = 100mV
VCC = 2.7V
VCC = 6V
PIN
MAX4091
MAX4091
SOT23
SO/µMAX
MAX4092
MAX4094
NAME
FUNCTION
16
——
OUT
Amplifier Output
244
11
VEE
Negative Supply
33
——
IN+
Noninverting Input
42
——
IN-
Inverting Input
5784
VCC
Positive Supply
—
1, 5, 8
——
N.C.
No Connection. Not internally connected.
——
1
1
OUT1
Amplifier 1 Output
——
2
2
IN1-
Amplifier 1 Inverting Input
——
3
3
IN1+
Amplifier 1 Noninverting Input
——
5
5
IN2+
Amplifier 2 Noninverting Input
——
6
6
IN2-
Amplifier 2 Inverting Input
——
7
7
OUT2
Amplifier 2 Output
———
8
OUT3
Amplifier 3 Output
———
9
IN3-
Amplifier 3 Inverting Input
———
10
IN3+
Amplifier 3 Noninverting Input
———
12
IN4+
Amplifier 4 Noninverting Input
———
13
IN4-
Amplifier 4 Inverting Input
———
14
OUT4
Amplifier 4 Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com