Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS9638 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS9638
Description  RS-422 Dual High Speed Differential Line Driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS9638 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  DS9638 Datasheet HTML 1Page - National Semiconductor (TI) DS9638 Datasheet HTML 2Page - National Semiconductor (TI) DS9638 Datasheet HTML 3Page - National Semiconductor (TI) DS9638 Datasheet HTML 4Page - National Semiconductor (TI) DS9638 Datasheet HTML 5Page - National Semiconductor (TI) DS9638 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Absolute Maximum Ratings (Note 2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Storage Temperature Range
Ceramic DIP
−65˚C to +175˚C
Molded DIP and SO-8
−65˚C to +150˚C
Lead Temperature
Ceramic DIP (Soldering, 60 sec.)
300˚C
Molded DIP (Soldering, 10 sec.)
265˚C
Maximum Power Dissipation (Note 1) at 25˚C
Cavity Package
1300 mW
Molded Package
930 mW
SO Package
810 mW
V
CC Lead Potential to Ground
−5V to 7V
Input Voltage
−0.5V to +7V
Recommended Operating Conditions
DS9638M
DS9638C
Min
Typ
Max
Min
Typ
Max
Units
Supply Voltage (V
CC)
4.5
5.0
5.5
4.75
5.0
5.25
V
Output Current HIGH (I
OH )
−50
−50
mA
Output Current LOW (I
OL )50
40
50
mA
Operating Temperature (T
A)
−55
25
125
0
25
70
˚C
Note 1: Derate cavity package 8.7 mW/˚C above 25˚C; derate molded DIP package 7.5 mW/˚C above 25˚C; derate SO package 6.5 mW˚C above 25˚C.
Electrical Characteristics (Notes 3, 4)
Over recommended operating temperature and supply voltage ranges, unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ
Max
Units
V
IH
Input Voltage HIGH
2.0
V
V
IL
Input Voltage LOW
0˚C to +70˚C
0.8
V
−55˚C to +125˚C
0.5
V
IC
Input Clamp Voltage
V
CC = Min, II = −18 mA
−1.0
−1.2
V
V
OH
Output Voltage HIGH
V
CC = Min,
V
IH = VIH Min,
V
IL = VIL Max
I
OH = −10 mA
2.5
3.5
V
I
OH = −40 mA
2.0
V
OL
Output Voltage LOW
V
CC = Min, VIH = VIH Min,
0.5
V
V
IL = VIL Max,IOL = 40 mA
I
I
Input Current at Maximum
V
CC = Max, VI Max = 5.5V
50
µA
Input Voltage
I
IH
Input Current HIGH
V
CC = Max, VIH = 2.7V
25
µA
I
IL
Input Current LOW
V
CC = Max, VIL = 0.5V
−200
µA
I
OS
Output Short Circuit Current
V
CC = Max, VO = 0V (Note 4)
−50
−150
mA
V
T,V T
Terminated Output Voltage
See
Figure 1
2.0
V
V
T–V T
Output Balance
0.4
V
V
OS,V OS
Output Offset Voltage
3.0
V
V
OS–V OS
Output Offset Balance
0.4
V
I
X
Output Leakage Current
T
A = 25˚C
100
µA
−0.25V < V
X < 5.5V
I
CC
Supply Current
V
CC = 5.5V,
(Both Drivers)
All input at 0V,
45
65
mA
No Load
Note 2: “Absolute Maximum Ratings” are those values beyond which the safety of the device cannot be guaranteed. They are not meant to imply that the devices
should be operated at these limits. The tables of “Electrical Characteristics provide conditions for actual device operation.
Note 3: Unless otherwise specified min/max limits apply across the −55˚C to +125˚C temperature range for the DS9638M and across the 0˚C to +70˚C range for
the DS9638C. All typicals are given for VCC = 5V and TA = 25˚C.
Note 4: All currents into the device pins are positive; all currents out of the device pins are negative. All voltages are referenced to ground unless otherwise specified.
Note 5: Only one output at a time should be shorted.
www.national.com
2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com