Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC3775 Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # MIC3775
Description  750mA UCap Low-Voltage Low-Dropout Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC3775 Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button MIC3775 Datasheet HTML 2Page - Micrel Semiconductor MIC3775 Datasheet HTML 3Page - Micrel Semiconductor MIC3775 Datasheet HTML 4Page - Micrel Semiconductor MIC3775 Datasheet HTML 5Page - Micrel Semiconductor MIC3775 Datasheet HTML 6Page - Micrel Semiconductor MIC3775 Datasheet HTML 7Page - Micrel Semiconductor MIC3775 Datasheet HTML 8Page - Micrel Semiconductor MIC3775 Datasheet HTML 9Page - Micrel Semiconductor MIC3775 Datasheet HTML 10Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
MIC3775
Micrel
MIC3775
6
March 2003
0
1
2
3
4
5
6
7
8
9
10
0
123
45
6
INPUT VOLTAGE (V)
Ground Current
vs. Supply Voltage (1.5V)
500mA
750mA
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0
123
45
6
INPUT VOLTAGE (V)
Ground Current
vs. Supply Voltage (1.8V)
10mA
100mA
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0
123
45
6
INPUT VOLTAGE (V)
Ground Current
vs. Supply Voltage (2.5V)
10mA
100mA
0
2
4
6
8
10
12
14
16
18
01
234
56
INPUT VOLTAGE (V)
Ground Current
vs. Supply Voltage (2.5V)
500mA
750mA
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
01
23
45
6
INPUT VOLTAGE (V)
Ground Current
vs. Supply Voltage (3.3V)
10mA
100mA
0
2
4
6
8
10
12
14
16
01
23
45
6
INPUT VOLTAGE (V)
Ground Current
vs. Supply Voltage (1.8V)
500mA
750mA
0
2
4
6
8
10
12
14
16
18
01
23
456
INPUT VOLTAGE (V)
Ground Current
vs. Supply Voltage (3.3V)
500mA
750mA
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
-40 -20 0
20 40 60 80 100 120
TEMPERATURE (
°C)
Ground Current
vs. Temperature
2.5VOUT
IOUT=10mA
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
-40 -20 0
20 40 60 80 100 120
TEMPERATURE (
°C)
Ground Current
vs. Temperature
2.5VOUT
IOUT=500mA
0
1
2
3
4
5
6
7
8
9
-40 -20 0
20 40 60 80 100 120
TEMPERATURE (
°C)
Ground Current
vs. Temperature
2.5VOUT
IOUT=750mA
2.40
2.45
2.50
2.55
2.60
-40 -20 0
20 40 60 80 100 120
TEMPERATURE (
°C)
Output Voltage
vs. Temperature
2.5VOUT
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.25
3
3.75
4.5
5.25
6
SUPPLY VOLTAGE (V)
Short Circuit Current
vs. Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com