Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC3775-3.3BMM Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC3775-3.3BMM
Description  750mA UCap Low-Voltage Low-Dropout Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC3775-3.3BMM Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC3775-3.3BMM Datasheet HTML 1Page - Micrel Semiconductor MIC3775-3.3BMM Datasheet HTML 2Page - Micrel Semiconductor MIC3775-3.3BMM Datasheet HTML 3Page - Micrel Semiconductor MIC3775-3.3BMM Datasheet HTML 4Page - Micrel Semiconductor MIC3775-3.3BMM Datasheet HTML 5Page - Micrel Semiconductor MIC3775-3.3BMM Datasheet HTML 6Page - Micrel Semiconductor MIC3775-3.3BMM Datasheet HTML 7Page - Micrel Semiconductor MIC3775-3.3BMM Datasheet HTML 8Page - Micrel Semiconductor MIC3775-3.3BMM Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
MIC3775
Micrel
MIC3775
4
March 2003
Note 5.
Specification for packaged product only.
Note 6.
Output voltage temperature coefficient is
∆V
OUT(worst case) ÷ (TJ(max) – TJ(min)) where TJ(max) is +125°C and TJ(min) is –40°C.
Note 7.
V
DO = VIN – VOUT when VOUT decreases to 98% of its nominal output voltage with VIN = VOUT + 1V. For output voltages below 1.75V, dropout
voltage is the input-to-output voltage differential with the minimum input voltage being 2.25V. Minimum input operating voltage is 2.25V.
Note 8.
I
GND is the quiescent current. IIN = IGND + IOUT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com