Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC3775BMM Datasheet(PDF) 12 Page - Micrel Semiconductor

Part # MIC3775BMM
Description  750mA UCap Low-Voltage Low-Dropout Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC3775BMM Datasheet(HTML) 12 Page - Micrel Semiconductor

Back Button MIC3775BMM Datasheet HTML 6Page - Micrel Semiconductor MIC3775BMM Datasheet HTML 7Page - Micrel Semiconductor MIC3775BMM Datasheet HTML 8Page - Micrel Semiconductor MIC3775BMM Datasheet HTML 9Page - Micrel Semiconductor MIC3775BMM Datasheet HTML 10Page - Micrel Semiconductor MIC3775BMM Datasheet HTML 11Page - Micrel Semiconductor MIC3775BMM Datasheet HTML 12Page - Micrel Semiconductor MIC3775BMM Datasheet HTML 13Page - Micrel Semiconductor MIC3775BMM Datasheet HTML 14Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
MIC3775
Micrel
MIC3775
12
March 2003
∆T = T
J(max) – TA(max)
T
J(max) = 125°C
T
A(max) = maximum ambient operating temperature
For example, the maximum ambient temperature is 50
°C, the
∆T is determined as follows:
∆T = 125°C – 50°C
∆T = 75°C
Using Figure 4, the minimum amount of required copper can
be determined based on the required power dissipation.
Power dissipation in a linear regulator is calculated as fol-
lows:
P
D = (VIN – VOUT) IOUT + VIN × IGND
If we use a 2.5V output device and a 3.3V input at an output
current of 750mA, then our power dissipation is as follows:
P
D = (3.3V – 2.5V) × 750mA + 3.3V × 7.5mA
P
D = 600mW + 25mW
P
D = 625mW
From Figure 4, the minimum amount of copper required to
operate this application at a
∆T of 75°C is 160mm2.
Quick Method
Determine the power dissipation requirements for the design
along with the maximum ambient temperature at which the
device will be operated. Refer to Figure 5, which shows safe
operating curves for three different ambient temperatures:
25
°C, 50°C and 85°C. From these curves, the minimum
amount of copper can be determined by knowing the maxi-
mum power dissipation required. If the maximum ambient
temperature is 50
°C and the power dissipation is as above,
625mW, the curve in Figure 5 shows that the required area of
copper is 160mm2.
The
θ
JA of this package is ideally 80°C/W, but it will vary
depending upon the availability of copper ground plane to
which it is attached.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com