Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMFT2406T3 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MMFT2406T3
Description  Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMFT2406T3 Datasheet(HTML) 2 Page - ON Semiconductor

  MMFT2406T3 Datasheet HTML 1Page - ON Semiconductor MMFT2406T3 Datasheet HTML 2Page - ON Semiconductor MMFT2406T3 Datasheet HTML 3Page - ON Semiconductor MMFT2406T3 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MMFT2406T1
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristics
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Drain−to−Source Breakdown Voltage
(VGS = 0, ID = 100 mA)
V(BR)DSS
240
−
Vdc
Zero Gate Voltage Drain Current
(VDS = 120 V, VGS = 0)
IDSS
−
10
mAdc
Gate−Body Leakage Current
(VGS = 15 Vdc, VDS = 0)
IGSS
−
100
nAdc
ON CHARACTERISTICS (Note 2)
Gate Threshold Voltage
(VDS = VGS, ID = 1.0 mAdc)
VGS(th)
0.8
2.0
Vdc
Static Drain−to−Source On−Resistance
(VGS = 2.5 Vdc, ID = 0.1 Adc)
(VGS = 10 Vdc, ID = 0.5 Adc)
RDS(on)
−
−
10
6.0
W
Drain−to−Source On−Voltage
(VGS = 10 V, ID = 0.5 A)
VDS(on)
−
3.0
Vdc
Forward Transconductance
(VDS = 6.0 V, ID = 0.5 A)
gFS
300
−
mmhos
DYNAMIC CHARACTERISTICS
Input Capacitance
Ciss
−
125
pF
Output Capacitance
(VDS = 25 V, VGS = 0,
f = 1.0 MHz)
Coss
−
50
Transfer Capacitance
f = 1.0 MHz)
Crss
−
20
2. Pulse Test: Pulse Width
≤ 300 ms, Duty Cycle ≤ 2.0%.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com