Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN024 Datasheet(PDF) 2 Page - Analog Intergrations Corporation

Part # AN024
Description  For LCD Motherboard Power Supply Using AIC1563
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AN024 Datasheet(HTML) 2 Page - Analog Intergrations Corporation

  AN024 Datasheet HTML 1Page - Analog Intergrations Corporation AN024 Datasheet HTML 2Page - Analog Intergrations Corporation AN024 Datasheet HTML 3Page - Analog Intergrations Corporation AN024 Datasheet HTML 4Page - Analog Intergrations Corporation AN024 Datasheet HTML 5Page - Analog Intergrations Corporation AN024 Datasheet HTML 6Page - Analog Intergrations Corporation AN024 Datasheet HTML 7Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
AN024
2
Application
Fig. 2 shows the application circuit for LCD power
management. This application circuit provides 5V,
3.3V and 2.5V output voltage. It uses AIC1563 to get
in the 12V-5V1A outputs. AIC1563 is a versatile
DC/DC converter, designed to drive an external
P-MOSFET to generate a programmable output
voltage. It consists of an internal temperature
compensated
reference,
comparator
and
a
bootstrapped driver, which can drive the NPN output
switch to saturation for higher efficiency and less heat
dissipation. Fig. 3 shows the block diagram, and it has
following features:
1. 3V to 30V input voltage operation.
2. 5A continuous output current.
3. Bootstrapped driver.
4. High side current sense capability.
5. Frequency operation from 100Hz to 100kHz.
6. High efficiency (up to 90%).
7. PSM (Pulse Skipping Modulation) control.
The operate principle is when the power turn on; the P
channel MOSFET Q2 doesn’t turn on yet and there is
no feedback voltage. The comparator in AIC1563
delivers a high signal to turn on the bootstrapped
driver. At this time, PIN 1 connects to ground through
a NPN transistor and makes the transistor Q1 turns off
and the P channel MOSFET Q2 turns on. The input
voltage stores energy on inductor through Q2 and the
output voltage starts rise until the feedback voltage
between R3 and R4 get in 1.25V. When the feedback
voltage gets bigger than the reference voltage, the
comparator in IC turns the bootstrapped driver off. At
this time PIN1 is floating, the voltages at collector and
base terminal of transistor Q1 are the same. It turns
Q1 on and Q2 off, and then the inductor supplies the
energy to output terminal.
During Q2 turns on, the voltage across the input
parasitism capacitor of Q2 is approximately zero. If
there is no charge path for the parasitism capacitor,
Q2 will get over temperature. Therefore during IC
turns off, the transistor Q1 turns on and provides a
charge path for the input parasitism capacitor of Q2
during Q2 turns off.
Concerning the 3.3V/1A output, we can use
AIC1084-33CT to achieve easily. The function of D3
and D4 are to reduce the dropout voltage from 5V
output of AIC1563. Due to there is no LDO has such
low dropout voltage can be used, we use AIC431 with
an N channel MOSFET to construct a LDO structure
with 2.5V output voltage from 3.3V output.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com