Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2901607 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 2901607
Description  Round cable - VIP-CAB-FLK14/AXIO/0,14/2
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2901607 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  2901607 Datasheet HTML 1Page - PHOENIX CONTACT 2901607 Datasheet HTML 2Page - PHOENIX CONTACT 2901607 Datasheet HTML 3Page - PHOENIX CONTACT 2901607 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
https://www.phoenixcontact.com/us/products/2901607
09/06/2016   Page 2 / 4
Round cable - VIP-CAB-FLK14/AXIO/0,14/2,0M - 2901607
Technical data
General
External diameter
6.4 mm
Cable, preassembly
Insulation displacement, IEC 60352-4/DIN EN 60352-4
Shielding
no
Environmental conditions
Ambient temperature (operation)
-20 °C ... 50 °C
Ambient temperature (storage/transport)
-20 °C ... 70 °C
Flame resistance
IEC 60332-1
DIN VDE 0482 Part 332-1
Connector, module side
Connection name
Field level
Connection method
IDC/FLK socket strip
Conductor cross section AWG
26
Number of connections
1
Number of positions
14
Exit angle
90 °
Pitch
2.54 mm
Connector, controller side
Connection name
Controller level
Connection method
Single wires
Number of positions
8
Note
The wires are marked and fitted with ferrules.
Supported controller
Controller
PHOENIX CONTACT Axioline
- suitable I/O card
AXL DI 16/4
AXL DI 32/1
AXL DO 16/3
AXL DO 32/1
Standards and Regulations
Flame resistance
IEC 60332-1
DIN VDE 0482 Part 332-1
Color code
Connector 1 = connector 2 (optional) = wire color
IDC/FLK14 (1) = black
IDC/FLK14 (2) = brown
IDC/FLK14 (3) = red
IDC/FLK14 (4) = orange



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com