Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430F427IPM Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F427IPM
Description  MIXED SIGNAL MICROCONTROLLER
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F427IPM Datasheet(HTML) 5 Page - Texas Instruments

  MSP430F427IPM Datasheet HTML 1Page - Texas Instruments MSP430F427IPM Datasheet HTML 2Page - Texas Instruments MSP430F427IPM Datasheet HTML 3Page - Texas Instruments MSP430F427IPM Datasheet HTML 4Page - Texas Instruments MSP430F427IPM Datasheet HTML 5Page - Texas Instruments MSP430F427IPM Datasheet HTML 6Page - Texas Instruments MSP430F427IPM Datasheet HTML 7Page - Texas Instruments MSP430F427IPM Datasheet HTML 8Page - Texas Instruments MSP430F427IPM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 39 page
background image
MSP430F42x
MIXED SIGNAL MICROCONTROLLER
SLAS421 − APRIL 2004
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
MSP430F42x Terminal Functions (Continued)
TERMINAL
PN
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
R13
41
I
Input port of third most positive analog LCD level (V4 or V3)
R23
42
I
Input port of second most positive analog LCD level (V2)
R33
43
O
Output port of most positive analog LCD level (V1)
P2.1/UCLK0/S24
44
I/O
General-purpose digital I/O / external clock input-USART0/UART or SPI mode, clock output—USART0/SPI
mode / LCD segment output 24 (See Note 1)
P2.0/TA2/S25
45
I/O
General-purpose digital I/O / Timer_A Capture: CCI2A input, Compare: Out2 output / LCD segment output
25 (See Note 1)
P1.7/SOMI0/S26
46
I/O
General-purpose digital I/O / slave out/master in of USART0/SPI mode / LCD segment output 26
(See Note 1)
P1.6/SIMO0/S27
47
I/O
General-purpose digital I/O / slave in/master out of USART0/SPI mode / LCD segment output 27
(See Note 1)
P1.5/TACLK/
ACLK/S28
48
I/O
General-purpose digital I/O / Timer_A and SD16 clock signal TACLK input / ACLK output (divided by 1,
2, 4, or 8) / LCD segment output 28 (See Note 1)
P1.4/S29
49
I/O
General-purpose digital I/O / LCD segment output 29 (See Note 1)
P1.3/SVSOUT/
S30
50
I/O
General-purpose digital I/O / SVS: output of SVS comparator / LCD segment output 30 (See Note 1)
P1.2/TA1/S31
51
I/O
General-purpose digital I/O / Timer_A, Capture: CCI1A, CCI1B input, Compare: Out1 output / LCD segment
output 31 (See Note 1)
P1.1/TA0/MCLK
52
I/O
General-purpose digital I/O / Timer_A, Capture: CCI0B input / MCLK output.
Note: TA0 is only an input on this pin / BSL receive
P1.0/TA0
53
I/O
General-purpose digital I/O / Timer_A, Capture: CCI0A input, Compare: Out0 output / BSL transmit
TDO/TDI
54
I/O
Test data output port. TDO/TDI data output or programming data input terminal.
TDI/TCLK
55
I
Test data input or test clock input. The device protection fuse is connected to TDI.
TMS
56
I
Test mode select. TMS is used as an input port for device programming and test.
TCK
57
I
Test clock. TCK is the clock input port for device programming and test.
RST/NMI
58
I
Reset input or nonmaskable interrupt input port
P2.5/URXD0
59
I/O
General-purpose digital I/O / receive data in—USART0/UART mode
P2.4/UTXD0
60
I/O
General-purpose digital I/O / transmit data out—USART0/UART mode
P2.3/SVSIN
61
I/O
General-purpose digital I/O / Analog input to brownout, supply voltage supervisor
AVSS
62
Analog supply voltage, negative terminal. Supplies SD16, SVS, brownout, oscillator, FLL+, and LCD
resistive divider circuitry.
DVSS
63
Digital supply voltage, negative terminal. Supplies all digital parts, except those which are supplied via
AVCC/AVSS.
AVCC
64
Analog supply voltage, positive terminal. Supplies SD16, SVS, brownout, oscillator, FLL+, and LCD
resistive divider circuitry; must not power up prior to DVCC.
NOTE 1: LCD function selected automatically when applicable LCD module control bits are set, not with PxSEL bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com