Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0803137 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0803137
Description  Label - EML (105X23)R
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0803137 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0803137 Datasheet HTML 1Page - PHOENIX CONTACT 0803137 Datasheet HTML 2Page - PHOENIX CONTACT 0803137 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
https://www.phoenixcontact.com/us/products/0803137
07/29/2016   Page 1 / 3
Label - EML (105X23)R - 0803137
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Label, Roll, white, unlabeled, can be labeled with: THERMOMARK ROLL, THERMOMARK ROLL X1,
THERMOMARK X, THERMOMARK S1.1, Mounting type: Adhesive, Lettering field: 105 x 23 mm
The figure shows a version of the
article
Key Commercial Data
Packing unit
1 STK
Weight per Piece (excluding packing)
660.0 g
Custom tariff number
39269092
Country of origin
Germany
Technical data
Dimensions
Length (b)
105 mm
Width (a)
11 mm
Ambient conditions
Ambient temperature (operation)
-40 °C ... 150 °C
Recommended storage conditions
21°C/50% relative humidity. Storage in the original packaging is
recommended prior to processing.
General
Color
white
Components
free from silicone and halogen
Material
Polyester
Wipe resistance
DIN EN 61010-1 (VDE 0411-1)
Number of individual labels
1000
Number of individual labels per row
1
RoHS compliant
Yes
Adhesive
Acrylic
File number
UL-MH48542 / PC-010 (white foil)


Similar Part No. - 0803137

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0803132 PHOENIX-0803132 Datasheet
184Kb / 5P
UCT-PMP (90X38) VT - Insert label
0803133 PHOENIX-0803133 Datasheet
190Kb / 6P
UCT-PMP (90X38) YE - Insert label
0803134 PHOENIX-0803134 Datasheet
244Kb / 7P
UC-EMSP (50X15) BU - Device marker
0803135 PHOENIX-0803135 Datasheet
244Kb / 7P
UC-EMSP (50X15) RD - Device marker
More results

Similar Description - 0803137

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0830485 PHOENIX-0830485 Datasheet
54Kb / 4P
Label - EML (75X10)R
0830486 PHOENIX-0830486 Datasheet
55Kb / 4P
Label - EML (75X10)R YE
0801841 PHOENIX-0801841 Datasheet
47Kb / 3P
Label - EML (25,4X12,7)R TR
0801994 PHOENIX-0801994 Datasheet
50Kb / 4P
Label - EML (110XE)R SR
0815596 PHOENIX-0815596 Datasheet
47Kb / 3P
Label - EML (110XE)R
0815693 PHOENIX-0815693 Datasheet
47Kb / 3P
Label - EML (26,5X17,5)R GN
0815703 PHOENIX-0815703 Datasheet
47Kb / 3P
Label - EML (26,5X17,5)R RD
0830481 PHOENIX-0830481 Datasheet
49Kb / 3P
Label - EML (40X6)R
0830483 PHOENIX-0830483 Datasheet
49Kb / 3P
Label - EML (50X10)R
1054876 PHOENIX-1054876 Datasheet
54Kb / 2P
Label - EML-D (40X15)R
09/12/2020
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com