Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0803387 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0803387
Description  Label - EML-RS (45,7X45,7)R
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0803387 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0803387 Datasheet HTML 1Page - PHOENIX CONTACT 0803387 Datasheet HTML 2Page - PHOENIX CONTACT 0803387 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
https://www.phoenixcontact.com/us/products/0803387
07/29/2016   Page 1 / 3
Label - EML-RS (45,7X45,7)R - 0803387
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Label, roll, white, unmarked, can be marked with: THERMOMARK ROLL, THERMOMARK X, THERMOMARK
S1.1, mounting type: adhered/inserted
Key Commercial Data
Packing unit
1 STK
Custom tariff number
39207380
Country of origin
Germany
Technical data
Dimensions
Length (b)
45.7 mm
Width (a)
45.7 mm
Ambient conditions
Ambient temperature (operation)
-40 °C ... 150 °C
General
Color
white
Components
free from silicone and halogen
Material
Polyester
Wipe resistance
DIN EN 61010-1 (VDE 0411-1)
Number of individual labels
250
Number of individual labels per row
2
Marking mounting type
Adhered, inserted
Standards and Regulations
Wipe resistance
DIN EN 61010-1 (VDE 0411-1)


Similar Part No. - 0803387

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0803380 PHOENIX-0803380 Datasheet
184Kb / 4P
TMP-RIBBON 110 GN 100 - Ink ribbon cartridge
0803381 PHOENIX-0803381 Datasheet
190Kb / 4P
WP-PA HF 54,5 BK - Protective hose
0803386 PHOENIX-0803386 Datasheet
192Kb / 7P
WML-RFID/HF 14 (25X19)R - Cable marker
0803389 PHOENIX-0803389 Datasheet
172Kb / 4P
EMPPR (45,8X45,8) - Touch protection
More results

Similar Description - 0803387

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0803137 PHOENIX-0803137 Datasheet
51Kb / 3P
Label - EML (105X23)R
0803187 PHOENIX-0803187 Datasheet
48Kb / 3P
Label - EML-RS (45,7X45,7)R SR
0830485 PHOENIX-0830485 Datasheet
54Kb / 4P
Label - EML (75X10)R
0830486 PHOENIX-0830486 Datasheet
55Kb / 4P
Label - EML (75X10)R YE
0801841 PHOENIX-0801841 Datasheet
47Kb / 3P
Label - EML (25,4X12,7)R TR
0803826 PHOENIX-0803826 Datasheet
50Kb / 2P
Label - US-EML-RS (45,7X45,7) SR
0815596 PHOENIX-0815596 Datasheet
47Kb / 3P
Label - EML (110XE)R
0815693 PHOENIX-0815693 Datasheet
47Kb / 3P
Label - EML (26,5X17,5)R GN
0830481 PHOENIX-0830481 Datasheet
49Kb / 3P
Label - EML (40X6)R
0830483 PHOENIX-0830483 Datasheet
49Kb / 3P
Label - EML (50X10)R
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com