Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA2846 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2846
Description  Dual, Wideband, Low-Noise, Voltage-Feedback Operational Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2846 Datasheet(HTML) 13 Page - Texas Instruments

Back Button OPA2846 Datasheet HTML 9Page - Texas Instruments OPA2846 Datasheet HTML 10Page - Texas Instruments OPA2846 Datasheet HTML 11Page - Texas Instruments OPA2846 Datasheet HTML 12Page - Texas Instruments OPA2846 Datasheet HTML 13Page - Texas Instruments OPA2846 Datasheet HTML 14Page - Texas Instruments OPA2846 Datasheet HTML 15Page - Texas Instruments OPA2846 Datasheet HTML 16Page - Texas Instruments OPA2846 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
OPA2846
SBOS274A −JUNE 2003 − REVISED MARCH 2004
www.ti.com
13
LOW-NOISE VDSL RECEIVER
Most xDSL transceiver channels are differential for both
the driver and the receiver. The low-noise, high-gain
bandwidth, and low distortion for the dual OPA2846 make
it an ideal receiver channel element for the demanding
requirements emerging in VDSL. One possible imple-
mentation is shown in Figure 3. This circuit presumes full
duplex communication using frequency division multiplex-
ing, with send-and-receive isolation improved through the
use of a diplexer line interface. The differential receive
signal is brought into the inverting channel gain resistors
to get both noise and distortion improvement for a given
desired gain setting. To get impedance matching, set 2RG
equal to the required load looking out of the diplexer. The
signal gain is then set by adjusting feedback resistors, RF.
Using the OPA2846 in the inverting mode will give you a
reduced noise gain as described in the Wideband,
Inverting Gain Operation section of this data sheet. This
will improve both the SNR and distortion performance. If
the noise gain for a particular application drops below the
minimum recommended stable gain (+7), consider using
the Low-Gain Compensation technique described later in
this data sheet.
1/ 2
OPA 28 46
1/ 2
OPA 28 46
R
F
R
F
R
G
R
G
Diplexer
Driver
Passive
Filter
Analog
Front
End
Low−Noise VDSL Receiver
Figure 3. Low-Noise VDSL Receiver
SINGLE-STAGE TRANSIMPEDANCE DESIGN
When setting up either one or both stages as a broadband
photodiode amplifier, the key elements in the design are
the expected diode capacitance (CD) with the reverse bias
voltage (−VB) applied, the desired transimpedance gain
RF, and the GBP of the OPA2846 (1650MHz). Figure 4
shows a design using a 10pF source capacitance diode
and a 10k
Ω transimpedance gain. With these three
variables set (and including the parasitic input capacitance
for the OPA2846 added to CD), the feedback capacitor
value (CF) may be set to control the frequency response.
R
F
10k
Ω
Power−supply decoupling
not shown.
C
D
10pF
λ
1/2
OP A28 46
+5V
−5V
−V
B
I
D
V
O =ID RF
C
F
0.3pF
Figure 4. Wideband, Low-Noise, Transimpedance
Amplifier
To achieve a maximally-flat, 2nd-order Butterworth
frequency response, the feedback pole should be set to:
1 (2
pR
FCF)
+ GBP (4pR
FCD)
Adding the common-mode and differential mode input
capacitance (1.8 + 2.0)pF to the 10pF diode source
capacitance of Figure 4, and
targeting
a
10k
Ω
transimpedance gain using the 1650MHz GBP for the
OPA2846, will require a feedback pole set to 31MHz. This
will require a total feedback capacitance of 0.5pF. Typical
surface-mount resistors have a parasitic capacitance of
0.2pF, leaving the required 0.3pF value shown in Figure 4
to get the required feedback pole.
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com