Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P89C660 Datasheet(PDF) 37 Page - NXP Semiconductors

Part # P89C660
Description  80C51 8-bit Flash microcontroller family
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89C660 Datasheet(HTML) 37 Page - NXP Semiconductors

Back Button P89C660 Datasheet HTML 33Page - NXP Semiconductors P89C660 Datasheet HTML 34Page - NXP Semiconductors P89C660 Datasheet HTML 35Page - NXP Semiconductors P89C660 Datasheet HTML 36Page - NXP Semiconductors P89C660 Datasheet HTML 37Page - NXP Semiconductors P89C660 Datasheet HTML 38Page - NXP Semiconductors P89C660 Datasheet HTML 39Page - NXP Semiconductors P89C660 Datasheet HTML 40Page - NXP Semiconductors P89C660 Datasheet HTML 41Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 89 page
background image
Philips Semiconductors
Product data
P89C660/P89C662/P89C664/
P89C668
80C51 8-bit Flash microcontroller family
16KB/32KB/64KB ISP/IAP Flash with 512B/1KB/2KB/8KB RAM
2002 Oct 28
37
OSC
÷ n*
C/T2 = 0
C/T2 = 1
TR2
CONTROL
TL2
(8 BITS)
TH2
(8 BITS)
TF2
RCAP2L
RCAP2H
EXEN2
CONTROL
EXF2
TIMER 2
INTERRUPT
T2EX PIN
TRANSITION
DETECTOR
T2 PIN
RELOAD
SU01253
* n = 6 in 6-clock mode, or 12 in 12-clock mode.
Figure 23. Timer 2 in Auto-Reload Mode (DCEN = 0)
÷ n*
C/T2 = 0
C/T2 = 1
TL2
TH2
TR2
CONTROL
T2 PIN
SU01254
FFH
FFH
RCAP2L
RCAP2H
(UP COUNTING RELOAD VALUE)
T2EX PIN
TF2
INTERRUPT
COUNT
DIRECTION
1 = UP
0 = DOWN
EXF2
OVERFLOW
(DOWN COUNTING RELOAD VALUE)
TOGGLE
OSC
* n = 6 in 6-clock mode, or 12 in 12-clock mode.
Figure 24. Timer 2 Auto Reload Mode (DCEN = 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com