Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA842IDBVR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # OPA842IDBVR
Description  Wideband, Low Distortion, Unity-Gain Stable, Voltage-Feedback OPERATIONAL AMPLIFIER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA842IDBVR Datasheet(HTML) 6 Page - Texas Instruments

Back Button OPA842IDBVR Datasheet HTML 2Page - Texas Instruments OPA842IDBVR Datasheet HTML 3Page - Texas Instruments OPA842IDBVR Datasheet HTML 4Page - Texas Instruments OPA842IDBVR Datasheet HTML 5Page - Texas Instruments OPA842IDBVR Datasheet HTML 6Page - Texas Instruments OPA842IDBVR Datasheet HTML 7Page - Texas Instruments OPA842IDBVR Datasheet HTML 8Page - Texas Instruments OPA842IDBVR Datasheet HTML 9Page - Texas Instruments OPA842IDBVR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
OPA842
6
SBOS267A
www.ti.com
TYPICAL CHARACTERISTICS: V
S = ±5V (Cont.)
At TA = 25°C, G = +2, RF = 402Ω, and RL = 100Ω, unless otherwise noted.
INPUT VOLTAGE AND CURRENT NOISE
Frequency (Hz)
102
103
104
105
106
107
100
10
1
Current Noise
Voltage Noise
2.7pA/
√Hz
2.6nV/
√Hz
2-TONE, 3RD-ORDER
INTERMODULATION INTERCEPT
Frequency (MHz)
20
15
10
25
30
35
40
45
50
5
50
45
40
35
30
25
20
402
Ω
402
Ω
OPA842
50
Ω
50
Ω
50
Ω
P
I
P
O
RECOMMENDED R
S vs CAPACITIVE LOAD
Capacitive Load (pF)
1
10
100
1k
100
10
1
FREQUENCY RESPONSE vs CAPACITIVE LOAD
Frequency (MHz)
10
100
500
3
0
–3
–6
–9
–12
–15
–18
C = 10pF
C = 22pF
C = 47pF
C = 100pF
R
S
50
Ω
1k
Ω
V
I
V
O
C
L
402
Ω
402
Ω
OPA842
GAIN = +1 FLATNESS
Frequency (25MHz/div)
0
25
50
200
75
100
125
150
175
0.2
0.1
0
–0.1
–0.2
–0.3
–0.4
–0.5
–0.6
V
O = 0.1Vp-p
R
F = 25Ω
R
L = 100Ω
PULSE RESPONSE G = +1
Time (2ns/div)
200
100
0
–100
–200
1.2
0.8
0.4
0
–0.4
–0.8
–1.2
Right Scale
Large Signal
± 1V
Small Signal
Left Scale



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com