Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APC78A Datasheet(PDF) 1 Page - A1 PROs co., Ltd.

Part # APC78A
Description  1/3 inch Color IT-CCD Camera Module1A1
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A1PROS [A1 PROs co., Ltd.]
Direct Link  http://www.a1pros.co.kr
Logo A1PROS - A1 PROs co., Ltd.

APC78A Datasheet(HTML) 1 Page - A1 PROs co., Ltd.

  APC78A Datasheet HTML 1Page - A1 PROs co., Ltd. APC78A Datasheet HTML 2Page - A1 PROs co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1/3 inch Color IT- CCD Camera Module
1
A1 PROs
1
A1 PROs
Features
1/3” 410K Color IT-CCD
TDN Function Support
2DNR Support
DWDR Support
OSD Support
Privacy Zone
Motion Detection
Camera ID Display
De-fog Support
DC IRIS
Digital Output(BT.656)
Smart IR Support
Specifications
Model
A1 PROs Color Module (APC78A)
Signal Format
NTSC
PAL
Image Device
1/3" 410K Color IT-CCD
Resolution
600 TV Lines
Total Pixels
811 (H) x 508 (V) = 411,988 pixels
795 (H) x 596 (V) = 473,820 pixels
Effective Pixels
768 (H) x 494 (V) = 379,392 pixels
752 (H) x 582 (V) = 437,664 pixels
Sync Frequency
H:15.734kHz / V:59.94Hz
H:15.625kHz / V:50Hz
Shutter Speed
1/60 ~ 100,000sec
1/50 ~ 100,000sec
Sync. System
Internal
S/N Ratio
More Than 48dB
Iris Control
DC IRIS
Video Output
Composite ( 1.0Vp-p/75 Ohm )
Temperature
-10℃ ~ +60℃
Power supply
DC 12V(±10%)
Humidity
RH 85% MAX
Power Consumption
Max.1.5W
Size
38 x 38 mm
APC78A


Similar Part No. - APC78A

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
APC78106 BEL-APC78106 Datasheet
145Kb / 1P
ADSL CPE Hybrid
APC78142 BEL-APC78142 Datasheet
249Kb / 2P
ADSL SMD Line Interface Hybrid
APC78147 BEL-APC78147 Datasheet
201Kb / 2P
Dual ADSL SMD Line Interface Hybrid
APC78156 BEL-APC78156 Datasheet
133Kb / 1P
Quad Power Supply Controller for AC5 Single in-line package (SIP)
APC78160 BEL-APC78160 Datasheet
93Kb / 1P
High Density ADSL SIP Hybrid Module (Annex A / C)
More results

Similar Description - APC78A

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX026CKA SONY-ICX026CKA Datasheet
324Kb / 15P
1/2 INCH CCD IMAGE SENSOR FOR NTSC COLOR CAMERA
ICX054AK SONY-ICX054AK Datasheet
340Kb / 18P
1/3-inch CCD Image Sensor for NTSC Color Camera
ICX055AK SONY-ICX055AK Datasheet
361Kb / 18P
1/3-inch CCD Image Sensor for PAL Color Camera
ICX059AK SONY-ICX059AK Datasheet
354Kb / 18P
1/3-inch CCD Image Sensor for PAL Color Camera
logo
Hamamatsu Corporation
C5403-30 HAMAMATSU-C5403-30 Datasheet
104Kb / 2P
1/3-inch CCD Video Camera
logo
Sony Corporation
ICX058AK SONY-ICX058AK Datasheet
347Kb / 18P
1/3-inch CCD Image Sensor for PAL Color Camera
logo
A1 PROs co., Ltd.
A88_960H32X32 A1PROS-A88_960H32X32 Datasheet
344Kb / 2P
1/3 inch Color IT- CCD Camera Module
A88_960H38X38 A1PROS-A88_960H38X38 Datasheet
92Kb / 2P
1/3 inch Color IT-CCD Camera Module1A1
APC10 A1PROS-APC10 Datasheet
122Kb / 2P
1/3 inch Color IT-CCD Camera Module1A1
APC72A A1PROS-APC72A Datasheet
137Kb / 2P
1/3 inch Color IT-CCD Camera Module1A1
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com