Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA2703EA/2K5 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2703EA/2K5
Description  CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2703EA/2K5 Datasheet(HTML) 12 Page - Texas Instruments

Back Button OPA2703EA/2K5 Datasheet HTML 4Page - Texas Instruments OPA2703EA/2K5 Datasheet HTML 5Page - Texas Instruments OPA2703EA/2K5 Datasheet HTML 6Page - Texas Instruments OPA2703EA/2K5 Datasheet HTML 7Page - Texas Instruments OPA2703EA/2K5 Datasheet HTML 8Page - Texas Instruments OPA2703EA/2K5 Datasheet HTML 9Page - Texas Instruments OPA2703EA/2K5 Datasheet HTML 10Page - Texas Instruments OPA2703EA/2K5 Datasheet HTML 11Page - Texas Instruments OPA2703EA/2K5 Datasheet HTML 12Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
OPA703, OPA704
12
SBOS180A
FIGURE 7. OPA703 as Dual Supply Configuration-Buffered References for the DAC7644.
NC
NC
NC
NC
V
OUTA Sense
V
OUTA
V
REFL AB Sense
V
REFL AB
V
REFH AB
V
REFH AB Sense
V
OUTB Sense
V
OUTB
48
47
46
45
44
43
42
41
40
39
38
37
DAC7644
500pF
+V
1/2
OPA2703
1/2
OPA2703
500pF
–V
V
OUT
V
OUT
Ref
+2.5V
V+
Ref
–2.5V
Negative
Reference
Positive
Reference
V–
FIGURE 6. OPA704 Provides higher Speed in G
≥ 5.
5k
Ω
20k
Ω
OPA704
G = 5
V
IN
Demonstrates speed improvement that
can be achieved with OPA704 family
in applications with G
≥ 5.
3pF
5k
Ω
20k
Ω
OPA703
G = 5
V
IN
LARGE-SIGNAL RESPONSE
5
µs/div
OPA703
OPA704



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com