Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RTP21028-20 Datasheet(PDF) 1 Page - RFHIC

Part # RTP21028-20
Description  GaN Power Amp Pallet
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

RTP21028-20 Datasheet(HTML) 1 Page - RFHIC

  RTP21028-20 Datasheet HTML 1Page - RFHIC RTP21028-20 Datasheet HTML 2Page - RFHIC RTP21028-20 Datasheet HTML 3Page - RFHIC RTP21028-20 Datasheet HTML 4Page - RFHIC RTP21028-20 Datasheet HTML 5Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
GaN Power Amp Pallet
RTP21028-20
Korean Facilities : 82-31-8069-3036 / rfsales@rfhic.com
All specifications may change without notice
US Facility : 919-677-8780 / sales@rfhicusa.com
1 / 5
Version 1.0
Product Features
Applications
• Doherty amplifier design
• GaN on SiC HEMT
• Small and light weight
• 50 Ohm Input/Output impedance matched
• Highly reliable and rugged design
• High efficiency
• 28W typical PAVG
• WCDMA & LTE DPD amplifier
• General purpose RF amplifier
Description
The RTP21028-20 is designed for RF system application frequencies from 2110 ~ 2170MHz, with high gain.
This Pallet Amplifier uses GaN on SiC HEMT technology which performs high breakdown voltage, high linearity, and high efficiency.
The RTP21028-20 is a DPD application amplifier.
Electrical Specifications @ VDD= 48V, 50Ω System
PARAMETER
UNIT
MIN
TYP
MAX
SYMBOL
Frequency Range
MHz
2110
-
2170
fO
Operating Bandwidth
MHz
-
60
-
OBW
Average Output Power
dBm
44
44.5
-
Pout
Peak Output Power
(Pulse duty 10%)
dBm
51.5
52
-
Psat
ACPR (LTE 10MHz 1FA*1)
@ Pout=44.5dBm Avg.
Pre-DPD
dBc
-
-24
-
ACPR
Post-DPD*2
-
-52
-
RF Gain @ 25
℃
dB
43.5
44.5
45.5
GP
Gain Variation
dB
± 3dB @ operating temperature
G
Gain Flatness
dB
-
± 0.5
±1
GF
Input Return Loss
dB
-
-
-12
S11
Output Return Loss
dB
-
-
-17
S22
Operating Voltage
V
VDC1: 5.6±3%
VDC
VDC2:48 ±1V
Current Consumption
5.6V
A
-
0.16
0.19
IDD
48V
-
1.32
1.43
Efficiency @ 44.5dBm
%
40
43
-
Eff
Feedback Output level @ 44.5dBm
dBm
5
7
9
FB
Note
1. Signal source condition : LTE 10MHz 1FA, PAPR 7.5dB@0.01% probability on CCDF
2. DPD Solution : Broadcom OP6180


Similar Part No. - RTP21028-20

ManufacturerPart #DatasheetDescription
logo
RFHIC
RTP21025-10 RFHIC-RTP21025-10 Datasheet
324Kb / 5P
The RTP21025-10 is designed for RF system application frequencies from 2110MHz to 2170MHz, with high gain.
RTP21025-11 RFHIC-RTP21025-11 Datasheet
693Kb / 8P
This HPA Module is a high gain and compact amplifier module for WCDMA and LTE Repeater use.
More results

Similar Description - RTP21028-20

ManufacturerPart #DatasheetDescription
logo
RFHIC
RTP18080-20 RFHIC-RTP18080-20_15 Datasheet
658Kb / 4P
GaN Power Amp Pallet
RTP21080-20 RFHIC-RTP21080-20 Datasheet
635Kb / 4P
GaN Power Amp Pallet
RTP26056-20 RFHIC-RTP26056-20 Datasheet
643Kb / 4P
GaN Power Amp Pallet
RTP26080-20 RFHIC-RTP26080-20 Datasheet
622Kb / 4P
GaN Power Amp Pallet
RFM245-10 RFHIC-RFM245-10 Datasheet
500Kb / 5P
GaN Power Amp Pallet
RNP09550-20 RFHIC-RNP09550-20 Datasheet
622Kb / 6P
GaN Power Amp Pallet
RNP24100-20 RFHIC-RNP24100-20 Datasheet
490Kb / 5P
GaN Power Amp Pallet
RNP24200-20 RFHIC-RNP24200-20 Datasheet
468Kb / 5P
GaN Power Amp Pallet
RNP24300-20 RFHIC-RNP24300-20 Datasheet
470Kb / 5P
GaN Power Amp Pallet
RIM24200-20 RFHIC-RIM24200-20 Datasheet
619Kb / 4P
GaN Power Amp Pallet
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com