Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMDT2222A Datasheet(PDF) 1 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

Part # MMDT2222A
Description  Plastic-Encapsulate Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOTTECH [GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.]
Direct Link  http://www.hottech.net.cn/
Logo HOTTECH - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

MMDT2222A Datasheet(HTML) 1 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

  MMDT2222A Datasheet HTML 1Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. MMDT2222A Datasheet HTML 2Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page:P2-P1
Plastic-Encapsulate Transistors
GUANGDONG
HOTTECH
INDUSTRIAL
CO,. LTD.
FEATURES
Complementary PNP Type available MMDT2907A
MARKING: K1P
MAXIMUM RATINGS (TA=25
unless otherwise noted)
Parameter
Symbol
Value
Unit
Collector-Base Voltage
V
CBO
75
V
Collector-Emitter Voltage
V
CEO
40
V
Emitter-Base Voltage
V
EBO
6
V
Collector Current -Continuous
I
C
600
mA
Collector Power Dissipation
I
C
200
mW
Junction Temperature
T
J
150
Storage Temperature
Tstg
-55 to +150
ELECTRICAL CHARACTERISTICS (Tamb=25
unless otherwise specified)
Parameter
Symbol
Test
conditions
Min
Max
Unit
Collector-base breakdown voltage
VCBO
IC= 10μA, IE=0
75
V
Collector-emitter breakdown voltage
VCEO
IC= 10mA, IB=0
40
V
Emitter-base breakdown voltage
VBO
IE=10μA.IC=0
6
V
Collector cut-off current
ICBO
VCB= 60V, IE=0
10
nA
Collector cut-off current
ICEX
VCE= 60V,VEB(Off)=3V
10
nA
Emitter cut-off current
IEBO
VEB= 3 V, IC=0
10
nA
DC current gain
hFE(1)
VCE=10V, IC= 0.1mA
35
hFE(2)
VCE=10V, IC= 1mA
50
hFE(3)
VCE=10V, IC= 10mA
75
hFE(4)
VCE=10V, IC= 150mA
100
300
hFE(5)
VCE=10V, IC= 500mA
40
hFE(6)
VCE=1V, IC= 150mA
35
Collector-emitter saturation voltage
VCE(sat)1
IC=150mA, IB= 15mA
0.3
V
VCE(sat)2
IC=500mA, IB= 50mA
1
V
Base-emitter saturation voltage
VBE(sat)1
IC=150mA, IB=15mA
0.6
1.2
V
VBE(sat)2
IC=500mA, IB= 50mA
2
V
Transition frequency
fT
VCE=20V, IC= 20mA,
f=100MHz
300
MHz
Output Capacitance
Cob
VCB=10V, IE=0,f=1MHz
8
pF
Input Capacitance
Cib
VEB=0.5V,IC= 0,f=1MHz
25
pF
Noise Figure
NF
VCE=10V, IC=100μA,
f=1KHz,Rs=1KΩ
4
dB
MMDT2222A (NPN)
E
2
B
2
C
1
C
2
B
1
E
1
SOT-363


Similar Part No. - MMDT2222A

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
MMDT2222A TRSYS-MMDT2222A Datasheet
199Kb / 2P
DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
logo
Diodes Incorporated
MMDT2222A DIODES-MMDT2222A Datasheet
56Kb / 3P
DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30125 Rev. 5 - 2
MMDT2222A DIODES-MMDT2222A Datasheet
86Kb / 4P
DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30125 Rev. 9 - 2
logo
Pan Jit International I...
MMDT2222A PANJIT-MMDT2222A Datasheet
154Kb / 4P
DUAL SURFACE MOUNT NPN TRANSISTORS
logo
Galaxy Semi-Conductor H...
MMDT2222A BILIN-MMDT2222A Datasheet
172Kb / 3P
Dual NPN Small Signal Surface Mount Transistor
Rev.A
More results

Similar Description - MMDT2222A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S9013 ETC-S9013 Datasheet
963Kb / 2P
PLASTIC ENCAPSULATE TRANSISTORS
logo
Micro Commercial Compon...
MMDT5401 MCC-MMDT5401 Datasheet
116Kb / 3P
Plastic-Encapsulate Transistors
logo
SeCoS Halbleitertechnol...
BCX51 SECOS-BCX51 Datasheet
1Mb / 1P
Plastic-Encapsulate Transistors
D882 SECOS-D882 Datasheet
277Kb / 2P
Plastic Encapsulate Transistors
logo
Micro Commercial Compon...
MMDT5401 MCC-MMDT5401_11 Datasheet
231Kb / 3P
Plastic-Encapsulate Transistors
logo
MAKO SEMICONDUCTOR CO.,...
2SC945 MAKOSEMI-2SC945 Datasheet
99Kb / 2P
Plastic-Encapsulate Transistors
KTC3875 MAKOSEMI-KTC3875 Datasheet
88Kb / 2P
Plastic-Encapsulate Transistors
logo
Nanjing International G...
KTA1275 DGNJDZ-KTA1275 Datasheet
149Kb / 1P
Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
2SD2142 JIANGSU-2SD2142 Datasheet
271Kb / 1P
Plastic-Encapsulate Transistors
BC516 JIANGSU-BC516 Datasheet
401Kb / 3P
Plastic-Encapsulate Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com