Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMDT5401 Datasheet(PDF) 1 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

Part # MMDT5401
Description  Plastic-Encapsulate Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOTTECH [GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.]
Direct Link  http://www.hottech.net.cn/
Logo HOTTECH - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

MMDT5401 Datasheet(HTML) 1 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

  MMDT5401 Datasheet HTML 1Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. MMDT5401 Datasheet HTML 2Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page:P2-P1
Plastic-Encapsulate Transistors
GUANGDONG
HOTTECH
INDUSTRIAL
CO,. LTD.
FEATURES
Epitaxial Planar Die Construction
Complementary PNP Type Available(MMDT5551)
Ideal for Medium Power Amplification and Switching
MARKING: K4M
MAXIMUM RATINGS (TA=25
unless otherwise noted)
Parameter
Symbol
Value
Unit
Collector-Base Voltage
V
CBO
-160
V
Collector-Emitter Voltage
V
CEO
-150
V
Emitter-Base Voltage
V
EBO
-5
V
Collector Current -Continuous
I
C
-200
Collector Power Dissipation
I
C
200
Junction Temperature
T
J
150
Storage Temperature
Tstg
-55 to +150
ELECTRICAL CHARACTERISTICS (Tamb=25
unless otherwise specified)
Parameter
Symbol
Test
conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
VCBO
IC=-100μA ,
IE=0
-160
V
Collector-emitter breakdown voltage
VCEO
IC= -1mA ,
IB=0
-150
V
Emitter-base breakdown voltage
VEBO
IE=-10μA,
IC=0
-5
V
Collector cut-off current
ICBO
VCB=-120 V ,
IE=0
-0.05
μA
Emitter cut-off current
IEBO
VEB=-3V ,
IC=0
-0.05
μA
DC current gain
hFE(1)
VCE=-5 V,
IC= -1mA
50
hFE(2)
VCE=-5 V,
IC= -10mA
100
300
hFE(3)
VCE=-5 V,
IC= -50mA
50
Collector-emitter saturation voltage
VCE(sat)1
IC=-10 mA, IB=-1mA
-0.2
V
VCE(sat)2
IC=-50 mA, IB=-5mA
-0.5
V
Base-emitter saturation voltage
VBE(sat)1
IC= -10 mA, IB=-1mA
-1
V
VBE(sat)2
IC= -50 mA, IB=-5mA
-1
V
Transition frequency
f T
VCE= -10V, IC= -10mA,f = 100MHz
100
MHz
Output Capacitance
Cob
VCB=-10V,
IE= 0,f=1MHz
6
pF
Noise Figure
NF
VCE= -5.0V, IC= -200μA,
RS= 10Ω,f = 1.0kHz
8.0
dB
MMDT5401(PNP)
E
2
B
2
C
1
C
2
B
1
E
1
SOT-363
mW
mA


Similar Part No. - MMDT5401

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMDT5401 DIODES-MMDT5401 Datasheet
41Kb / 2P
DUAL PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30169 Rev. C-1
MMDT5401 DIODES-MMDT5401 Datasheet
81Kb / 4P
DUAL PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30169 Rev. 8 - 2
logo
Micro Commercial Compon...
MMDT5401 MCC-MMDT5401 Datasheet
116Kb / 3P
Plastic-Encapsulate Transistors
logo
Diodes Incorporated
MMDT5401 DIODES-MMDT5401 Datasheet
170Kb / 4P
DUAL PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 9 - 2
logo
SeCoS Halbleitertechnol...
MMDT5401 SECOS-MMDT5401 Datasheet
533Kb / 2P
Multi-Chip (PNPPNP) Transistor
More results

Similar Description - MMDT5401

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S9013 ETC-S9013 Datasheet
963Kb / 2P
PLASTIC ENCAPSULATE TRANSISTORS
logo
Micro Commercial Compon...
MMDT5401 MCC-MMDT5401 Datasheet
116Kb / 3P
Plastic-Encapsulate Transistors
logo
SeCoS Halbleitertechnol...
BCX51 SECOS-BCX51 Datasheet
1Mb / 1P
Plastic-Encapsulate Transistors
D882 SECOS-D882 Datasheet
277Kb / 2P
Plastic Encapsulate Transistors
logo
Micro Commercial Compon...
MMDT5401 MCC-MMDT5401_11 Datasheet
231Kb / 3P
Plastic-Encapsulate Transistors
logo
MAKO SEMICONDUCTOR CO.,...
2SC945 MAKOSEMI-2SC945 Datasheet
99Kb / 2P
Plastic-Encapsulate Transistors
KTC3875 MAKOSEMI-KTC3875 Datasheet
88Kb / 2P
Plastic-Encapsulate Transistors
logo
Nanjing International G...
KTA1275 DGNJDZ-KTA1275 Datasheet
149Kb / 1P
Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
2SD2142 JIANGSU-2SD2142 Datasheet
271Kb / 1P
Plastic-Encapsulate Transistors
BC516 JIANGSU-BC516 Datasheet
401Kb / 3P
Plastic-Encapsulate Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com