Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PXT8550 Datasheet(PDF) 1 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

Part # PXT8550
Description  Plastic-Encapsulate Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOTTECH [GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.]
Direct Link  http://www.hottech.net.cn/
Logo HOTTECH - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

PXT8550 Datasheet(HTML) 1 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

  PXT8550 Datasheet HTML 1Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. PXT8550 Datasheet HTML 2Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page:P2-P1
Plastic-Encapsulate Transistors
GUANGDONG
HOTTECH
INDUSTRIAL
CO,. LTD.
FEATURES
Complimentary to PXT8050
Collector current: IC=1.5A
MARKING: Y2
MAXIMUM RATINGS (TA=25
unless otherwise noted)
Parameter
Symbol
Value
Unit
Collector-Base Voltage
V
CBO
-40
V
Collector-Emitter Voltage
V
CEO
-25
V
Emitter-Base Voltage
V
EBO
-5
V
Collector Current -Continuous
I
C
-1500
mA
Collector Power Dissipation
P
C
1000
mW
Junction Temperature
T
J
150
Storage Temperature
Tstg
-55-150
ELECTRICAL CHARACTERISTICS (Tamb=25
unless otherwise specified)
Parameter
Symbol
Test
conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
V
CBO
I
C= 100μA,
I
E=0
-40
V
Collector-emitter breakdown voltage
V
CEO
I
C= 0.1mA,
I
B=0
-25
V
Emitter-base breakdown voltage
V
EBO
I
E= 100μA,
I
C=0
-5
V
Collector cut-off current
ICBO
V
CB= 40 V ,
I
E=0
-0.1
μA
Collector cut-off current
ICEO
V
CE= 20 V ,
I
B=0
-0.1
μA
Emitter cut-off current
IEBO
V
EB= 5V,
I
C=0
-0.1
μA
DC current gain
h
FE(1)
V
CE= -1V,
I
C= -100mA
85
400
h
FE(2)
V
CE= -1V,
I
C= -800mA
50
Collector-emitter saturation voltage
V
CE(sat)
I
C=-800mA, IB=-80mA
-0.5
V
Base-emitter saturation voltage
V
BE(sat)
I
C=-800mA, IB=-80mA
-1.2
V
Base-emitter voltage
V
BE
V
CE=-1V, IC=-10mA
-1
V
Base-emitter positive favor voltage
V
BEF
IB=-1A
-1.
5
V
Transition frequency
fT
VCE=-10V,IC=-50mA,f=30MHz
100
MHz
output capacitance
Cob
V
CB=-10V,IE=0,f=1MHz
20
pF
CLASSIFICATION
OF
HFE
Rank
B
C
D
D1
Range
85-160
120-200
160-300
300-400
1. BASE
2. COLLECTO
SOT-89
3. EMITTER
(PNP)
PXT8550


Similar Part No. - PXT8550

ManufacturerPart #DatasheetDescription
logo
Shenzhen Jin Yu Semicon...
PXT8550 HTSEMI-PXT8550 Datasheet
483Kb / 2P
TRANSISTOR(PNP)
logo
MAKO SEMICONDUCTOR CO.,...
PXT8550 MAKOSEMI-PXT8550 Datasheet
101Kb / 2P
Complimentary to PXT8050
logo
Galaxy Semi-Conductor H...
PXT8550 BILIN-PXT8550 Datasheet
517Kb / 4P
PLASTIC-ENCAPSULATE TRANSISTORS
logo
Jiangsu Changjiang Elec...
PXT8550 JIANGSU-PXT8550 Datasheet
3Mb / 4P
SOT-89-3L Plastic-Encapsulate Transistors
logo
Dongguan Pingjingsemi T...
PXT8550 PJSEMI-PXT8550 Datasheet
737Kb / 3P
PNP Transistor
More results

Similar Description - PXT8550

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S9013 ETC-S9013 Datasheet
963Kb / 2P
PLASTIC ENCAPSULATE TRANSISTORS
logo
Micro Commercial Compon...
MMDT5401 MCC-MMDT5401 Datasheet
116Kb / 3P
Plastic-Encapsulate Transistors
logo
SeCoS Halbleitertechnol...
BCX51 SECOS-BCX51 Datasheet
1Mb / 1P
Plastic-Encapsulate Transistors
D882 SECOS-D882 Datasheet
277Kb / 2P
Plastic Encapsulate Transistors
logo
Micro Commercial Compon...
MMDT5401 MCC-MMDT5401_11 Datasheet
231Kb / 3P
Plastic-Encapsulate Transistors
logo
MAKO SEMICONDUCTOR CO.,...
2SC945 MAKOSEMI-2SC945 Datasheet
99Kb / 2P
Plastic-Encapsulate Transistors
KTC3875 MAKOSEMI-KTC3875 Datasheet
88Kb / 2P
Plastic-Encapsulate Transistors
logo
Nanjing International G...
KTA1275 DGNJDZ-KTA1275 Datasheet
149Kb / 1P
Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
2SD2142 JIANGSU-2SD2142 Datasheet
271Kb / 1P
Plastic-Encapsulate Transistors
BC516 JIANGSU-BC516 Datasheet
401Kb / 3P
Plastic-Encapsulate Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com