Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP4354ADR2G Datasheet(PDF) 10 Page - ON Semiconductor

Part # NCP4354ADR2G
Description  Secondary Side SMPS OFF Mode Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP4354ADR2G Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NCP4354ADR2G Datasheet HTML 6Page - ON Semiconductor NCP4354ADR2G Datasheet HTML 7Page - ON Semiconductor NCP4354ADR2G Datasheet HTML 8Page - ON Semiconductor NCP4354ADR2G Datasheet HTML 9Page - ON Semiconductor NCP4354ADR2G Datasheet HTML 10Page - ON Semiconductor NCP4354ADR2G Datasheet HTML 11Page - ON Semiconductor NCP4354ADR2G Datasheet HTML 12Page - ON Semiconductor NCP4354ADR2G Datasheet HTML 13Page - ON Semiconductor NCP4354ADR2G Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
NCP4353, NCP4354
www.onsemi.com
10
APPLICATION INFORMATION
A typical application circuit for NCP435x series is shown
in Figure 28, done with an imaginary IC with all features in
one. Pin functions are available in pin description table.
Simplified typical application circuit for NCP4353B that
shows only available features in this IC is shown in
Figure 27. Figure 29 shows possible connection of the
NCP4353B to flyback primary controller.
IC will be derived in multiple versions with different
features for each of them.
Power Supply
The NCP435x is designed to operate from a single supply
up to 36 V. It starts to operate when VCC voltage reaches
3.5 V and stops when VCC voltage drops below 2.5 V. VCC
can be supplied by direct connection to the VOUT voltage
of the power supply. It is highly recommended to add a RC
filter (R1 and C3) in series from VOUT to VCC pin to reduce
voltage spikes and drops that are produced at the converter’s
output capacitors. Recommended values for this filter are
220
W and 1 mF.
Voltage Regulation Path
The output voltage is detected on the VSNS pin by the R4,
R5 and R6 voltage divider. This voltage is compared with
the internal precise voltage reference. The voltage
difference is amplified by gmV of the transconductance
amplifier. The amplifier output current is connected to the
FBC or DRIVE pin. The compensation network is also
connected to this pin to provide frequency compensation for
the voltage regulation path. This FBC (DRIVE) pin drives
regulation optocoupler that provides regulation of primary
side. The optocoupler is supplied via direct connection to
VOUT line through resistor R2.
Regulation information is transferred through the
optocoupler to the primary side controller where its FB pin
is usually pulled down to reduce energy transferred to
secondary output.
The VSNS voltage divider is shared with VMIN voltage
divider. The shared voltage divider can be connected in two
ways as shown in Figure 26. The divider type is selected
based on the ratio between VMIN and VOUT. When the
condition of Equation 1 is true, divider type 1 should be
used.
V
MIN u
V
OUT
V
REFM
V
REF
(eq. 1)
Output voltage for divider type 1 can be computed by
Equation 2
V
OUT + VREF
R4
) R5 ) R6
R5
) R6
(eq. 2)
and for type 2 by Equation 3.
V
OUT + VREF
R4
) R5 ) R6
R6
(eq. 3)
R7
VSNS
VMIN
R4
R5
R6
VOUT
R7
VSNS
VMIN
R4
R5
R6
VOUT
TYPE 1
TYPE 2
Figure 26. Shared Dividers Type
Current Regulation Path (A versions only)
The output current is sensed by the shunt resistor R12 in
series with the load. Voltage drop on R12 is compared with
internal
precise
voltage
reference
VREFC at ISNS
transconductance amplifier input.
Voltage difference is amplified by gmC to output current
of
amplifier,
connected
to
FBC
or
DRIVE
pin.
Compensation network is connected between this pin and
ISNS input to provide frequency compensation for current
regulation path. Resistor R13 separates compensation
network from sense resistor. Compensation network works
into low impedance without this resistor that significantly
decreases compensation network impact.
Current regulation point is set to current given by
Equation 4.
I
OUTLIM +
V
REFC
R12
(eq. 4)
OFF Mode Detection
OFF mode operation is advantageous for ultra low or zero
output current condition. The very long off time and the ultra
low power mode of the whole regulation system greatly
reduces the overall consumption.
The output voltage is varying between nominal and
minimal in OFF mode. When output voltage decreases
below set (except NCP4353A) minimum level, primary
controller is switched on until output capacitor C1 is charged
again to the nominal voltage.
The OFF mode detection is based on comparison of output
voltage and voltage loaded with fixed resistances (D2, C2,
R8 and R9). Figure 30 shows detection waveforms. When
output voltage is loaded with very low current, primary
controller goes into skip mode (primary controller stops
switching for some time). While output capacitor C1 is
discharged very slowly (no load condition), the capacitor C2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com