Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM1793 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1793
Description  24 BIT 192KHZ SAMPLING ADVANCED SEGMENT AUDIO STEREO DIGITAL TO ANALOG CONVERTER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1793 Datasheet(HTML) 18 Page - Texas Instruments

Back Button PCM1793 Datasheet HTML 14Page - Texas Instruments PCM1793 Datasheet HTML 15Page - Texas Instruments PCM1793 Datasheet HTML 16Page - Texas Instruments PCM1793 Datasheet HTML 17Page - Texas Instruments PCM1793 Datasheet HTML 18Page - Texas Instruments PCM1793 Datasheet HTML 19Page - Texas Instruments PCM1793 Datasheet HTML 20Page - Texas Instruments PCM1793 Datasheet HTML 21Page - Texas Instruments PCM1793 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
PCM1793
SLES076A − MARCH 2003 − REVISED JANUARY 2004
www.ti.com
18
FUNCTION DESCRIPTIONS
Zero Detect
When the PCM1793 detects that the audio input data in the L-channel or R-channel is continuously zero for 1024
fS, the PCM1793 sets ZEROL (pin 23) or ZEROR (pin 22) to HIGH.
Soft Mute
The PCM1793 supports mute operation. When MUTE (pin 4) is set to HIGH, both analog outputs are transitioned
to the bipolar zero level in −0.5-dB steps with a transition speed of 1/fS per step. This system provides pop-free muting
of the DAC output.
De-Emphasis
The PCM1793 has de-emphasis filters for sampling frequencies of 32 kHz, 44.1 kHz, and 48 kHz. DEMP1 (pin 25)
and DEMP0 (pin 24) select the sampling frequency for which de-emphasis filtering is performed, as shown in Table 3.
Table 3. De-Emphasis Control
DEMP1
PIN 25
DEMP0
PIN 24
DE-EMPHASIS FUNCTION
LOW
LOW
Disabled
LOW
HIGH
48 kHz
HIGH
LOW
44.1 kHz
HIGH
HIGH
32 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com