Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM1793DB Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1793DB
Description  24 BIT 192KHZ SAMPLING ADVANCED SEGMENT AUDIO STEREO DIGITAL TO ANALOG CONVERTER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1793DB Datasheet(HTML) 21 Page - Texas Instruments

Back Button PCM1793DB Datasheet HTML 17Page - Texas Instruments PCM1793DB Datasheet HTML 18Page - Texas Instruments PCM1793DB Datasheet HTML 19Page - Texas Instruments PCM1793DB Datasheet HTML 20Page - Texas Instruments PCM1793DB Datasheet HTML 21Page - Texas Instruments PCM1793DB Datasheet HTML 22Page - Texas Instruments PCM1793DB Datasheet HTML 23Page - Texas Instruments PCM1793DB Datasheet HTML 24Page - Texas Instruments PCM1793DB Datasheet HTML 25Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
PCM1793
SLES076A − MARCH 2003 − REVISED JANUARY 2004
www.ti.com
21
Analog Gain of Balanced Amplifier
The DAC voltage outputs are followed by balanced amplifier stages, which sum the differential signals for each
channel, creating a single-ended voltage output. In addition, the balanced amplifiers provide a third-order
low-pass filter function, which band limits the audio output signal. The cutoff frequency and gain are determined
by external R and C component values. In this case, the cutoff frequency is 77 kHz with a gain of 1.83. The
output voltage for each channel is 5.9 Vp-p, or 2.1 V rms.
THEORY OF OPERATION
Analog
Voltage
Output
Digital
Input
24 Bit
8 fS
MSB
and
Lower 18 Bit
Upper
6 Bit
ICOB
Decoder
3rd-Order
5-Level
Sigma-Delta
Advanced
DWA
Current
Segment
DAC
0−4
Level
0−62
Level
0−66
I/V
Converter
Figure 29. Advanced Segment DAC With I/V Converter
The PCM1793 uses TI’s advanced segment DAC architecture to achieve excellent dynamic performance and
improved tolerance to clock jitter. The PCM1793 provides balanced voltage outputs.
Digital input data via the digital filter is separated into 6 upper bits and 18 lower bits. The 6 upper bits are converted
to inverted complementary offset binary (ICOB) code. The lower 18 bits, associated with the MSB, are processed
by a five-level third-order delta-sigma modulator operated at 64 fS by default. The 1 level of the modulator is equivalent
to the 1 LSB of the ICOB code converter. The data groups processed in the ICOB converter and third-order
delta-sigma modulator are summed together to an up-to-66-level digital code, and then processed by data-weighted
averaging (DWA) to reduce the noise produced by element mismatch. The data of up to 66 levels from the DWA is
converted to an analog output in the differential-current segment section.
This architecture has overcome the various drawbacks of conventional multibit processing and also achieves
excellent dynamic performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com