Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASPI-1207S Datasheet(PDF) 1 Page - Abracon Corporation

Part # ASPI-1207S
Description  SHIELDED POWER INDUCTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASPI-1207S Datasheet(HTML) 1 Page - Abracon Corporation

  ASPI-1207S Datasheet HTML 1Page - Abracon Corporation ASPI-1207S Datasheet HTML 2Page - Abracon Corporation ASPI-1207S Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ASPI-1207S-xxx
ELECTRICAL SPECIFICATIONS:
FEATURES:
APPLICATIONS:
12.0 x 12.0 x 8.0 mm
Storage Temperature
PARAMETERS
Operating Temperature
-40ºC to +85ºC
ABRACON P/N
ASPI-1207S-xxx
Under +25ºC, Humidity <75% R.H.
Pb RoHS
Compliant
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
Revised: 08.05.09
Visit www.abracon.com for Terms & Conditions of Sale
SHIELDED POWER INDUCTOR
OPTIONS & PART IDENTIFICATION:
(Left blank if standard)
c
• High saturation
• Magnetic shielding
• Very small footprint
• Flat-top for pick and place
• Low resistance to keep power loss minimum
• Palm-top and laptop
• LCD TV
• Power line DC to DC converters used in hard drive,
notebook computer
Part Number
L
Tolerance
RDC
IDC
ASPI-1207S-
(µµH)
%
(( Ω
Ω ))
Max
(A)Max
1R0
1.0
M
0.006
14.00
2R4
2.4
M
0.010
10.30
3R5
3.5
M
0.012
9.30
4R6
4.6
M
0.014
9.10
5R8
5.8
M
0.016
8.60
7R4
7.4
M
0.018
7.40
100
10
M
0.019
6.70
120
12
M
0.021
6.45
150
15
M
0.026
5.65
180
18
M
0.028
5.10
220
22
M
0.036
4.70
270
27
M
0.041
4.20
330
33
M
0.053
3.90
390
39
M
0.060
3.50
470
47
M
0.078
3.25
560
56
M
0.090
2.90
680
68
M
0.120
2.60
820
82
M
0.119
2.40
101
100
M
0.151
2.10
121
120
M
0.169
1.90
151
150
M
0.227
1.80
181
180
M
0.299
1.55
221
220
M
0.338
1.45
271
270
M
0.419
1.30
331
330
M
0.471
1.20
T
Tape & Reel
ASPI - 1207S -
M -
Inductance Code
Packaging
Refer to the Table
Note: Tolerance M=±20%
Inductance tested at 100KHz, 0.1VRMS
Part Number
L
Tolerance
RDC
IDC
ASPI-1207S-
(µµH)
%
( Ω
Ω )
Max
(A)Max
391
390
M
0.572
1.10
471
470
M
0.741
1.00
561
560
M
0.852
0.95
681
680
M
1.130
0.85
821
820
M
1.240
0.75
102
1000
M
1.500
0.70


Similar Part No. - ASPI-1207S

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASPI-1205S ABRACON-ASPI-1205S Datasheet
1Mb / 2P
SHIELDED POWER INDUCTOR
08.18.09
More results

Similar Description - ASPI-1207S

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
DR340-2-392 DATATRONICS-DR340-2-392 Datasheet
120Kb / 1P
SHIELDED POWER INDUCTOR
DR340-5-103 DATATRONICS-DR340-5-103 Datasheet
106Kb / 2P
SHIELDED POWER INDUCTOR
logo
Accetek Electronics (Sh...
1MX ACCETEK-1MX Datasheet
196Kb / 2P
Shielded Power Inductor
logo
Allied Components Inter...
PS100 ALLIED-PS100 Datasheet
275Kb / 1P
Power Shielded Inductor
PS120 ALLIED-PS120 Datasheet
397Kb / 1P
Power Shielded Inductor
logo
Coilcraft lnc.
FA2769-AL COILCRAFT-FA2769-AL Datasheet
457Kb / 2P
Shielded Power Inductor
logo
XFMRS Inc.
XFRCR108D-100K XFMRS-XFRCR108D-100K Datasheet
34Kb / 1P
SHIELDED POWER INDUCTOR
logo
Coilcraft lnc.
XEL4020 COILCRAFT-XEL4020_18 Datasheet
232Kb / 4P
Shielded Power Inductor
XEL5020 COILCRAFT-XEL5020 Datasheet
223Kb / 2P
Shielded Power Inductor
XFL6060-473 COILCRAFT-XFL6060-473_17 Datasheet
200Kb / 2P
Shielded Power Inductor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com