Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASPI1338 Datasheet(PDF) 1 Page - Abracon Corporation

Part # ASPI1338
Description  SHIELDED POWER INDUCTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASPI1338 Datasheet(HTML) 1 Page - Abracon Corporation

  ASPI1338 Datasheet HTML 1Page - Abracon Corporation ASPI1338 Datasheet HTML 2Page - Abracon Corporation ASPI1338 Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
LOW PROFILE HIGH CURRENT SMD
SHIELDED POWER INDUCTOR
|||||||||| | | | | |
ASPI-1338
STANDARD SPECIFICATIONS:
APPLICATIONS:
FEATURES:
Pb RoHS
Compliant
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001:2008
CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001| www.abracon.com
Revised: 04.12.12
Visit www.abracon.com for Terms & Conditions of Sale
OPTIONS AND PART IDENTIFICATION:
(Left blank if standard)
100% lead (Pb) free.
Lowest DCR/uH, in this package size.
Frequency range up to 5.0MHZ.
Handles high transient current spikes without saturation
Ultra low buzz noise, due to composite construction.
PDA/Notebook/Desktop/Server applications.
Low profile, high current power supplies.
Battery powered devices.
DC/DC converter for Field Programmable Gate Array(FPGA)
Key Electrical Specifications @25oC
Part Number
Inductance
@ 0A
Tolerance
Test Freq
DCR Typ
DCR Max
Saturation
Current
Temperature
Rise Current
Units
μH
%
kHz
A
A
Symbol
L
N, M
Isat*
Irms*
ASPI-1338-R22
0.22
N
200
0.75
1.3
65.0
38.5
ASPI-1338-8R2
8.2
M
200
26.5
31
13.5
8.0
Contact ABRACON for other values available.
Test Conditions
1. Inductance tested at 200kHz, 0.25V, 0A; Tolerance M=±20%, N=±30%
2. All test data is in reference to 25°C ambient.
3. Isat will cause the inductance value to drop approximately 30%
4. Irms willcause an approximate ΔT of 40°C
5. The part temperature (ambient + temp. rise) should not exceed 125°C under worst case operating
conditions. Circuit design, component placement, PWB trace size and thickness, airflow and other
cooling provisions all affect the part temperature. Part temperature should be verified in the end
application.
6. Please contact Abracon for the availability of other inductance values.
PARAMETERS
ABRACON P/N:
Operating temperature:
Storage temperature:
ASPI-1338 xxxx
-40˚C to +125˚C
Less than +40˚C, and 70% RH
12.9 x 13.8 x 3.8mm
ASPI-1338-
-
*N for 0.22µH
*M for 8.2µH
Inductance Code
Please refer to the
Electrical Spec Table
Packaging
T: Tape and Reel (500pcs / reel)
Tolerance
M: ±20% *
N: ±30% *


Similar Part No. - ASPI1338

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASPI104S ABRACON-ASPI104S Datasheet
713Kb / 2P
LOW PROFILE SHIELDED SMD POWER INDUCTORS
02.22.11
More results

Similar Description - ASPI1338

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
DR340-5-103 DATATRONICS-DR340-5-103 Datasheet
106Kb / 2P
SHIELDED POWER INDUCTOR
logo
Accetek Electronics (Sh...
1MX ACCETEK-1MX Datasheet
196Kb / 2P
Shielded Power Inductor
logo
Allied Components Inter...
PS100 ALLIED-PS100 Datasheet
275Kb / 1P
Power Shielded Inductor
PS120 ALLIED-PS120 Datasheet
397Kb / 1P
Power Shielded Inductor
logo
Coilcraft lnc.
FA2769-AL COILCRAFT-FA2769-AL Datasheet
457Kb / 2P
Shielded Power Inductor
logo
Abracon Corporation
ASPI-1207S ABRACON-ASPI-1207S Datasheet
1Mb / 3P
SHIELDED POWER INDUCTOR
08.05.09
logo
XFMRS Inc.
XFRCR108D-100K XFMRS-XFRCR108D-100K Datasheet
34Kb / 1P
SHIELDED POWER INDUCTOR
logo
Coilcraft lnc.
XEL4020 COILCRAFT-XEL4020_18 Datasheet
232Kb / 4P
Shielded Power Inductor
XEL5020 COILCRAFT-XEL5020 Datasheet
223Kb / 2P
Shielded Power Inductor
XFL6060-473 COILCRAFT-XFL6060-473_17 Datasheet
200Kb / 2P
Shielded Power Inductor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com