Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASPI-1367 Datasheet(PDF) 1 Page - Abracon Corporation

Part # ASPI-1367
Description  SHIELDED SMD CHIP POWER INDUCTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASPI-1367 Datasheet(HTML) 1 Page - Abracon Corporation

  ASPI-1367 Datasheet HTML 1Page - Abracon Corporation ASPI-1367 Datasheet HTML 2Page - Abracon Corporation ASPI-1367 Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ELECTRICAL SPECIFICATIONS:
Pb RoHS
Compliant
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001:2008
CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California92688
tel 949-546-8000| fax 949-546-8001 | www.abracon.com
Revised: 04.04.12
Visit www.abracon.com for Terms & Conditions of Sale
FEATURES:
APPLICATIONS:
ABRACON P/N:
ASPI-1367
Operating Temperature:
Storage Temperature:
OPTIONS AND PART IDENTIFICATION
SHIELDED SMD CHIP POWER INDUCTOR
ASPI-1367
• 100%lead (Pb) free.
• Lowest DCR/uH, in this package size.
• Frequency range up to 5.0MHZ.
• Handles high transient current spikes without saturation
• Ultra low buzz noise, due to composite construction.
• PDA/Notebook/Desktop/Server applications.
• Low profile, high current power supplies.
• Battery powered devices.
• DC/DC converter for Field Programmable Gate Array(FPGA)
Test Conditions
1. Inductance tested at 200kHz, 0.25V, 0A; Tolerance M=±20%, N=±30%
2. All test data is in reference to 25°C ambient.
3. Isat will cause the inductance value to drop approximately 30%
4. Irms will cause an approximate ΔT of 40°C
5. The part temperature (ambient + temp. rise) should not exceed 125°C under worst case operating
conditions. Circuit design, component placement, PWB trace size and thickness, airflow and other
cooling provisions all affect the part temperature. Part temperature should be verified in the end application.
6. Please contact Abracon for the availability of other inductance values.
-40˚C to +125˚C
Less than +40˚C, 70% RH.
ASPI-1367-
-
*N for 0.1µH
*M for 0.33~10µH
Part Number
L
Tolerance
RDC
RDC
Isat
Irms
ASPI-1367-
(µH)
(M, N)
Typ
Max
(A)
(A)
R10
0.1
N
0.25
0.5
80.0
60.0
R33
0.33
M
0.6
0.8
65.0
46.0
2R2
2.2
M
3.8
4.2
33.0
20.0
3R3
3.3
M
5.5
6.8
29.0
15.0
4R7
4.7
M
9.5
11.2
25.0
13.5
5R6
5.6
M
10.5
11.5
24.0
12.0
6R8
6.8
M
13.5
14.9
16.5
11.5
8R2
8.2
M
15.2
16.6
16.0
10.5
100
10
M
17.0
18.5
15.5
10.0
Inductance Code
Please refer to the
Electrical Spec Table
Packaging
T: Tape and Reel (250pcs / reel)
Tolerance
M: ±20% *
N: ±30% *
14.0 x 12.9 x 6.7mm
(mΩ)
(mΩ)


Similar Part No. - ASPI-1367

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASPI-1367-100 ABRACON-ASPI-1367-100 Datasheet
79Kb / 1P
HIGH CURRENT SHIELDED INDUCTOR
ASPI-1367-1R0 ABRACON-ASPI-1367-1R0 Datasheet
79Kb / 1P
HIGH CURRENT SHIELDED INDUCTOR
ASPI-1367-1R2 ABRACON-ASPI-1367-1R2 Datasheet
79Kb / 1P
HIGH CURRENT SHIELDED INDUCTOR
ASPI-1367-1R5 ABRACON-ASPI-1367-1R5 Datasheet
79Kb / 1P
HIGH CURRENT SHIELDED INDUCTOR
ASPI-1367-1R8 ABRACON-ASPI-1367-1R8 Datasheet
79Kb / 1P
HIGH CURRENT SHIELDED INDUCTOR
More results

Similar Description - ASPI-1367

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
PCSV25-1R0M-RC ALLIED-PCSV25-1R0M-RC Datasheet
336Kb / 1P
SMD SHIELDED POWER CHIP INDUCTOR
PCSV30-1R0M-RC ALLIED-PCSV30-1R0M-RC Datasheet
334Kb / 1P
SMD SHIELDED POWER CHIP INDUCTOR
PCSV35-1R0M-RC ALLIED-PCSV35-1R0M-RC Datasheet
339Kb / 1P
SMD SHIELDED POWER CHIP INDUCTOR
PCSV60-2R2M-RC ALLIED-PCSV60-2R2M-RC Datasheet
480Kb / 1P
SMD SHIELDED POWER CHIP INDUCTOR
PCFV52 ALLIED-PCFV52 Datasheet
608Kb / 1P
SMD Shielded Power Chip Inductor
PCSV48 ALLIED-PCSV48 Datasheet
408Kb / 1P
SMD SHIELDED POWER CHIP INDUCTOR
PCSV52 ALLIED-PCSV52 Datasheet
378Kb / 1P
SMD SHIELDED POWER CHIP INDUCTOR
PCSV65 ALLIED-PCSV65 Datasheet
632Kb / 1P
SMD SHIELDED POWER CHIP INDUCTOR
PCSV49 ALLIED-PCSV49 Datasheet
424Kb / 1P
SMD SHIELDED POWER CHIP INDUCTOR
PCHP54NF ALLIED-PCHP54NF Datasheet
1Mb / 3P
SMD SHIELDED POWER CHIP INDUCTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com