Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASPI-1306S-101M Datasheet(PDF) 2 Page - Abracon Corporation

Part # ASPI-1306S-101M
Description  SMD SHIELDED POWER INDUCTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASPI-1306S-101M Datasheet(HTML) 2 Page - Abracon Corporation

  ASPI-1306S-101M Datasheet HTML 1Page - Abracon Corporation ASPI-1306S-101M Datasheet HTML 2Page - Abracon Corporation ASPI-1306S-101M Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ELECTRICAL SPECIFICATION CHART
ASPI-1306S
30332 Esperanza, Rancho Santa Margarita, California92688
tel 949-546-8000| fax 949-546-8001| www.abracon.com
Revised: 07.25.13
Visit www.abracon.com for Terms & Conditions of Sale
SMD SHIELDED POWER INDUCTOR
18.5 x 15.2 x 7.6 mm
ABRACON IS
CERTIFIED
ABRACON IS
ISO9001:2008
CERTIFIED
Pb RoHS
Compliant
Dimension: mm
Materials
No
Part Name
Material
1
Core
Fe2O3
NiO
CuO
MgO
ZnO
MnO2
2
Enamelled Wire
Copper
Modified Polyester Resin
3
Base
Copper
Iron
Zinc
Tin
4
SN
COF
PURE Tin PLATING
DIM.
TOL.
A
12.7
±0.2
B
7.62
Max.
C
15.24
Max.
D
18.54
Max.
E
2.92
REF.
F
12.45
REF.
G
2.79
REF.
Item
mark
Temperature rise gradient
3oC/sec (max)
Heating time
Tsoak
50s ~ 150s
Heating temperature
120oC~180oC
Time over 217oC
t1
70 sec
Time within 5oC of actual peak temperature
t3
10~30 sec
Peak temperature
Tpeak
250 ( +0 / -5oC )
Time 25oC to peak Temperature
6 minutes max.
Temperature(°C)
Time (sec)
Tpeak
t3
t1
Tsoak
t3
t1
25°C
Time 25°C to peak
REFLOW PROFILE:



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com