Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P103W Datasheet(PDF) 2 Page - International Rectifier

Part # P103W
Description  PASSIVATED ASSEMBLED CIRCUIT ELEMENTS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

P103W Datasheet(HTML) 2 Page - International Rectifier

  P103W Datasheet HTML 1Page - International Rectifier P103W Datasheet HTML 2Page - International Rectifier P103W Datasheet HTML 3Page - International Rectifier P103W Datasheet HTML 4Page - International Rectifier P103W Datasheet HTML 5Page - International Rectifier P103W Datasheet HTML 6Page - International Rectifier P103W Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
P100 Series
2
Bulletin I27125 rev. A 04/99
www.irf.com
V
RRM
maximum repetitive
V
RSM
maximum non-
V
DRM
maximum
I
RRM
max.
Type number
peak reverse voltage
repetitive peak reverse
repetitive peak off-state
@ T
J
max.
voltage
voltage
VV
V
mA
P101, P121, P131
400
500
400
10
P102, P122, P132
600
700
600
P103, P123, P133
800
900
800
P104, P124, P134
1000
1100
1000
P105, P125, P135
1200
1300
1200
ELECTRICAL SPECIFICATIONS
Voltage Ratings
ID
Maximum DC output current
2 5
A
@ TC = 85°C, full bridge
I
TSM
Max. peak one-cycle
357
t = 10ms
No voltage
I
FSM
non-repetitive on-state
375
t = 8.3ms
reapplied
or forward current
300
t = 10ms
100% V
RRM
315
t = 8.3ms
reapplied
Sinusoidal half wave,
I
2t
Maximum I2t for fusing
637
t = 10ms
No voltage
Initial T
J = TJ max.
580
t = 8.3ms
reapplied
450
t = 10ms
100% V
RRM
410
t = 8.3ms
reapplied
I
2
√t
Maximum I
2
√t for fusing
6365
A
2
√s
t = 0.1 to 10ms, no voltage reapplied
I
2t for time tx = I2
√t . √tx
V
T(TO)
Max. value of threshold voltage
0.82
V
T
J = 125°C
r
t1
Max. level value of on-state
slope resistance
V
TM
Max. peak on-state or
V
FM
forward voltage drop
di/dt
Maximum non repetitive rate of
T
J = 125°C from 0.67 VDRM
rise of turned on current
I
TM
=
π x I
T(AV), I
g = 500mA, tr < 0.5µs, tp > 6µs
I
H
Maximum holding current
130
mA
T
J
= 25°C anode supply = 6V, resistive load, gate open
I
L
Maximum latching current
250
mA
T
J = 25°C anode supply = 6V, resistive load
Parameter
P100
Units Conditions
On-state Conduction
A
A
2s
12
m
Ω
T
J
= 125°C, Av. power = V
T(TO) * IT(AV) + r
t + (IT(RMS))
2
1.35
V
T
J = 25°C, ITM = π x I T(AV)
200
A/µs



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com